Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S11151-2048_KMPD1119E04 Datasheet(PDF) 5 Page - Hamamatsu Corporation

Part # S11151-2048_KMPD1119E04
Description  S11151-2048
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S11151-2048_KMPD1119E04 Datasheet(HTML) 5 Page - Hamamatsu Corporation

  S11151-2048_KMPD1119E04 Datasheet HTML 1Page - Hamamatsu Corporation S11151-2048_KMPD1119E04 Datasheet HTML 2Page - Hamamatsu Corporation S11151-2048_KMPD1119E04 Datasheet HTML 3Page - Hamamatsu Corporation S11151-2048_KMPD1119E04 Datasheet HTML 4Page - Hamamatsu Corporation S11151-2048_KMPD1119E04 Datasheet HTML 5Page - Hamamatsu Corporation S11151-2048_KMPD1119E04 Datasheet HTML 6Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
CCD linear image sensor
S11151-2048
5
Pin connections
Pin no.
Symbol
Function
Remark (standard operation)
1
OS
Output transistor source
RL=2.2 k
Ω
2
OD
Output transistor drain
+13 V
3
OG
Output gate
+3 V
4
SG
Summing gate
Same pulse as P2H
5
SS
Substrate
GND
6
RD
Reset drain
+11 V
7-
8-
9
P2H
CCD horizontal register clock-2
+5/-4 V
10
P1H
CCD horizontal register clock-1
+5/-4 V
11
-
12
IGH
Test point (horizontal input gate)
-4 V
13
IGV
Test point (vertical input gate)
-4 V
14
ISV
Test point (vertical input source)
Connect it to RD.
15
ISH
Test point (horizontal input source)
Connect it to RD.
16
-
17
SS
Substrate
GND
18
RD
Reset drain
+11 V
19
-
20
-
21
-
22
-
23
TG
Transfer gate
+8/-4 V
24
RG
Reset gate
+5/-4 V
41.6 ± 0.42
Photosensitive area 28.672 × 0.200
27.94 ± 0.3
2.54 ± 0.13
0.5 ± 0.05
1.115 ± 0.1
*1
*1: Length from upper surface of window to
photosensitive surface
*2: Length from bottom surface of package
to photosensitive surface
*3: Window thickness
Index mark
Index mark
0.5 ± 0.05
*3
1.65 ± 0.2
*2
Photosensitive
surface
24
112
13
Note: This product is not hermetically sealed and moisture may penetrate inside the package.
Avoid using or storing this product in an environment where sudden temperature and
humidity changes may occur and cause condensation in the package.
Dimensional outline (unit: mm, tolerance unless otherwise noted: ±0.1)
KMPDA0261EC


Similar Part No. - S11151-2048_KMPD1119E04

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S11151-2048 HAMAMATSU-S11151-2048_15 Datasheet
241Kb / 6P
   CCD linear image sensor
More results

Similar Description - S11151-2048_KMPD1119E04

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S11155-2048-01 HAMAMATSU-S11155-2048-01 Datasheet
468Kb / 8P
   S11155-2048-01 S11156-2048-01
logo
SHANGHAI BELLING CO., L...
BL3208A BELLING-BL3208A Datasheet
39Kb / 2P
   2048-Stage BBD
logo
NEC
UPB412 NEC-UPB412 Datasheet
227Kb / 5P
   2048 BIT BIPOLAR TTL
UPB421C NEC-UPB421C Datasheet
234Kb / 6P
   2048 BIT BIPOLAR TTL
logo
Panasonic Semiconductor
MN3008 PANASONIC-MN3008 Datasheet
168Kb / 4P
   2048-Stage Low Noise BBD
logo
Advanced Micro Devices
AM27S23 AMD-AM27S23 Datasheet
449Kb / 9P
   2048-BIT (256X8) BIPOLAR PROM
logo
NEC
UPD799 NEC-UPD799 Datasheet
506Kb / 8P
   2048-BIT CCD IMAGE SENSOR
logo
ATMEL Corporation
AT88RF020 ATMEL-AT88RF020 Datasheet
194Kb / 14P
   13.56 MHz, 2048-bit RFID EEPROM
TH7841A ATMEL-TH7841A Datasheet
207Kb / 12P
   Linear CCD Image Sensor (2048 Pixels)
logo
NEC
UPD3573 NEC-UPD3573 Datasheet
223Kb / 9P
   2048-BIT CCD LINEAR IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com