Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0473560401 Datasheet(PDF) 2 Page - Weidmuller

Part # 0473560401
Description  Connector markers, L x W: 5 x 5 mm, Polyamide, white
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0473560401 Datasheet(HTML) 2 Page - Weidmuller

  0473560401 Datasheet HTML 1Page - Weidmuller 0473560401 Datasheet HTML 2Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product catalogue | Installation Products | Markings | Terminal markers | Card | Dekafix | Standard print | Dek 5 | Vertical |
Digits continuous
- 2 -
Classifications
ETIM 2.0
EC000761
ETIM 3.0
EC000761
eClass 4.1
24-19-02-19
eClass 5.0
27-14-11-37
eClass 5.1
27-14-11-37
Similar products
Order No.
Part designation
Version
0473560001
DEK 5 FS 1-50
Connector markers, L x W: 5 x 5 mm, Polyamide, white
0473560051
DEK 5 FS 51-100
Connector markers, L x W: 5 x 5 mm, Polyamide, white
0473560101
DEK 5 FS 101-150
Connector markers, L x W: 5 x 5 mm, Polyamide, white
0473560151
DEK 5 FS 151-200
Connector markers, L x W: 5 x 5 mm, Polyamide, white
0473560201
DEK 5 FS 201-250
Connector markers, L x W: 5 x 5 mm, Polyamide, white
0473560251
DEK 5 FS 251-300
Connector markers, L x W: 5 x 5 mm, Polyamide, white
0473560301
DEK 5 FS 301-350
Connector markers, L x W: 5 x 5 mm, Polyamide, white
0473560351
DEK 5 FS 351-400
Connector markers, L x W: 5 x 5 mm, Polyamide, white
0473560451
DEK 5 FS 451-500
Connector markers, L x W: 5 x 5 mm, Polyamide, white
0473560501
DEK 5 FS 501-550
Connector markers, L x W: 5 x 5 mm, Polyamide, white
0473560551
DEK 5 FS 551-600
Connector markers, L x W: 5 x 5 mm, Polyamide, white
0473560601
DEK 5 FS 601-650
Connector markers, L x W: 5 x 5 mm, Polyamide, white
0473560651
DEK 5 FS 651-700
Connector markers, L x W: 5 x 5 mm, Polyamide, white
0473560701
DEK 5 FS 701-750
Connector markers, L x W: 5 x 5 mm, Polyamide, white
0473560751
DEK 5 FS 751-800
Connector markers, L x W: 5 x 5 mm, Polyamide, white
0473560801
DEK 5 FS 801-850
Connector markers, L x W: 5 x 5 mm, Polyamide, white
0473560851
DEK 5 FS 851-900
Connector markers, L x W: 5 x 5 mm, Polyamide, white
0473560901
DEK 5 FS 901-950
Connector markers, L x W: 5 x 5 mm, Polyamide, white
0473560951
DEK 5 FS 951-999
Connector markers, L x W: 5 x 5 mm, Polyamide, white


Similar Part No. - 0473560401

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0473560451 WEIDMULLER-0473560451 Datasheet
72Kb / 2P
   Connector markers, L x W: 5 x 5 mm, Polyamide, white
More results

Similar Description - 0473560401

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0473560051 WEIDMULLER-0473560051 Datasheet
72Kb / 2P
   Connector markers, L x W: 5 x 5 mm, Polyamide, white
0473460051 WEIDMULLER-0473460051 Datasheet
72Kb / 2P
   Connector markers, L x W: 5 x 5 mm, Polyamide, white
0460660071 WEIDMULLER-0460660071 Datasheet
72Kb / 2P
   Connector markers, L x W: 5 x 5 mm, Polyamide white
0522361075 WEIDMULLER-0522361075 Datasheet
74Kb / 2P
   Connector markers, L x W: 5 x 5 mm, Polyamide, white
0473460151 WEIDMULLER-0473460151 Datasheet
72Kb / 2P
   Connector markers, L x W: 5 x 5 mm, Polyamide, white
0473460351 WEIDMULLER-0473460351 Datasheet
72Kb / 2P
   Connector markers, L x W: 5 x 5 mm, Polyamide, white
0473460801 WEIDMULLER-0473460801 Datasheet
72Kb / 2P
   Connector markers, L x W: 5 x 5 mm, Polyamide, white
0460660001 WEIDMULLER-0460660001 Datasheet
72Kb / 2P
   Connector markers, L x W: 5 x 5 mm, Polyamide,white
0460660021 WEIDMULLER-0460660021 Datasheet
72Kb / 2P
   Connector markers, L x W: 5 x 5 mm, Polyamide, white
0460660031 WEIDMULLER-0460660031 Datasheet
72Kb / 2P
   Connector markers, L x W: 5 x 5 mm, Polyamide, white
0523060051 WEIDMULLER-0523060051 Datasheet
72Kb / 2P
   Connector markers, L x W: 5 x 5 mm, Polyamide, white
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com