Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTR50KBG4700-H Datasheet(PDF) 5 Page - MERITEK ELECTRONICS CORPORATION

Part # MTR50KBG4700-H
Description  Power Resistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MTR50KBG4700-H Datasheet(HTML) 5 Page - MERITEK ELECTRONICS CORPORATION

  MTR50KBG4700-H Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MTR50KBG4700-H Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION MTR50KBG4700-H Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION MTR50KBG4700-H Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION MTR50KBG4700-H Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION MTR50KBG4700-H Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION MTR50KBG4700-H Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION MTR50KBG4700-H Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MTR35
Dimensions
Derating Curve
Electrical Characteristics Specifications
TCR (PPM/°C)
Item
Type
Resistance Range
±0.5%
±1%
±5%
±10%
0.05
Ω - 0.1Ω
>0.1
Ω - 1Ω
>1
Ω - 3Ω
±300
±300
±300
>3
Ω - 10Ω
±100
±200
±100
±200
±100
±200
MTR
>10
Ω - 10KΩ
±50
±100
±200
±50
±100
±200
±50
±100
±200
±50
±100
±200
Operating Voltage: 350VMax
Dielectric Strength: 1800VAC
Insulation Resistance: 10G
Ω min.
Working Temperature Range: -65°C to +150°C
Resistance Value < 1
Ω is available
Type
Weight (g)
(1000pcs)
MTR35
1902
MTR Series
Power Resistors
Rev.7


Similar Part No. - MTR50KBG4700-H

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MTR50 INTERPOINT-MTR50 Datasheet
609Kb / 20P
   MTR (50) Single and Dual DC-DC Converters
More results

Similar Description - MTR50KBG4700-H

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
NPR2-T220 RIEDON-NPR2-T220 Datasheet
371Kb / 3P
   Power Resistors
KHR4-T600 RIEDON-KHR4-T600 Datasheet
349Kb / 2P
   Power Resistors
logo
RFE international
MOR RFE-MOR Datasheet
977Kb / 2P
   Power Resistors
DEC-29-2023
RHA RFE-RHA Datasheet
2Mb / 3P
   Power Resistors
12-11-2020
logo
Riedon Powertron
KPR2-T218 RIEDON-KPR2-T218 Datasheet
310Kb / 2P
   Power Resistors
KHR4-T227-1.0-OHM-5 RIEDON-KHR4-T227-1.0-OHM-5 Datasheet
226Kb / 3P
   Power Resistors
KHN2-T227-20-OHM-5 RIEDON-KHN2-T227-20-OHM-5 Datasheet
226Kb / 3P
   Power Resistors
NPR2-T220 RIEDON-NPR2-T220_13 Datasheet
209Kb / 3P
   Power Resistors
KHR2-T227 RIEDON-KHR2-T227 Datasheet
340Kb / 3P
   Power Resistors
logo
Dubilier
DWR01J75RT52 DUBILIER-DWR01J75RT52 Datasheet
326Kb / 2P
   Resistors Power Wire Wound Resistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com