Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KP1020S Datasheet(PDF) 5 Page - COSMO Electronics Corporation

Part # KP1020S
Description  PRODUCT SPECIFICATION
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KP1020S Datasheet(HTML) 5 Page - COSMO Electronics Corporation

  KP1020S Datasheet HTML 1Page - COSMO  Electronics Corporation KP1020S Datasheet HTML 2Page - COSMO  Electronics Corporation KP1020S Datasheet HTML 3Page - COSMO  Electronics Corporation KP1020S Datasheet HTML 4Page - COSMO  Electronics Corporation KP1020S Datasheet HTML 5Page - COSMO  Electronics Corporation KP1020S Datasheet HTML 6Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PRODUCT SPECIFICATION
DATE:01/26/2010
NO.61P02009
cosmo
ELECTRONICS CORPORATION
Photocoupler:
KP1020S
SHEET 5 OF 6
REV.
1
Fig.6
Collector Current vs.
Collector-Emitter Voltage
Fig.7
Relative Current Transfer Ratio
vs. Ambient Temperature
0
01
5
10
23
4
6
57
5mA
9
8
20mA
20
15
25
30
Ta=25°
10mA
C
IF=30mA
-5 5
0
0
50
25
50
100
75
IF = 5 m A
VC E= 5 V
15 0
10 0
Collector-Emitter Voltage VCE (V)
Ambient Temperature Ta ()
Fig.8
Collector-Emitter Saturation
Voltage vs. Ambient Temperature
Fig.9
Collector-Emitter Saturation
Voltage vs. Forward Current
0
-55
0
50
25
75
100
Ic=1m A
0.02
0.04
0.06
0.10
0.08
0.12
0.16
0.14
IF =20m A
5
0
10
C
Ta = 2 5 °
Ic= 7 m A
Ic= 5 m A
Ic= 3 m A
Ic= 1 m A
Ic= 0 .5 m A
0
1
3
2
5
4
6
7
Ambient Temperature Ta ()
Forward Current IF (mA)
Fig.10
Response Time vs.
Load Resistance
Fig.11
Response Time vs.
Load Resistance
10
1
0. 1
tr
0. 5
0. 2
0. 1
1
2
5
10
20
10 0
50
Ic = 2 m A
V c e= 2V
Ta = 2 5 ° C
10
0.1
1
0.1
0.2
1
0.5
5
2
20
10
T a = 25°
Ic = 2 m A
Vc e = 2 V
100
50
C
tf
Load Resistance RL (KΩ)
Load Resistance RL (KΩ)


Similar Part No. - KP1020S

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KP1020SETL COSMO-KP1020SETL Datasheet
281Kb / 11P
   8PIN PHOTOTRANSISTOR PHOTOCOUPLER
KP1020SETLD COSMO-KP1020SETLD Datasheet
281Kb / 11P
   8PIN PHOTOTRANSISTOR PHOTOCOUPLER
KP1020SETR COSMO-KP1020SETR Datasheet
281Kb / 11P
   8PIN PHOTOTRANSISTOR PHOTOCOUPLER
KP1020SETRU COSMO-KP1020SETRU Datasheet
281Kb / 11P
   8PIN PHOTOTRANSISTOR PHOTOCOUPLER
More results

Similar Description - KP1020S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D1B050D00 ETC-D1B050D00 Datasheet
216Kb / 2P
   PRODUCT SPECIFICATION
logo
P-tec Corporation
PCOGJ12864A P-TEC-PCOGJ12864A Datasheet
94Kb / 3P
   PRODUCT SPECIFICATION
logo
COSMO Electronics Corp...
KSA215AC8 COSMO-KSA215AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA225AC8 COSMO-KSA225AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA240AC8 COSMO-KSA240AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSA425AC8 COSMO-KSA425AC8_11 Datasheet
124Kb / 2P
   PRODUCT SPECIFICATION
KSD205AC3 COSMO-KSD205AC3_11 Datasheet
120Kb / 2P
   PRODUCT SPECIFICATION
logo
Omron Electronics LLC
G5SB-1A4-DC12 OMRON-G5SB-1A4-DC12 Datasheet
1Mb / 9P
   PRODUCT SPECIFICATION
logo
Quanzhou Jinmei Electro...
BU941P_2015 JMNIC-BU941P_2015 Datasheet
47Kb / 3P
   Product Specification
logo
List of Unclassifed Man...
3963 ETC2-3963 Datasheet
134Kb / 2P
   PRODUCT SPECIFICATION
UG-2828GDEDF11 ETC2-UG-2828GDEDF11 Datasheet
2Mb / 26P
   Product Specification
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com