Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASP-130368-01 Datasheet(PDF) 1 Page - Samtec, Inc

Part # ASP-130368-01
Description  NOT AVAILABLE AS STANDARD.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

ASP-130368-01 Datasheet(HTML) 1 Page - Samtec, Inc

  ASP-130368-01 Datasheet HTML 1Page - Samtec, Inc ASP-130368-01 Datasheet HTML 2Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3.35 .132
REF
1.32 .052
0.25 .010
REF (TYP)
24.20 .953
9.95±0.50 .392±.020
5.46 .215
"B"
"B"
1
5.60 .220
REF
25.90
REF
1.020
((23 POS x .800 [.0315]) + 7.50 [.300])
22.72
REF
.894
3.36 .132
REF
0.800
(TYP)
.0315
(TOL NON-ACCUM)
17.60 .6929
6.00 .236
REF
0.20 .008
21.54 .848
"A"
"A"
02
46
45
01
21.20
REF
.835
1.50
REF
.059
17.60 .6929
0.800 .0315
"C"
C3
C6
2.05 .081
SECTION "A"-"A"
SCALE 4 : 1
3
1.10 .043
REF
1.32 .052
REF
DETAIL "C"
SCALE 8 : 1
ITEM NO.
PART NUMBER
QUANTITY
MATERIAL
1
ERF8-023-05.0-DV-L
1.0000
VECTRA E130i, COLOR: BLACK
2
C-211-05.0-S
46.000
BeCu, 390 HT
3
WT-30-01-F
2.0000
BeCu, #25, 1/2 HT
4
TY-ERF8035-23-5-L
1.0000
BLACK HIPS
5
K-500-300
1.0000
POLYIMIDE FILM (KAPTON)
2.58±0.12 .101±.005
5.335 .2100
5.30
REF
.209
1.24 .049
REF
0.64 .025
REF
1.04
REF
.041
0.94 .037
REF
1.17 .046
5.407 .2129
SECTION "B"-"B"
SCALE 4 : 1
C1
5
.10[.004]
C
C2
C4
C5
C7
C8
SHEET OF
UNLESS OTHERWISE SPECIFIED,
DIMENSIONS ARE IN MILLIMETERS.
TOLERANCES ARE:
DECIMALS
ANGLES
.X: .3[.01]
2
.XX: .13[.005]
.XXX: .051[.0020]
ERF8 ASSEMBLY
BY:
ASP-130368-01
DWG. NO.
DESCRIPTION:
PROPRIETARY NOTE
THIS DOCUMENT CONTAINS INFORMATION
CONFIDENTIAL AND PROPRIETARY TO
SAMTEC, INC. AND SHALL NOT BE REPRODUCED
OR TRANSFERRED TO OTHER DOCUMENTS OR
DISCLOSED TO OTHERS OR USED FOR ANY
PURPOSE OTHER THAN THAT WHICH IT WAS
OBTAINED WITHOUT THE EXPRESSED WRITTEN
CONSENT OF SAMTEC, INC.
DO NOT SCALE DRAWING
D FRALEY
03/22/2007
2
1
SHEET SCALE: 1:0.333333
ASP-130368-01
F:\dwg\sw\asp\130000\asp-130368-01.slddrw
PLATING:
CONTACT AREA: .000030 GOLD OVER .000050 NICKEL
REMAINDER: .000200 REF TIN OVER .000050 NICKEL
LATCHES: .000003 GOLD OVER .000050 NICKEL
REVISION
NOTES:
1. NOT AVAILABLE AS STANDARD.
2.
REPRESENTS A CRITICAL DIMENSION.
3. MAXIMUM BURR ALLOWANCE: .038 [.0015].
4. MINIMUM PUSHOUT FORCE: 2.22N [.5LB].
5. PARTS TO BE PACKAGED IN TRAYS.
520 PARK EAST BLVD, NEW ALBANY, IN 47150
PHONE: 812-944-6733
FAX: 812-948-5047
e-Mail info@SAMTEC.com
code 55322


Similar Part No. - ASP-130368-01

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
ASP-130365-01 SAMTEC-ASP-130365-01 Datasheet
493Kb / 1P
   RUGGED HIGH-SPEED HEADER
ASP-130366-01 SAMTEC-ASP-130366-01 Datasheet
416Kb / 2P
   CONTACT CONFIGURATION NOT AVAILABLE AS STANDARD
ASP-130366-01 SAMTEC-ASP-130366-01 Datasheet
493Kb / 1P
   RUGGED HIGH-SPEED HEADER
More results

Similar Description - ASP-130368-01

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
ASP-129646-01 SAMTEC-ASP-129646-01 Datasheet
173Kb / 2P
   NOT AVAILABLE AS STANDARD
ASP-135029-01 SAMTEC-ASP-135029-01 Datasheet
421Kb / 2P
   STANDARD PART SETUP AS ASP NOT AVAILABLE AS STANDARD.
ASP-130366-01 SAMTEC-ASP-130366-01 Datasheet
416Kb / 2P
   CONTACT CONFIGURATION NOT AVAILABLE AS STANDARD
ASP-135020-01 SAMTEC-ASP-135020-01 Datasheet
312Kb / 2P
   CONTACT CONFIGURATION NOT AVAILABLE AS STANDARD.
ASP-133811-02 SAMTEC-ASP-133811-02 Datasheet
376Kb / 2P
   CONTACT CONFIGURATION NOT AVAILABLE AS STANDARD
ASP-137968-01 SAMTEC-ASP-137968-01 Datasheet
270Kb / 2P
   CONTACT CONFIGURATION NOT AVAILABLE AS STANDARD
ASP-137973-01 SAMTEC-ASP-137973-01 Datasheet
349Kb / 2P
   1. ITEM 1 NOT AVAILABLE AS STANDARD.
ASP-153860-01 SAMTEC-ASP-153860-01 Datasheet
352Kb / 2P
   6 ROW, 19 POSITION NOT AVAILABLE AS STANDARD
ASP-103614-04 SAMTEC-ASP-103614-04 Datasheet
354Kb / 2P
   ITEMS -1, -2, & -3 NOT AVAILABLE AS STANDARD
ASP-153860-02 SAMTEC-ASP-153860-02 Datasheet
376Kb / 2P
   6 ROW, 19 POSITION NOT AVAILABLE AS STANDARD.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com