Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AO4496 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AO4496
Description  30V N-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO4496 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AO4496_12 Datasheet HTML 1Page - Alpha & Omega Semiconductors AO4496_12 Datasheet HTML 2Page - Alpha & Omega Semiconductors AO4496_12 Datasheet HTML 3Page - Alpha & Omega Semiconductors AO4496_12 Datasheet HTML 4Page - Alpha & Omega Semiconductors AO4496_12 Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AO4496
Symbol
Min
Typ
Max
Units
BVDSS
30
V
1
TJ = 55°C
5
IGSS
±100
nA
VGS(th)
1.4
1.8
2.5
V
ID(ON)
50
A
16
19.5
TJ=125°C
24
29
21
26
gFS
30
S
VSD
0.76
1
V
IS
3
A
Ciss
550
715
pF
Coss
110
pF
Crss
55
pF
Rg
3
4
4.9
Maximum Body-Diode Continuous Current
VGS=0V, VDS=0V, f=1MHz
VGS=0V, VDS=15V, f=1MHz
Input Capacitance
µA
Output Capacitance
IS = 1A,VGS = 0V
VDS = 5V, ID = 10A
Forward Transconductance
Gate resistance
SWITCHING PARAMETERS
DYNAMIC PARAMETERS
m
Gate Threshold Voltage
VDS = VGS ID = 250µA
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
IDSS
RDS(ON)
Drain-Source Breakdown Voltage
VGS = 10V, ID = 10A
Reverse Transfer Capacitance
Static Drain-Source On-Resistance
Diode Forward Voltage
VGS = 4.5V, ID = 7.5A
On state drain current
ID = 250µA, VGS = 0V
VGS = 10V, VDS = 5V
VDS = 30V, VGS = 0V
VDS = 0V, VGS = ±20V
Zero Gate Voltage Drain Current
Gate-Body leakage current
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com
Qg (10V)
9.8
13
nC
Qg (4.5V)
4.6
6.1
nC
Qgs
1.8
nC
Qgd
2.2
nC
tD(on)
5
ns
tr
3.2
ns
tD(off)
24
ns
tf
6
ns
trr
22
29
ns
Qrr
14
nC
0
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Total Gate Charge
Total Gate Charge
VGS=10V, VDS=15V, ID=10A
SWITCHING PARAMETERS
Turn-Off DelayTime
VGS=10V, VDS=15V, RL= 1.5Ω,
RGEN=3Ω
Turn-Off Fall Time
Turn-On DelayTime
Turn-On Rise Time
Gate Source Charge
Gate Drain Charge
Body Diode Reverse Recovery Time
Body Diode Reverse Recovery Charge IF=10A, dI/dt=500A/µs
IF=10A, dI/dt=500A/µs
A: The value of R θJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A = 25°C. The
value in any given application depends on the user's specific board design.
B: Repetitive rating, pulse width limited by junction temperature.
C. The R θJA is the sum of the thermal impedence from junction to lead R θJL and lead to ambient.
D. The static characteristics in Figures 1 to 6 are obtained using t
300
µs pulses, duty cycle 0.5% max.
E. These tests are performed with the device mounted on 1 in2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C. The SOA
curve provides a single pulse rating.
F. The current rating is based on the t
10s thermal resistance rating.
G. E
AR and IAR ratings are based on low frequency and duty cycles to keep Tj=25C.
Rev5: Nov. 2010
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com


Similar Part No. - AO4496_12

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
AO4496-HF KEXIN-AO4496-HF Datasheet
1Mb / 4P
   N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO4496L AOSMD-AO4496L Datasheet
211Kb / 5P
   N-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - AO4496_12

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4304 AOSMD-AO4304 Datasheet
537Kb / 6P
   30V N-Channel MOSFET
AO4772 AOSMD-AO4772 Datasheet
294Kb / 6P
   30V N-Channel MOSFET
AO4476A AOSMD-AO4476A Datasheet
371Kb / 6P
   30V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com