Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AO4496 Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AO4496
Description  30V N-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO4496 Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AO4496 Datasheet HTML 1Page - Alpha & Omega Semiconductors AO4496 Datasheet HTML 2Page - Alpha & Omega Semiconductors AO4496 Datasheet HTML 3Page - Alpha & Omega Semiconductors AO4496 Datasheet HTML 4Page - Alpha & Omega Semiconductors AO4496 Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AO4496
Product Summary
V
DS (V) = 30V
I
D = 10A
(V
GS = 10V)
R
DS(ON) < 19.5mΩ
(V
GS = 10V)
R
DS(ON) < 26mΩ
(V
GS = 4.5V)
100% UIS Tested
100% Rg Tested
General Description
The AO4496 uses advanced trench technology to
provide excellent R
DS(ON) with low gate charge. This
device is suitable for use as a DC-DC converter
application.
SOIC-8
Top View
Bottom View
D
D
D
Symbol
VDS
VGS
IDM
IAR
EAR
TJ, TSTG
Parameter
Symbol
Typ
Max
t
≤ 10s
31
40
Steady State
59
75
Steady State
RθJL
16
24
W
±20
°C/W
RθJA
°C
-55 to 150
2.0
Absolute Maximum Ratings TJ=25°C unless otherwise noted
PD
Maximum Junction-to-Lead
C
°C/W
Thermal Characteristics
Units
Maximum Junction-to-Ambient
A
°C/W
Maximum Junction-to-Ambient
A
Units
Parameter
TA=25°C
TA=70°C
V
V
ID
Gate-Source Voltage
Drain-Source Voltage
30
Pulsed Drain Current
B
Avalanche Current
G
Continuous Drain
Current
A
Power Dissipation
A
TA=25°C
Junction and Storage Temperature Range
TA=70°C
Maximum
10
7.5
3.1
Repetitive avalanche energy L=0.1mH
G
mJ
50
A
17
14
D
D
D
S
S
S
G
G
S
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com


Similar Part No. - AO4496

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4496 AOSMD-AO4496 Datasheet
211Kb / 5P
   N-Channel Enhancement Mode Field Effect Transistor
logo
shenzhen wanhexing Elec...
AO4496 WHXPCB-AO4496 Datasheet
2Mb / 5P
   DC-DC converter application
logo
Guangdong Kexin Industr...
AO4496 KEXIN-AO4496 Datasheet
1Mb / 4P
   N-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO4496 VBSEMI-AO4496 Datasheet
1,006Kb / 9P
   N-Channel 20V (D-S) MOSFET
logo
Guangdong Kexin Industr...
AO4496-HF KEXIN-AO4496-HF Datasheet
1Mb / 4P
   N-Channel MOSFET
More results

Similar Description - AO4496

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4304 AOSMD-AO4304 Datasheet
537Kb / 6P
   30V N-Channel MOSFET
AO4772 AOSMD-AO4772 Datasheet
294Kb / 6P
   30V N-Channel MOSFET
AO4476A AOSMD-AO4476A Datasheet
371Kb / 6P
   30V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com