Electronic Components Datasheet Search |
|
MVR10X471KG-S Datasheet(PDF) 3 Page - MERITEK ELECTRONICS CORPORATION |
|
MVR10X471KG-S Datasheet(HTML) 3 Page - MERITEK ELECTRONICS CORPORATION |
3 / 11 page 07D 180K 11 14 18(15~21) 36 2.5 250 500 0.9 3.0 0.02 2800 07D 220K 14 18 22(20~24) 43 1.1 2.4 2300 07D 270K 17 22 27(24~30) 53 1.4 3.0 1800 07D 330K 20 26 33(30~36) 65 1.7 3.5 1500 07D 390K 25 31 39(35~43) 77 2.1 4.0 1300 07D 470K 30 38 47(42~52) 93 2.5 5.0 1100 07D 560K 35 45 56(50~62) 110 3.1 6.0 890 07D 680K 40 56 68(61~75) 135 3.6 7.0 740 07D 820K 50 65 82(74~90) 135 10 1200 1750 5.5 10.0 0.25 600 07D 101K 60 85 100(90~110) 165 6.5 12.0 500 07D 121K 75 100 120(108~132) 200 7.8 13.0 420 07D 151K 95 125 150(135~165) 250 9.7 13.0 330 07D 181K 115 150 180(162~198) 300 11.7 16.0 280 07D 201K 130 170 200(185~225) 340 13.0 17.0 250 07D 221K 140 180 220(198~242) 360 14.0 19.0 230 07D 241K 150 200 240(216~264) 395 15.0 21.0 210 07D 271K 175 225 270(243~297) 455 18.0 24.0 185 07D 301K 190 250 300(270~330) 500 20.0 26.0 165 07D 331K 210 275 330(297~363) 550 23.0 28.0 150 07D 361K 230 300 360(324~396) 595 25.0 32.0 140 07D 391K 250 320 390(351~429) 650 25.0 35.0 130 07D 431K 275 350 430(387~473) 710 28.0 40.0 115 07D 471K 300 385 470(423~517) 775 30.0 42.0 105 07D 511K 320 415 510(459~561) 845 30.0 45.0 100 07D 561K 350 460 560(504~616) 920 30.0 49.0 90 07D 621K 385 505 620(558~682) 1025 33.0 55.0 80 07D 681K 420 560 680(612~748) 1120 33.0 60.0 75 Part No. Maximum Allowable Voltage Varistor Voltage Clamping Voltage (Max.) Maximum Peak Current (8/20 μs)(A) Maximum Energy (10/1000 s J) Rated Power Typical Capacitance Acrms (V) DC (V) V@1ma (V) VC (V) Ip (A) standard high surge standard high surge (w) @1KHz (pF) MERITEK Metal Oxide Varistors MVRSeries 07D SPECIFICATION |
Similar Part No. - MVR10X471KG-S |
|
Similar Description - MVR10X471KG-S |