Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AO4576 Datasheet(PDF) 5 Page - Alpha & Omega Semiconductors

Part # AO4576
Description  30V N-Channel AlphaMOS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO4576 Datasheet(HTML) 5 Page - Alpha & Omega Semiconductors

  AO4576 Datasheet HTML 1Page - Alpha & Omega Semiconductors AO4576 Datasheet HTML 2Page - Alpha & Omega Semiconductors AO4576 Datasheet HTML 3Page - Alpha & Omega Semiconductors AO4576 Datasheet HTML 4Page - Alpha & Omega Semiconductors AO4576 Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
AO4576
-
+
VDC
Ig
Vds
DUT
-
+
VDC
Vgs
Vgs
10V
Qg
Qgs
Qgd
Charge
Gate Charge Test Circuit & Waveform
-
+
VDC
DUT
Vdd
Vgs
Vds
Vgs
RL
Rg
Vgs
Vds
10%
90%
Resistive Switching Test Circuit & Waveforms
t
tr
d(on)
t
on
t
d(off)
t f
t
off
Id
+
L
Vds
BV
Unclamped Inductive Switching (UIS) Test Circuit & Waveforms
Vds
DSS
2
E
= 1/2 LI
AR
AR
Vdd
Vgs
Vgs
Rg
DUT
-
+
VDC
Vgs
Id
Vgs
I
Ig
Vgs
-
+
VDC
DUT
L
Vgs
Vds
Isd
Isd
Diode Recovery Test Circuit & Waveforms
Vds -
Vds +
I F
AR
dI/dt
I RM
rr
Vdd
Vdd
Q
= - Idt
t
rr
Rev1: Nov. 2012
www.aosmd.com
Page 5 of 5


Similar Part No. - AO4576

ManufacturerPart #DatasheetDescription
logo
shenzhen wanhexing Elec...
AO4576 WHXPCB-AO4576 Datasheet
2Mb / 5P
   30V N-Channel AlphaMOS
logo
Guangdong Kexin Industr...
AO4576 KEXIN-AO4576 Datasheet
1Mb / 4P
   N-Channel MOSFET
AO4576-HF KEXIN-AO4576-HF Datasheet
1Mb / 4P
   N-Channel MOSFET
More results

Similar Description - AO4576

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOI518 AOSMD-AOI518 Datasheet
315Kb / 6P
   30V N-Channel AlphaMOS
AON6754 AOSMD-AON6754 Datasheet
292Kb / 6P
   30V N-Channel AlphaMOS
AON7752 AOSMD-AON7752 Datasheet
285Kb / 6P
   30V N-Channel AlphaMOS
AON6508 AOSMD-AON6508 Datasheet
295Kb / 6P
   30V N-Channel AlphaMOS
AON6760 AOSMD-AON6760 Datasheet
318Kb / 6P
   30V N-Channel AlphaMOS
AON7536 AOSMD-AON7536 Datasheet
266Kb / 6P
   30V N-Channel AlphaMOS
AON6594 AOSMD-AON6594 Datasheet
363Kb / 6P
   30V N-Channel AlphaMOS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com