Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8004 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8004
Description  Quad 3000 V/us, 35 mW Current Feedback Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8004 Datasheet(HTML) 4 Page - Analog Devices

  AD8004 Datasheet HTML 1Page - Analog Devices AD8004 Datasheet HTML 2Page - Analog Devices AD8004 Datasheet HTML 3Page - Analog Devices AD8004 Datasheet HTML 4Page - Analog Devices AD8004 Datasheet HTML 5Page - Analog Devices AD8004 Datasheet HTML 6Page - Analog Devices AD8004 Datasheet HTML 7Page - Analog Devices AD8004 Datasheet HTML 8Page - Analog Devices AD8004 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
REV. B
AD8004
–4–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD8004 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12.6 V
Internal Power Dissipation
2
Plastic DIP Package (N) . . . . . . . . . Observe Derating Curves
Small Outline Package (R) . . . . . . . . Observe Derating Curves
Input Voltage (Common Mode) . . . . . . . . . . . . . . . . . . . .
±V
S
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . .
±2.5 V
Output Short Circuit Duration
. . . . . . . . . . . . . . . . . . . . . . Observe Power Derating Curves
Storage Temperature Range (N, R) . . . . . . . –65
°C to +125°C
Operating Temperature Range (A Grade) . . . – 40
°C to +85°C
Lead Temperature Range (Soldering 10 sec) . . . . . . . . +300
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2Specification is for device in free air:
14-Lead Plastic DIP Package:
θ
JA = 90°C/W
14-Lead SOIC Package:
θ
JA = 140°C/W
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
AD8004AN
– 40
°C to +85°C 14-Lead Plastic DIP N-14
AD8004AR-14
– 40
°C to +85°C 14-Lead SOIC
R-14
AD8004AR-14-REEL
– 40
°C to +85°C 13" Tape and Reel
R-14
AD8004AR-14-REEL7 – 40
°C to +85°C 7" Tape and Reel
R-14
MAXIMUM POWER DISSIPATION
The maximum power that can be safely dissipated by the
AD8004 is limited by the associated rise in junction tempera-
ture. The maximum safe junction temperature for plastic
encapsulated devices is determined by the glass transition tem-
perature of the plastic, approximately +150
°C. Exceeding this
limit temporarily may cause a shift in parametric performance
due to a change in the stresses exerted on the die by the package.
Exceeding a junction temperature of +175
°C for an extended
period can result in device failure.
While the AD8004 is internally short circuit protected, this may
not be sufficient to guarantee that the maximum junction tem-
perature is not exceeded under all conditions. To ensure proper
operation, it is necessary to observe the maximum power derat-
ing curves (shown below in Figure 3).
2.0
1.5
0.5
–50 –40 –30 –20 –10
0
10
20 30
40
50
60 70
80 90
AMBIENT TEMPERATURE – C
1.0
0
TJ = +150 C
14-LEAD SOIC
PACKAGE
14-LEAD PLASTIC DIP
PACKAGE
Figure 3. Maximum Power Dissipation vs. Temperature


Similar Part No. - AD8004

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8004 AD-AD8004 Datasheet
501Kb / 16P
   Quad 3000 V/?? 35 mW Current Feedback Amplifier
REV. C
AD8004 AD-AD8004 Datasheet
449Kb / 17P
   Current Feedback Amplifier
AD8004AN AD-AD8004AN Datasheet
501Kb / 16P
   Quad 3000 V/?? 35 mW Current Feedback Amplifier
REV. C
AD8004AN AD-AD8004AN Datasheet
715Kb / 17P
   Quad 3000 V/s, 35 mW Current Feedback Amplifier
REV. C
AD8004AN AD-AD8004AN Datasheet
648Kb / 17P
   Quad 3000 V/mu s, 35 mW Current Feedback Amplifier
REV. C
More results

Similar Description - AD8004

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8004 AD-AD8004_03 Datasheet
501Kb / 16P
   Quad 3000 V/?? 35 mW Current Feedback Amplifier
REV. C
AD8004 AD-AD8004_15 Datasheet
715Kb / 17P
   Quad 3000 V/s, 35 mW Current Feedback Amplifier
REV. C
AD8004AR AD-AD8004AR Datasheet
715Kb / 17P
   Quad 3000 V/s, 35 mW Current Feedback Amplifier
REV. C
AD8004ANZ AD-AD8004ANZ Datasheet
648Kb / 17P
   Quad 3000 V/mu s, 35 mW Current Feedback Amplifier
REV. C
AD8001ANZ AD-AD8001ANZ Datasheet
562Kb / 17P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001 AD-AD8001 Datasheet
222Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. C
AD8001ARTZ-REEL7 AD-AD8001ARTZ-REEL7 Datasheet
388Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001 AD-AD8001_03 Datasheet
335Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001ARZ AD-AD8001ARZ Datasheet
490Kb / 17P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001 AD-AD8001_15 Datasheet
562Kb / 17P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com