Electronic Components Datasheet Search |
|
TTC03A102H39B2 Datasheet(PDF) 5 Page - MERITEK ELECTRONICS CORPORATION |
|
TTC03A102H39B2 Datasheet(HTML) 5 Page - MERITEK ELECTRONICS CORPORATION |
5 / 9 page Features 1. RoHS compliant 2. Body size 3mm 3. Radial lead resin coated 4. -40 ~ +125 operating temperature range 5. Wide resistance range 6. Cost effective 7. Agency recognition: UL PART NUMBERING SYSTEM TTS 2 B 502 2 2 7 2 C Meritek Series Size CODE Body Size 1 2.5mm(max)X3mm(max) Transparent Epoxy 2 2.5mm(max)X3mm(max) Black Epoxy Beta Value CODE A B B25/85 B25/50 Part No. (R25) CODE 102 103 1K 10K Tolerance of Resistor CODE F G H J K (%) ±1 ±2 ±3 ±5 ±10 Beta Value—first 2 digits CODE 30 31 …. 39 40 41 ….. 30 31 …. 39 40 41 …. Beta Value—last 2 digits CODE 0 1 …. A B C D E F G 00 10 …. 05 15 25 35 45 55 65 Tolerance of Beta Value CODE 1 2 3 … (%) ± 1 ± 2 ± 3 … Appearance CODE C D E F 0.25mm Silver plated Copper wire 0.3 mm Silver plated Copper wire 0.23mm enameled Copper wire 0.3mm enameled Copper wire M P N 0.23mm enameled manganin wire 0.5mm enameled manganin wire 0.23mm enameled constantan wire UL E223037 MERITEK NTC Thermistors TTS Series Specifications are subject to change without notice. |
Similar Part No. - TTC03A102H39B2 |
|
Similar Description - TTC03A102H39B2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |