Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AO4801A Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AO4801A
Description  30V P-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO4801A Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AO4801A_11 Datasheet HTML 1Page - Alpha & Omega Semiconductors AO4801A_11 Datasheet HTML 2Page - Alpha & Omega Semiconductors AO4801A_11 Datasheet HTML 3Page - Alpha & Omega Semiconductors AO4801A_11 Datasheet HTML 4Page - Alpha & Omega Semiconductors AO4801A_11 Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AO4801A
Symbol
Min
Typ
Max
Units
BVDSS
-30
V
VDS=-30V, VGS=0V
-1
TJ=55°C
-5
IGSS
±100
nA
VGS(th)
Gate Threshold Voltage
-0.5
-0.9
-1.3
V
ID(ON)
-28
A
40
48
TJ=125°C
60
72
45
57
m
60
80
m
gFS
18
S
VSD
-0.7
-1
V
IS
-2.5
A
Ciss
515
645
780
pF
Coss
55
80
105
pF
Crss
30
55
80
pF
Rg
4
7.8
12
Qg(4.5V)
5
7
9
nC
Qgs
1.5
nC
Qgd
2.5
nC
tD(on)
6.5
ns
tr
3.5
ns
tD(off)
41
ns
tf
9
ns
trr
11
15
ns
Qrr
3.5
5
nC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Body Diode Reverse Recovery Time
Drain-Source Breakdown Voltage
On state drain current
ID=-250µA, VGS=0V
VGS=-4.5V, VDS=-5V
VGS=-10V, ID=-5A
Reverse Transfer Capacitance
IF=-5A, dI/dt=100A/µs
VGS=0V, VDS=-15V, f=1MHz
SWITCHING PARAMETERS
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
IDSS
µA
VDS=VGS ID=-250µA
VDS=0V, VGS= ±12V
Zero Gate Voltage Drain Current
Gate-Body leakage current
Forward Transconductance
Diode Forward Voltage
RDS(ON)
Static Drain-Source On-Resistance
m
IS=-1A,VGS=0V
VDS=-5V, ID=-5A
VGS=-4.5V, ID=-3.5A
VGS=-2.5V, ID=-2.5A
Gate resistance
VGS=0V, VDS=0V, f=1MHz
Turn-Off Fall Time
VGS=-4.5V, VDS=-15V, ID=-5A
Gate Source Charge
Gate Drain Charge
Total Gate Charge
Body Diode Reverse Recovery Charge IF=-5A, dI/dt=100A/µs
Maximum Body-Diode Continuous Current
Input Capacitance
Output Capacitance
Turn-On DelayTime
DYNAMIC PARAMETERS
Turn-On Rise Time
Turn-Off DelayTime
VGS=-10V, VDS=-15V, RL=3Ω,
RGEN=6Ω
A. The value of RθJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C. The value in
any given application depends on the user's specific board design.
B. The power dissipation PD is based on TJ(MAX)=150°C, using ≤ 10s junction-to-ambient thermal resistance.
C. Repetitive rating, pulse width limited by junction temperature TJ(MAX)=150°C. Ratings are based on low frequency and duty cycles to keep
initialTJ=25°C.
D. The RθJA is the sum of the thermal impedence from junction to lead RθJL and lead to ambient.
E. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
F. These curves are based on the junction-to-ambient thermal impedence which is measured with the device mounted on 1in
2 FR-4 board with 2oz.
Copper, assuming a maximum junction temperature of TJ(MAX)=150°C. The SOA curve provides a single pulse ratin g.
Rev 3: Mar. 2011
www.aosmd.com
Page 2 of 5


Similar Part No. - AO4801A_11

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
AO4801A-HF KEXIN-AO4801A-HF Datasheet
1Mb / 4P
   Dual P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO4801AL AOSMD-AO4801AL Datasheet
260Kb / 5P
   30V Dual P-Channel MOSFET
More results

Similar Description - AO4801A_11

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4447A AOSMD-AO4447A Datasheet
194Kb / 5P
   30V P-Channel MOSFET
AON2705 AOSMD-AON2705 Datasheet
398Kb / 6P
   30V P-Channel MOSFET
AOD403 AOSMD-AOD403_11 Datasheet
414Kb / 6P
   30V P-Channel MOSFET
AO4415 AOSMD-AO4415 Datasheet
172Kb / 4P
   30V P-Channel MOSFET
AO3407A AOSMD-AO3407A_11 Datasheet
489Kb / 5P
   30V P-Channel MOSFET
AO3409 AOSMD-AO3409_11 Datasheet
239Kb / 5P
   30V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com