Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN73F1ETP1001C Datasheet(PDF) 4 Page - MERITEK ELECTRONICS CORPORATION

Part # RN73F1ETP1001C
Description  Precision Thin Film Chip Resistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

RN73F1ETP1001C Datasheet(HTML) 4 Page - MERITEK ELECTRONICS CORPORATION

  RN73F1ETP1001C Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION RN73F1ETP1001C Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION RN73F1ETP1001C Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION RN73F1ETP1001C Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION RN73F1ETP1001C Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
 
 
 
Rev. 7
 
Precision Thin Film Chip Resistors
RN73 Series
Packaging
Unit: mm
Paper Tape Specifications
Unit: mm
Type
A
B
W
E
F
P0
P1
P2
ΦD0
T
1H
0.40±0.05 0.70±0.05 8.00±0.10 1.75±0.05 3.5±0.05 4.00±0.10 2.00±0.05 2.00±0.05 1.55±0.03 0.42±0.02
1E
0.70±0.05 1.16±0.05 8.00±0.10 1.75±0.05 3.5±0.05 4.00±0.10 2.00±0.05 2.00±0.05 1.55±0.05 0.40±0.03
1J
1.10±0.05 1.90±0.05 8.00±0.10 1.75±0.05 3.5±0.05 4.00±0.10 4.00±0.10 2.00±0.05 1.55±0.05 0.60±0.03
2A
1.60±0.05 2.37±0.05 8.00±0.10 1.75±0.05 3.5±0.05 4.00±0.10 4.00±0.10 2.00±0.05 1.55±0.05 0.75±0.05
2B
2.00±0.05 3.55±0.05 8.00±0.10 1.75±0.05 3.5±0.05 4.00±0.10 4.00±0.10 2.00±0.05 1.55±0.05 0.75±0.05
2E
2.75±0.05 3.40±0.05 8.00±0.10 1.75±0.05 3.5±0.05 4.00±0.05 4.00±0.10 2.00±0.05 1.60±0.10 0.75±0.05
Emboss Plastic Tape Specifications
Unit: mm
Type
A
B
W
E
F
P0
P1
P2
Ø
D0
T
2B
2.85±0.10
5.45±0.10
12.0±0.10
1.75±0.10
5.5±0.05
4.00±0.05
4.00±0.10
2.00±0.05
1.50+0.10
1.00±0.20
3A
3.40±0.10
6.65±0.10
12.0±0.10
1.75±0.10
5.5±0.05
4.00±0.05
4.00±0.10
2.00±0.05
1.50+0.10
1.00±0.20
Type
ØA
ØB
ØC
W
T
Paper
Tape (EA)
Emboss
Plastic
Tape (EA)
1H
178.0±1.0 60.0+1.0 13.5±0.7 9.5±1.0 11.5±1.0
10,000
-
1E
178.0±1.0 60.0+1.0 13.5±0.7 9.5±1.0 11.5±1.0
10,000
-
1J
178.0±1.0 60.0+1.0 13.5±0.7 9.5±1.0 11.5±1.0
5,000
-
2A
178.0±1.0 60.0+1.0 13.5±0.7 9.5±1.0 11.5±1.0
5,000
-
2B
178.0±1.0 60.0+1.0 13.5±0.7 9.5±1.0 11.5±1.0
5,000
-
2E
178.0±1.0 60.0±1.0 13.5±0.7 9.5±1.0 11.5±1.0
5,000
-
2H
178.0±1.0 60.0+1.0 13.5±0.7 13.5±1.0 15.5±1.0
-
4,000
3A
178.0±1.0 60.0+1.0 13.5±0.7 13.5±1.0 15.5±1.0
-
4,000
W
E
F
ψ D0
P1
P
2
P
0
direction of unreeling
A
B
Top Tape
Bottom Tape
Resistor
Paper Tape
T


Similar Part No. - RN73F1ETP1001C

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RN73F2A1K0BTD MACOM-RN73F2A1K0BTD Datasheet
294Kb / 6P
   SMD High Power Precision Resistors
More results

Similar Description - RN73F1ETP1001C

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CRT0603-CV-1003ELF BOURNS-CRT0603-CV-1003ELF Datasheet
425Kb / 4P
   Thin Film Precision Chip Resistors
logo
TT Electronics.
PFC-W0603LF-03 TTELEC-PFC-W0603LF-03 Datasheet
714Kb / 3P
   Precision Thin Film Chip Resistors
logo
Vishay Siliconix
MCS0402AT VISHAY-MCS0402AT_V01 Datasheet
150Kb / 10P
   Precision Thin Film Chip Resistors
01-Jan-2022
logo
Bourns Electronic Solut...
CRT BOURNS-CRT Datasheet
390Kb / 3P
   Thin Film Precision Chip Resistors
logo
IRC - a TT electronics ...
PFC-W0402R-01-1001 IRCTT-PFC-W0402R-01-1001 Datasheet
420Kb / 4P
   Precision Thin Film Chip Resistors
logo
Vishay Siliconix
MC_PRE VISHAY-MC_PRE Datasheet
165Kb / 11P
   Precision Thin Film Chip Resistors
Revision: 16-Jan-13
logo
TT Electronics.
PFC-W0805LF-03 TTELEC-PFC-W0805LF-03 Datasheet
714Kb / 3P
   Precision Thin Film Chip Resistors
PFC-W1206LF-03 TTELEC-PFC-W1206LF-03 Datasheet
714Kb / 3P
   Precision Thin Film Chip Resistors
logo
Vishay Siliconix
MCS-0402-AT VISHAY-MCS-0402-AT Datasheet
151Kb / 10P
   Precision Thin Film Chip Resistors
Revision: 21-Feb-17
logo
List of Unclassifed Man...
PFC-W1206LF-03-1001-B ETC-PFC-W1206LF-03-1001-B Datasheet
420Kb / 4P
   Precision Thin Film Chip Resistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com