Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AB08XX Datasheet(PDF) 10 Page - Abracon Corporation

Part # AB08XX
Description  The Abracon Corporation AB08XX Real Time Clock family provides a groundbreaking combination of ultra-low power coupled with a highly sophisticated feature set.
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB08XX Datasheet(HTML) 10 Page - Abracon Corporation

Back Button AB08XX Datasheet HTML 4Page - Abracon Corporation AB08XX Datasheet HTML 5Page - Abracon Corporation AB08XX Datasheet HTML 6Page - Abracon Corporation AB08XX Datasheet HTML 7Page - Abracon Corporation AB08XX Datasheet HTML 8Page - Abracon Corporation AB08XX Datasheet HTML 9Page - Abracon Corporation AB08XX Datasheet HTML 10Page - Abracon Corporation AB08XX Datasheet HTML 11Page - Abracon Corporation AB08XX Datasheet HTML 12Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AB08XX Series
Real Time Clock Module
Date of Issue: Sept. 10th, 2012
3.0 x 3.0 mm
ESD Sensitive
Page (9) of (12)
Abracon Drawing #
Revision #: Initial Release
8. Ordering Information
AB08XX Orderable Part Numbers
P/N
Tape and Reel Qty
Package
Temperature
Range
MSL
Level(2)
AB0801-T3
3000pcs/reel
Pb-Free(1)
16-Pin QFN
3 x 3 mm
-40 to +85 °C
1
AB0803-T3
3000pcs/reel
AB0804-T3
3000pcs/reel
AB0805-T3
3000pcs/reel
AB0811-T3
3000pcs/reel
AB0813-T3
3000pcs/reel
AB0814-T3
3000pcs/reel
AB0815-T3
3000pcs/reel
Notes:
(1) Compliant and certified with the current RoHS requirements for all 6 substances, including the
requirement that lead not exceed 0.1% by weight in raw homogeneous materials. The package was
designed to be soldered at high temperatures (per reflow profile) and can be used in specified lead-free
processes.
(2) Moisture Sensitivity Level rating according to the JEDEC J-STD-020D industry standard
classifications.


Similar Part No. - AB08XX

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AB08X5 ABRACON-AB08X5 Datasheet
627Kb / 33P
   AB08X5 Real-Time Clock Family
Revision: C
AB08X5-RTC ABRACON-AB08X5-RTC Datasheet
627Kb / 33P
   Ultra-low supply current
Revision: C
More results

Similar Description - AB08XX

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AB18XX ABRACON-AB18XX Datasheet
1Mb / 13P
   The Abracon Corporation AB18XX Real Time Clock with Power Management family provides a groundbreaking combination of ultra-low power coupled with a highly sophisticated feature set.
Initial Release
logo
STMicroelectronics
AN3133 STMICROELECTRONICS-AN3133 Datasheet
606Kb / 43P
   A real-time clock is a computer clock that keeps track of the current time
logo
Golledge Electronics Lt...
RV8523C3 GOLLEDGE-RV8523C3 Datasheet
123Kb / 1P
   Real Time Clock, Ultra Low Power
logo
MICORO CRYSTAL SWITZERL...
RV-2123 MICROCRYSTAL-RV-2123 Datasheet
675Kb / 38P
   Ultra-Low-Power Real Time Clock
logo
Golledge Electronics Lt...
MP06786 GOLLEDGE-MP06786 Datasheet
119Kb / 1P
   Real Time Clock, Ultra Low Power
RV8803C7 GOLLEDGE-RV8803C7 Datasheet
119Kb / 1P
   Real Time Clock, Ultra Low Power
logo
Abracon Corporation
ABX8X5 ABRACON-ABX8X5 Datasheet
1Mb / 27P
   Real Time Clock Family
AB08X5 ABRACON-AB08X5 Datasheet
627Kb / 33P
   AB08X5 Real-Time Clock Family
Revision: C
logo
Analog Devices
MAX31334 AD-MAX31334 Datasheet
989Kb / 53P
   Ultra-Low-Power Real Time Clock with Integrated Power Switch
19-101569; Rev 0; 8/22
logo
SHANGHAI BELLING CO., L...
BL5373 BELLING-BL5373 Datasheet
268Kb / 30P
   The BL5373 is a CMOS type real-time clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com