Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AB0811-T3 Datasheet(PDF) 4 Page - Abracon Corporation

Part # AB0811-T3
Description  The Abracon Corporation AB08XX Real Time Clock family provides a groundbreaking combination of ultra-low power coupled with a highly sophisticated feature set.
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB0811-T3 Datasheet(HTML) 4 Page - Abracon Corporation

  AB0811-T3 Datasheet HTML 1Page - Abracon Corporation AB0811-T3 Datasheet HTML 2Page - Abracon Corporation AB0811-T3 Datasheet HTML 3Page - Abracon Corporation AB0811-T3 Datasheet HTML 4Page - Abracon Corporation AB0811-T3 Datasheet HTML 5Page - Abracon Corporation AB0811-T3 Datasheet HTML 6Page - Abracon Corporation AB0811-T3 Datasheet HTML 7Page - Abracon Corporation AB0811-T3 Datasheet HTML 8Page - Abracon Corporation AB0811-T3 Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AB08XX Series
Real Time Clock Module
Date of Issue: Sept. 10
th, 2012
3.0 x 3.0 mm
ESD Sensitive
Page (3) of (12)
Abracon Drawing #
Revision #: Initial Release
3. AB08XX Example Applications
3.1
Battery Backed Up RTC
The most common AB08XX application is a battery backed up RTC, which maintains time and may hold data in RAM. The
AB08XX is normally powered from a system power supply, which may be a larger battery. The AB08XX is continuously
charging a supercapacitor or rechargeable battery via the internal trickle charger. When the main power supply goes away,
the AB08XX automatically switches to the VBAT supply and maintains time and RAM data at very low battery supply
currents.
VCC
VSS
FOUT/nIRQ
IRQ
VCC
VSS
AM08XX
MCU
I2C/SPI
VBAT
System Power
Battery/
Supercap
XO
XI
3.2
RTC with Interrupt Aggregation
The flexible inputs of the AB08XX can be used to aggregate a variety of interrupt sources, including external digital inputs,
analog levels, timers and alarms into a single interrupt source to an MCU.
VCC
VSS
FOUT/nIRQ
IRQ
VCC
VSS
AM08XX
MCU
I2C/SPI
System Power
XO
XI
WDI
EXTI
VBAT
Analog Level
Digital Inputs
AB08XX
AB08XX


Similar Part No. - AB0811-T3

ManufacturerPart #DatasheetDescription
logo
FIBOX Enclosing innovat...
AB081206 FIBOX-AB081206 Datasheet
70Kb / 2P
   Enclosure, ABS
12.01.2023
AB081206H FIBOX-AB081206H Datasheet
70Kb / 2P
   Enclosure, ABS
12.01.2023
AB081209 FIBOX-AB081209 Datasheet
70Kb / 2P
   Enclosure, ABS
12.01.2023
AB081209H FIBOX-AB081209H Datasheet
73Kb / 2P
   Enclosure, ABS
12.01.2023
logo
Abracon Corporation
AB0815 ABRACON-AB0815 Datasheet
627Kb / 33P
   AB08X5 Real-Time Clock Family
Revision: C
More results

Similar Description - AB0811-T3

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AB18XX ABRACON-AB18XX Datasheet
1Mb / 13P
   The Abracon Corporation AB18XX Real Time Clock with Power Management family provides a groundbreaking combination of ultra-low power coupled with a highly sophisticated feature set.
Initial Release
logo
STMicroelectronics
AN3133 STMICROELECTRONICS-AN3133 Datasheet
606Kb / 43P
   A real-time clock is a computer clock that keeps track of the current time
logo
Golledge Electronics Lt...
RV8523C3 GOLLEDGE-RV8523C3 Datasheet
123Kb / 1P
   Real Time Clock, Ultra Low Power
logo
MICORO CRYSTAL SWITZERL...
RV-2123 MICROCRYSTAL-RV-2123 Datasheet
675Kb / 38P
   Ultra-Low-Power Real Time Clock
logo
Golledge Electronics Lt...
MP06786 GOLLEDGE-MP06786 Datasheet
119Kb / 1P
   Real Time Clock, Ultra Low Power
RV8803C7 GOLLEDGE-RV8803C7 Datasheet
119Kb / 1P
   Real Time Clock, Ultra Low Power
logo
Abracon Corporation
ABX8X5 ABRACON-ABX8X5 Datasheet
1Mb / 27P
   Real Time Clock Family
AB08X5 ABRACON-AB08X5 Datasheet
627Kb / 33P
   AB08X5 Real-Time Clock Family
Revision: C
logo
Analog Devices
MAX31334 AD-MAX31334 Datasheet
989Kb / 53P
   Ultra-Low-Power Real Time Clock with Integrated Power Switch
19-101569; Rev 0; 8/22
logo
SHANGHAI BELLING CO., L...
BL5373 BELLING-BL5373 Datasheet
268Kb / 30P
   The BL5373 is a CMOS type real-time clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com