Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AO4828 Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AO4828
Description  60V Dual N-Channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO4828 Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AO4828 Datasheet HTML 1Page - Alpha & Omega Semiconductors AO4828 Datasheet HTML 2Page - Alpha & Omega Semiconductors AO4828 Datasheet HTML 3Page - Alpha & Omega Semiconductors AO4828 Datasheet HTML 4Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
AO4828
60V Dual N-Channel MOSFET
Symbol
VDS
VGS
IDM
IAR, IAS
EAR, EAS
TJ, TSTG
Symbol
Typ
Max
48
62.5
74
110
RθJL
35
60
A
Repetitive avalanche energy 0.1mH
B
18
mJ
W
Junction and Storage Temperature Range
A
PD
°C
2
1.28
-55 to 150
TA=70°C
ID
Continuous Drain
Current
AF
Maximum
Units
Parameter
TA=25°C
TA=70°C
60
Maximum Junction-to-Ambient
A
Steady-State
4.5
3.6
20
Avalanche Current
B
19
°C/W
Absolute Maximum Ratings TA=25°C unless otherwise noted
V
V
±20
Pulsed Drain Current
B
Power Dissipation
TA=25°C
Gate-Source Voltage
Drain-Source Voltage
Maximum Junction-to-Lead
C
Steady-State
°C/W
Thermal Characteristics
Parameter
Units
Maximum Junction-to-Ambient
A
t ≤ 10s
RθJA
°C/W
Features
VDS (V) = 60V
ID = 4.5A (VGS = 10V)
RDS(ON) < 56mΩ (VGS = 10V)
RDS(ON) < 77mΩ (VGS = 4.5V)
100% UIS tested
100% Rg tested
General Description
The AO4828 uses advanced trench technology to
provide excellent RDS(ON) and low gate charge. This
device is suitable for use as a load switch or in PWM
applications.
G2
D
2
S2
G1
D
1
S1
G1
S1
G2
S2
D1
D1
D2
D2
Top View
SOIC-8
Top View
Bottom View
Pin1
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com


Similar Part No. - AO4828

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4828 AOSMD-AO4828 Datasheet
109Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Guangdong Kexin Industr...
AO4828 KEXIN-AO4828 Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO4828 VBSEMI-AO4828 Datasheet
1Mb / 9P
   Dual N-Channel 60 V (D-S) 175 째C MOSFET
logo
Guangdong Youtai Semico...
AO4828 UMW-AO4828 Datasheet
793Kb / 7P
   Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4828-HF KEXIN-AO4828-HF Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
More results

Similar Description - AO4828

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM4946D TSC-TSM4946D Datasheet
247Kb / 6P
   60V Dual N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF6646 GOOD-ARK-SSF6646_15 Datasheet
463Kb / 4P
   60V Dual N-Channel MOSFET
SSF6670 GOOD-ARK-SSF6670 Datasheet
742Kb / 6P
   60V Dual N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO4826 AOSMD-AO4826_10 Datasheet
170Kb / 4P
   60V Dual N-Channel MOSFET
AO4852 AOSMD-AO4852 Datasheet
171Kb / 4P
   60V Dual N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF6670 GOOD-ARK-SSF6670_15 Datasheet
742Kb / 6P
   60V Dual N-Channel MOSFET
SSF6646 GOOD-ARK-SSF6646 Datasheet
463Kb / 4P
   60V Dual N-Channel MOSFET
logo
Diodes Incorporated
DMNH6022SSD DIODES-DMNH6022SSD Datasheet
386Kb / 7P
   60V DUAL N-CHANNEL 175째C MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com