Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8016ARB-REEL Datasheet(PDF) 9 Page - Analog Devices

Part # AD8016ARB-REEL
Description  Low Power, High Output Current xDSL Line Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8016ARB-REEL Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8016ARB-REEL Datasheet HTML 5Page - Analog Devices AD8016ARB-REEL Datasheet HTML 6Page - Analog Devices AD8016ARB-REEL Datasheet HTML 7Page - Analog Devices AD8016ARB-REEL Datasheet HTML 8Page - Analog Devices AD8016ARB-REEL Datasheet HTML 9Page - Analog Devices AD8016ARB-REEL Datasheet HTML 10Page - Analog Devices AD8016ARB-REEL Datasheet HTML 11Page - Analog Devices AD8016ARB-REEL Datasheet HTML 12Page - Analog Devices AD8016ARB-REEL Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
REV. A
AD8016
–9–
0
FREQUENCY – MHz
10
100
80
60
40
20
100
1k
10k
10M
10
20
30
40
50
60
70
80
90
0
120
140
160
180
100k
1M
+INOISE
VIN NOISE
Figure 27. Noise vs. Frequency
+2mV
(–0.1%)
–2mV
(–0.1%)
0
0
5
10
15
20
25
30
35
40
45
–5
G = +2
RF = 1k
VOUT = 2VSTEP
RL = 100
VIN
VOUT
TIME – ns
VOUT –VIN
Figure 28. Settling Time 0.1%; VS =
±12 V
FREQUENCY – MHz
–30
0.03
0.1
1
10
100
500
–40
–50
–60
–70
–80
–90
VOUT = 2V p-p
RF = 499
G = +5
RL = 100
–20
Figure 29. Output Crosstalk vs. Frequency
FREQUENCY – MHz
1000000
0.0001
100000
10000
1000
100
10
1
0.1
0.01
0
0.001
0.01
0.1
1
10
100
1000
10000
0
40
80
120
160
200
240
280
320
360
TRANSIMPEDANCE
PHASE
Figure 30. Open-Loop Transimpedance and Phase
vs. Frequency
0
5
10
15
20
25
30
35
40
45
–5
G = +2
RF = 1k
VOUT = 2VSTEP
RL = 100
TIME – ns
+2mV
(–0.1%)
–2mV
(–0.1%)
0
VOUT
VIN
VOUT –VIN
Figure 31. Settling Time 0.1%; VS =
±6 V
FREQUENCY – MHz
1000
0.03
0.1
1
10
100
500
100
10
1
0.1
0.01
0,0
0,1
1,1
1,0
Figure 32. Output Impedance vs. Frequency
@ PWDN1, PWDN0 Codes


Similar Part No. - AD8016ARB-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8016ARB-REEL AD-AD8016ARB-REEL Datasheet
369Kb / 20P
   Low Power, High Output Current xDSL Line Driver
REV. B
More results

Similar Description - AD8016ARB-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8016 AD-AD8016_15 Datasheet
707Kb / 21P
   Low Power, High Output Current xDSL Line Driver
REV. C
AD8016 AD-AD8016_03 Datasheet
369Kb / 20P
   Low Power, High Output Current xDSL Line Driver
REV. B
logo
STMicroelectronics
STLC60133 STMICROELECTRONICS-STLC60133 Datasheet
91Kb / 9P
   XDSL LINE DRIVER
logo
Maxim Integrated Produc...
MAX4147 MAXIM-MAX4147 Datasheet
81Kb / 8P
   300MHz, Low-Power, High-Output-Current, Differential Line Driver
Rev 1; 11/96
MAX4142 MAXIM-MAX4142 Datasheet
120Kb / 12P
   250MHz, Low-Power, High-Output-Current, Differential Line Driver
Rev 0; 7/98
logo
Intersil Corporation
ISL1557IRZ INTERSIL-ISL1557IRZ Datasheet
110Kb / 2P
   xDSL Differential Line Driver
February 26, 2008
logo
Renesas Technology Corp
ISL1557 RENESAS-ISL1557 Datasheet
868Kb / 12P
   xDSL Differential Line Driver
logo
Intersil Corporation
ISL1556 INTERSIL-ISL1556 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
EL1517B INTERSIL-EL1517B Datasheet
31Kb / 2P
   xDSL Differential Line Driver
ISL1558 INTERSIL-ISL1558 Datasheet
31Kb / 2P
   xDSL Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com