Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AO4924 Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AO4924
Description  Asymmetric Dual N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO4924 Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AO4924 Datasheet HTML 1Page - Alpha & Omega Semiconductors AO4924 Datasheet HTML 2Page - Alpha & Omega Semiconductors AO4924 Datasheet HTML 3Page - Alpha & Omega Semiconductors AO4924 Datasheet HTML 4Page - Alpha & Omega Semiconductors AO4924 Datasheet HTML 5Page - Alpha & Omega Semiconductors AO4924 Datasheet HTML 6Page - Alpha & Omega Semiconductors AO4924 Datasheet HTML 7Page - Alpha & Omega Semiconductors AO4924 Datasheet HTML 8Page - Alpha & Omega Semiconductors AO4924 Datasheet HTML 9Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Symbol
Max FET1
Max FET2
VDS
30
30
VGS
±12
±12
9.0
7.3
7.2
5.9
IDM
40
40
IAR
16
12
EAR
38
22
2.0
2.0
1.3
1.3
TJ, TSTG
-55 to 150
-55 to 150
Symbol
Typ
Max
48
62.5
74
90
RθJL
32
40
Symbol
Typ
Max
48
62.5
74
90
RθJL
32
40
Maximum Junction-to-Lead
C
Steady-State
°C/W
Thermal Characteristics FET2
Parameter
Units
Maximum Junction-to-Ambient
A
t ≤ 10s
RθJA
°C/W
Maximum Junction-to-Ambient
A
Steady-State
°C/W
Avalanche Current
B
A
Repetitive avalanche energy L=0.3mH
B
mJ
°C
Maximum Junction-to-Ambient
A
Steady-State
A
W
Units
Parameter
Power Dissipation
TA=25°C
PDSM
TA=70°C
Absolute Maximum Ratings TA=25°C unless otherwise noted
V
V
Gate-Source Voltage
Drain-Source Voltage
°C/W
Thermal Characteristics FET1
Parameter
Units
Maximum Junction-to-Ambient
A
t ≤ 10s
RθJA
°C/W
°C/W
Continuous Drain
Current
A
TA=25°C
Maximum Junction-to-Lead
C
Steady-State
Junction and Storage Temperature Range
TA=70°C
IDSM
Pulsed Drain Current
B
AO4924
Asymmetric Dual N-Channel MOSFET
Product Summary
FET1
FET2
VDS (V) = 30V
VDS(V) = 30V
ID = 9A
ID=7.3A
(VGS = 10V)
RDS(ON) < 15.8mΩ
<24m
(VGS = 10V)
RDS(ON) < 19.5mΩ
<29m
(VGS = 4.5V)
100% UIS Tested
100% Rg Tested
General Description
The AO4924 uses advanced trench technology to
provide excellent R DS(ON) and low gate charge. The
two MOSFETs make a compact and efficient switch
and synchronous rectifier combination for use in DC-
DC converters. A monolithically integrated Schottky
diode in parallel with the synchronous MOSFET to
boost efficiency further.
SRFET TM
SOIC-8
Top View
Bottom View
Pin1
G2
S2
G1
S1
D2
D2
D1
D1
2
4
5
1
3
8
6
7
Top View
SRFET
TM
Soft Recovery MOSFET:
Integrated Schottky Diode
G1
D1
S1
G2
D2
S2
Alpha & Omega Semiconductor, Ltd.


Similar Part No. - AO4924

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4924 AOSMD-AO4924 Datasheet
162Kb / 8P
   Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Guangdong Kexin Industr...
AO4924 KEXIN-AO4924 Datasheet
2Mb / 8P
   Dual N-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO4924 VBSEMI-AO4924 Datasheet
1Mb / 9P
   Dual N-Channel 30 V (D-S) MOSFET
More results

Similar Description - AO4924

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4922 AOSMD-AO4922_11 Datasheet
244Kb / 8P
   Asymmetric Dual N-Channel MOSFET
AO4940 AOSMD-AO4940_12 Datasheet
345Kb / 7P
   Asymmetric Dual N-Channel MOSFET
AO4932 AOSMD-AO4932_11 Datasheet
503Kb / 9P
   Asymmetric Dual N-Channel MOSFET
logo
Infineon Technologies A...
BSG0813NDI INFINEON-BSG0813NDI_16 Datasheet
376Kb / 14P
   Dual asymmetric N-channel OptiMOS?? MOSFET
Rev.2.1 2016-03-08
logo
Alpha & Omega Semicondu...
AON6920 AOSMD-AON6920 Datasheet
400Kb / 10P
   30V Dual Asymmetric N-Channel MOSFET
AON6906A AOSMD-AON6906A Datasheet
376Kb / 10P
   30V Dual Asymmetric N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com