Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AO4932 Datasheet(PDF) 5 Page - Alpha & Omega Semiconductors

Part # AO4932
Description  Asymmetric Dual N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO4932 Datasheet(HTML) 5 Page - Alpha & Omega Semiconductors

  AO4932 Datasheet HTML 1Page - Alpha & Omega Semiconductors AO4932 Datasheet HTML 2Page - Alpha & Omega Semiconductors AO4932 Datasheet HTML 3Page - Alpha & Omega Semiconductors AO4932 Datasheet HTML 4Page - Alpha & Omega Semiconductors AO4932 Datasheet HTML 5Page - Alpha & Omega Semiconductors AO4932 Datasheet HTML 6Page - Alpha & Omega Semiconductors AO4932 Datasheet HTML 7Page - Alpha & Omega Semiconductors AO4932 Datasheet HTML 8Page - Alpha & Omega Semiconductors AO4932 Datasheet HTML 9Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
AO4932
FET1: TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
0
2
4
6
8
10
12
0
2
4
6
8
10
12
0
5
10
15
20
25
30
I
S (A)
di/dt=800A/
µs
125ºC
125ºC
25ºC
25ºC
Q
rr
I
rm
0
0.5
1
1.5
2
2.5
3
0
2
4
6
8
0
5
10
15
20
25
30
I
S (A)
di/dt=800A/
µs
125ºC
125ºC
25ºC
25ºC
t
rr
S
1.E-05
1.E-04
1.E-03
1.E-02
1.E-01
0
50
100
150
200
Temperature (°C)
Figure 12: Diode Reverse Leakage Current vs.
Junction Temperature
V
DS=15V
V
DS=30V
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0
50
100
150
200
Temperature (°C)
Figure 13: Diode Forward voltage vs. Junction
Temperature
I
S=1A
10A
20A
5A
40
I
S (A)
Figure 14: Diode Reverse Recovery Charge and Peak
Current vs. Conduction Current
0
2
4
6
8
10
0
2
4
6
8
10
0
200
400
600
800
1000
di/dt (A/
µµµµs)
Figure 16: Diode Reverse Recovery Charge and Peak
Current vs. di/dt
125ºC
125ºC
25ºC
25ºC
I
s=20A
Q
rr
I
rm
I
S (A)
Figure 15: Diode Reverse Recovery Time and
Softness Factor vs. Conduction Current
0
0.5
1
1.5
2
2.5
3
0
2
4
6
8
10
12
0
200
400
600
800
1000
di/dt (A/
µµµµs)
Figure 17: Diode Reverse Recovery Time and
Softness Factor vs. di/dt
125ºC
25ºC
25ºC
125ºC
I
s=20A
t
rr
S
Rev 4: Nov. 2011
www.aosmd.com
Page 5 of 9


Similar Part No. - AO4932

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4932 AOSMD-AO4932 Datasheet
153Kb / 8P
   Asymmetric Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Guangdong Kexin Industr...
AO4932 KEXIN-AO4932 Datasheet
2Mb / 8P
   Dual N-Channel MOSFET
More results

Similar Description - AO4932

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4922 AOSMD-AO4922_11 Datasheet
244Kb / 8P
   Asymmetric Dual N-Channel MOSFET
AO4940 AOSMD-AO4940_12 Datasheet
345Kb / 7P
   Asymmetric Dual N-Channel MOSFET
AO4924 AOSMD-AO4924_11 Datasheet
262Kb / 9P
   Asymmetric Dual N-Channel MOSFET
logo
Infineon Technologies A...
BSG0813NDI INFINEON-BSG0813NDI_16 Datasheet
376Kb / 14P
   Dual asymmetric N-channel OptiMOS?? MOSFET
Rev.2.1 2016-03-08
logo
Alpha & Omega Semicondu...
AON6920 AOSMD-AON6920 Datasheet
400Kb / 10P
   30V Dual Asymmetric N-Channel MOSFET
AON6906A AOSMD-AON6906A Datasheet
376Kb / 10P
   30V Dual Asymmetric N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com