Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8023ACHIPS Datasheet(PDF) 9 Page - Analog Devices

Part # AD8023ACHIPS
Description  High Current Output, Triple Video Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8023ACHIPS Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8023ACHIPS Datasheet HTML 3Page - Analog Devices AD8023ACHIPS Datasheet HTML 4Page - Analog Devices AD8023ACHIPS Datasheet HTML 5Page - Analog Devices AD8023ACHIPS Datasheet HTML 6Page - Analog Devices AD8023ACHIPS Datasheet HTML 7Page - Analog Devices AD8023ACHIPS Datasheet HTML 8Page - Analog Devices AD8023ACHIPS Datasheet HTML 9Page - Analog Devices AD8023ACHIPS Datasheet HTML 10Page - Analog Devices AD8023ACHIPS Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
–9–
REV. A
AD8023
ACL
G
1
+ SC
T ( RF
+ Gn rin )
where:
CT = transcapacitance
1 pF
RF = feedback resistor
G = ideal closed loop gain
Gn = 1 +
R
F
R
G


= noise gain
rin = inverting input resistance
150
ACL = closed loop gain
The –3 dB bandwidth is determined from this model as:
f3
1
2
π C
T ( RF + Gn rin )
This model will predict –3 dB bandwidth to within about
10% to 15% of the correct value when the load is 150
Ω and
VS =
±7.5 V. For lower supply voltages there will be a slight
decrease in bandwidth. The model is not accurate enough to
predict either the phase behavior or the frequency response
peaking of the AD8023.
It should be noted that the bandwidth is affected by attenuation
due to the finite input resistance. Also, the open-loop output
resistance of about 6
Ω reduces the bandwidth somewhat when
driving load resistors less than about 150
Ω. (Bandwidths will
be about 10% greater for load resistances above a couple
hundred ohms.)
Table I. –3 dB Bandwidth vs. Closed-Loop Gain and Feedback
Resistor, RL = 150
(SOIC)
VS – Volts
Gain
RF – Ohms
BW – MHz
±7.5
+1
2000
460
+2
750
240
+10
300
50
–1
750
150
–10
250
60
±2.5
+1
2000
250
+2
1000
90
+10
300
30
–1
750
95
–10
250
50
Driving Capacitive Loads
When used in combination with the appropriate feedback
resistor, the AD8023 will drive any load capacitance without
oscillation. The general rule for current feedback amplifiers is
that the higher the load capacitance, the higher the feedback
resistor required for stable operation. Due to the high open-loop
transresistance and low inverting input current of the AD8023,
the use of a large feedback resistor does not result in large closed-
loop gain errors. Additionally, its high output short circuit current
makes possible rapid voltage slewing on large load capacitors.
For the best combination of wide bandwidth and clean pulse
response, a small output series resistor is also recommended.
Table II contains values of feedback and series resistors which
result in the best pulse responses. Figure 28 shows the AD8023
driving a 300 pF capacitor through a large voltage step with
virtually no overshoot. (In this case, the large and small signal
pulse responses are quite similar in appearance.)
FREQUENCY – MHz
+1
–8
1
500
10
100
–4
–5
–6
–7
–2
–3
0
–1
GAIN
PHASE
G = –10
RL = 150
VS = 7.5V
VS = 2.5V
VS = 2.5V
–9
0
–90
–180
Figure 30. Closed-Loop Gain and Phase vs. Frequency,
G = –10, RL = 150
General
The AD8023 is a wide bandwidth, triple video amplifier that
offers a high level of performance on less than 9.0 mA per
amplifier of quiescent supply current. The AD8023 achieves
bandwidth in excess of 200 MHz, with low differential gain and
phase errors and high output current making it an efficient video
amplifier.
The AD8023’s wide phase margin coupled with a high output
short circuit current make it an excellent choice when driving
any capacitive load up to 300 pF.
It is designed to offer outstanding functionality and performance
at closed-loop inverting or noninverting gains of one or greater.
Choice of Feedback and Gain Resistors
Because it is a current feedback amplifier, the closed-loop band-
width of the AD8023 may be customized using different values
of the feedback resistor. Table I shows typical bandwidths at
different supply voltages for some useful closed-loop gains when
driving a load of 150
Ω.
The choice of feedback resistor is not critical unless it is desired
to maintain the widest, flattest frequency response. The resistors
recommended in the table (chip resistors) are those that will
result in the widest 0.1 dB bandwidth without peaking. In
applications requiring the best control of bandwidth, 1%
resistors are adequate. Resistor values and widest bandwidth
figures are shown. Wider bandwidths than those in the table can
be attained by reducing the magnitude of the feedback resistor
(at the expense of increased peaking), while peaking can be
reduced by increasing the magnitude of the feedback resistor.
Increasing the feedback resistor is especially useful when driving
large capacitive loads as it will increase the phase margin of the
closed-loop circuit. (Refer to the Driving Capacitive Loads
section for more information.)
To estimate the –3 dB bandwidth for closed-loop gains of 2 or
greater, for feedback resistors not listed in the following table,
the following single pole model for the AD8023 may be used:


Similar Part No. - AD8023ACHIPS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8023ARZ AD-AD8023ARZ Datasheet
555Kb / 11P
   High Current Output, Triple Video Amplifier
REV. A
More results

Similar Description - AD8023ACHIPS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8023ARZ AD-AD8023ARZ Datasheet
555Kb / 11P
   High Current Output, Triple Video Amplifier
REV. A
AD8023 AD-AD8023_15 Datasheet
555Kb / 11P
   High Current Output, Triple Video Amplifier
REV. A
logo
National Semiconductor ...
CLC5623 NSC-CLC5623 Datasheet
182Kb / 12P
   Triple, High Output, Video Amplifier
logo
NXP Semiconductors
TDA6103Q PHILIPS-TDA6103Q Datasheet
100Kb / 16P
   Triple video output amplifier
March 1994
TDA6107Q PHILIPS-TDA6107Q Datasheet
85Kb / 16P
   Triple video output amplifier
1999 Oct 26
TDA6107JF PHILIPS-TDA6107JF Datasheet
95Kb / 20P
   Triple video output amplifier
2002 Oct 18
TDA6108AJF NXP-TDA6108AJF Datasheet
101Kb / 16P
   Triple video output amplifier
Rev. 03-20 April 2005
TDA6107AJF NXP-TDA6107AJF Datasheet
77Kb / 16P
   Triple video output amplifier
Rev. 02-28 April 2005
TDA6108JF PHILIPS-TDA6108JF Datasheet
315Kb / 16P
   Triple video output amplifier
1999 Oct 29
logo
Integral Corp.
ILA6107Q INTEGRAL-ILA6107Q Datasheet
151Kb / 5P
   Triple video output amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com