Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8042AN Datasheet(PDF) 6 Page - Analog Devices

Part # AD8042AN
Description  Dual 160 MHz Rail-to-Rail Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8042AN Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8042AN Datasheet HTML 2Page - Analog Devices AD8042AN Datasheet HTML 3Page - Analog Devices AD8042AN Datasheet HTML 4Page - Analog Devices AD8042AN Datasheet HTML 5Page - Analog Devices AD8042AN Datasheet HTML 6Page - Analog Devices AD8042AN Datasheet HTML 7Page - Analog Devices AD8042AN Datasheet HTML 8Page - Analog Devices AD8042AN Datasheet HTML 9Page - Analog Devices AD8042AN Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
REV. C
–6–
AD8042–Typical Performance Characteristics
VS = 5V
T = 25 C
140 PARTS, SIDE A & B
MEAN = –1.52mV
STD DEVIATION = 1.15
SAMPLE SIZE = 280
(140 AD8042S)
VOS (mV)
100
40
0
80
60
20
90
70
50
30
10
–6
6
–5
–4
–3
–2
–1
0
1
2
3
4
5
TPC 1. Typical Distribution of VOS
VOS DRIFT( V/ C)
20
15
0
–18
–4
–16
–14
–12
0
–8
–6
–2
10
5
VS = 5V
MEAN = –12.6 V/ C
STD DEV = 2.02 V/ C
SAMPLE SIZE = 60
–10
25
30
TPC 2. VOS Drift Over –40
∞C to +85∞C
TEMPERATURE( C)
0
–0.2
–0.4
–0.6
–0.8
–1
–1.2
–1.4
–1.6
–1.8
–2
–40 –30 –20 –10
0
10
20
30
40
50
60
70
80
VS = 5V
VCM = 0V
90
TPC 3. IB vs. Temperature
LOAD RESISTANCE ( )
100
70
95
90
85
80
75
0
2000
250
500
750
1000
1250
1500
1750
VS = 5V
T = 25 C
TPC 4. Open-Loop Gain vs. RL to 2.5 V
100
98
96
94
92
90
88
86
–40
–20
0
20
40
60
80
TEMPERATURE ( C)
VS = 5V
RL = 1k
TPC 5. Open-Loop Gain vs. Temperature
OUTPUT VOLTAGE (V)
100
70
40
90
80
60
50
05
0.5
1
1.5
2
2.5
3
3.5
4
4.5
RL = 500 TO 2.5V
VS = 5V
RL = 50
TO 2.5V
TPC 6. Open-Loop Gain vs. Output Voltage


Similar Part No. - AD8042AN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8042AN AD-AD8042AN Datasheet
435Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
More results

Similar Description - AD8042AN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8042 AD-AD8042_15 Datasheet
556Kb / 17P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
AD8042 AD-AD8042_07 Datasheet
435Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
AD8042 AD-AD8042_06 Datasheet
405Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. D
AD8041 AD-AD8041 Datasheet
250Kb / 16P
   160 MHz Rail-to-Rail Amplifier with Disable
REV. B
AD8041 AD-AD8041_17 Datasheet
311Kb / 18P
   160 MHz Rail-to-Rail Amplifier with Disable
AD8041 AD-AD8041_15 Datasheet
505Kb / 17P
   160 MHz Rail-to-Rail Amplifier with Disable
REV. B
AD8646 AD-AD8646 Datasheet
475Kb / 12P
   24 MHz Rail-to-Rail Dual Amplifier
REV. 0
logo
List of Unclassifed Man...
5962L9683903VHA ETC-5962L9683903VHA Datasheet
100Kb / 13P
   MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
AD8041ANZ ETC-AD8041ANZ Datasheet
100Kb / 13P
   MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
AD8041ARZ ETC1-AD8041ARZ Datasheet
100Kb / 13P
   MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com