Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8057 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8057
Description  Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8057 Datasheet(HTML) 3 Page - Analog Devices

  AD8057 Datasheet HTML 1Page - Analog Devices AD8057 Datasheet HTML 2Page - Analog Devices AD8057 Datasheet HTML 3Page - Analog Devices AD8057 Datasheet HTML 4Page - Analog Devices AD8057 Datasheet HTML 5Page - Analog Devices AD8057 Datasheet HTML 6Page - Analog Devices AD8057 Datasheet HTML 7Page - Analog Devices AD8057 Datasheet HTML 8Page - Analog Devices AD8057 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
–3–
REV. A
AD8057/AD8058
AD8057/AD8058
Parameter
Conditions
Min
Typ
Max
Units
DYNAMIC PERFORMANCE
–3 dB Bandwidth
G = +1, VO = 0.2 V p-p
300
MHz
G = +1, VO = 2 V p-p
155
MHz
Bandwidth for 0.1 dB Flatness
VO = 0.2 V p-p
28
MHz
Slew Rate
G = +1, VO = 2 V Step, RL = 2 kΩ
700
V/
µs
Settling Time to 0.1%
G = +2, VO = 2 V Step
35
ns
NOISE/HARMONIC PERFORMANCE
Total Harmonic Distortion
fC = 5 MHz, VO = 2 V p-p, RL = 1 k
–75
dBc
fC = 20 MHz, VO = 2 V p-p, RL = 1 k
–54
dBc
Crosstalk, Output to Output
f = 5 MHz, G = +2
–60
dB
Input Voltage Noise
f = 100 kHz
7
nV/
√Hz
Input Current Noise
f = 100 kHz
0.7
pA/
√Hz
Differential Gain Error
NTSC, G = +2, RL = 150
0.05
%
NTSC, G = +2, RL = 1 k
0.05
%
Differential Phase Error
NTSC, G = +2, RL = 150
0.10
Degree
NTSC, G = +2, RL = 1 k
0.02
Degree
DC PERFORMANCE
Input Offset Voltage
15
mV
TMIN–TMAX
2.5
mV
Input Offset Voltage Drift
3
µV/°C
Input Bias Current
0.5
2.5
µA
TMIN–TMAX
3.0
µA
Input Offset Current
0.75
µA
Open-Loop Gain
VO =
±1.25 V, R
L = 2 k
50
55
dB
VO =
±1.25 V, R
L = 150
45
52
dB
INPUT CHARACTERISTICS
Input Resistance
10
M
Input Capacitance
+Input
2
pF
Input Common-Mode Voltage Range
RL = 1 k
0.9 to 3.4
±V
Common-Mode Rejection Ratio
VCM =
±2.5 V
48
60
dB
OUTPUT CHARACTERISTICS
Output Voltage Swing
RL = 2 kΩ
0.9 to 4.1
V
RL = 150 Ω
1.2 to 3.8
V
Capacitive Load Drive
30% Overshoot
30
pF
POWER SUPPLY
Operating Range
3.0
6.0
10.0
V
Quiescent Current for AD8057
5.4
7.0
mA
Quiescent Current for AD8058
13.5
14
mA
Power Supply Rejection Ratio
VS =
±2.5 V to ±1.5 V
54
58
dB
Specifications subject to change without notice.
(@ TA = +25 C, VS = +5 V, RL = 100
, RF = 0
, Gain = +1, unless otherwise noted)
SPECIFICATIONS


Similar Part No. - AD8057

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8057 AD-AD8057 Datasheet
260Kb / 16P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
REV. B
AD8057 AD-AD8057 Datasheet
924Kb / 24P
   Dual, Current-Output, Serial-Input, 16-/14-Bit DACs
Rev. G
AD8057 AD-AD8057 Datasheet
485Kb / 17P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifier
REV. D
AD8057 AD-AD8057 Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16 /14-Bit Multiplying DACs with 4-Quadrant Resistors
Rev. D
AD8057 AD-AD8057 Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
More results

Similar Description - AD8057

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8057 AD-AD8057_03 Datasheet
260Kb / 16P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifiers
REV. B
AD8058 AD-AD8058_15 Datasheet
352Kb / 16P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifier
Rev. E
AD8058ARZ AD-AD8058ARZ Datasheet
485Kb / 17P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifier
REV. D
AD8057 AD-AD8057_15 Datasheet
352Kb / 16P
   Low Cost, High Performance Voltage Feedback, 325 MHz Amplifier
Rev. E
AD8055 AD-AD8055_15 Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8056 AD-AD8056_15 Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055 AD-AD8055 Datasheet
207Kb / 11P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
REV. B
AD8055 AD-AD8055_06 Datasheet
302Kb / 16P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055ART AD-AD8055ART Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8039ARZ AD-AD8039ARZ Datasheet
533Kb / 17P
   Low Power, 350 MHz Voltage Feedback Amplifiers
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com