Electronic Components Datasheet Search |
|
DBMN9W4PJ101 Datasheet(PDF) 7 Page - ITT Industries |
|
DBMN9W4PJ101 Datasheet(HTML) 7 Page - ITT Industries |
7 / 62 page C-7 www.ittcannon.com Dimensions shown in inches (mm) Specifications and dimensions subject to change D*M Combo D-Subminiature Connector Designator for High Reliability Applications Solder Cup, Crimp, and PCB Type, Combo-D’s with Machined Contacts Typical Part Number: DBM C 13X3 S J 101 Product Family Designator D*M = Solder Cup & Std. Density PCB Industrial/Commercial Version D*MM = Solder Cup & PCB Mil version (50 micro-inch gold contact/plating) D*A = Crimp signal contacts Hardware Modifier* =0.120” (3,05mm) Through Hole B =4-40 Female Screwlock C =90° Metal Bracket, 4-40 Fastener, & Boardlock (D*M, D*MM Only) D =90° Metal Bracket, 4-40 Fastener and 4-40 Screwlock (D*M, D*MM Only) E =4-40 Clinchnut G =90° Metal Bracket, 4-40 Fastener, 4-40 Screwlock, Boardlock (D*M, D*MM) H =.300” (7.6mm) Standoff, 4-40 Screwlock (D*M, D*MM US Only) I = 90° metal bracket, .120" (3.05mm) through hole K =0.162” (4,11mm) Through Hole N =.300” (7.6mm) Standoff, 4-40 Screwlock, Boardlock (D*M, D*MM Only) P =90° Metal Bracket, 4-40 Fastener (D*M, D*MM) S =90° Metal Bracket, M-3 Fastener (D*M, D*MM) V =.300” (7.6mm) 4-40 Standoff (D*M, D*MM Only) X =M3 clinchnut Y =Dual Float Mount Z =.300” (7.6mm) 4-40 Standoff, Boardlock (D*M, D*MM Only) * =Shell Sizes are E, A, B, C, D * Note: Combo-D hardware and finishes are available on D*M standard density 9, 15, 25, 37 and 50 position connectors • Shell Modifier (Standard)* = Yellow chromate over zinc shells A101 = Yellow Chromate over Cadmium shells F225 = Stainless steel shells (RoHS) (Non Hardware Versions Only) A197 = Pure Tin over Nickel Shells (Sockets only, RoHS through hole ver- sions only) K87 = Pure Tin over Nickel Shells w/grounding dimples (Pins only, RoHS) • PC Tail Modifier (Standard)* = Solder Cup (D*M/D*MM; Crimp, D*MA, D*MAM) J = 90° Std. PCB signal contact (.170" lg by .030" ) N = Straight Std. PCB signal contact (.178" lg by .030 Ø) V = 90° Euro PCB signal contact (.157" lg by .024 Ø) Y = Straight Euro PCB signal contact (.178" lg by .024 Ø) • Gender P = Male Plug, Pin S = Female Receptacle, Socket • Layouts - *Combo D E-2W2; 2WK2K, 9 (D*M) A- 5W1; A- 3W3, 3WK3, 7W2, 11W1, 95 B- 5W5, 9W4, 13W3, 17W2, 21W1, 25 C- 8W8, 13W6, 17W5, 21WA4, 25W3, 27W2, 37 D- 24W7, 36W4, 43W2, 47W1, 50 Combo-D Size 8 Contact Designators: W = w/o Contacts (letters below denote with contacts) C = 75 Ohm Coax Contacts Installed, stamped X = 50 Ohm Coax Contacts Installed, stamped H = High Power Installed V = High Voltage Installed (Cable and straight PCB only) R = Mini Hi Power 90° Installed F = Fiber Optic G= Guide Pin P = High Power Installed (European) M = 50 ohm coax contact installed, machined, 50 microinches gold N = 50 ohm coax contact installed, machined, 30 microinches gold C ca_C1-C61.qxd:Layout 1 2/10/11 9:32 AM Page 7 |
Similar Part No. - DBMN9W4PJ101 |
|
Similar Description - DBMN9W4PJ101 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |