Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AO6604 Datasheet(PDF) 8 Page - Alpha & Omega Semiconductors

Part # AO6604
Description  20V Complementary MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO6604 Datasheet(HTML) 8 Page - Alpha & Omega Semiconductors

  AO6604 Datasheet HTML 1Page - Alpha & Omega Semiconductors AO6604 Datasheet HTML 2Page - Alpha & Omega Semiconductors AO6604 Datasheet HTML 3Page - Alpha & Omega Semiconductors AO6604 Datasheet HTML 4Page - Alpha & Omega Semiconductors AO6604 Datasheet HTML 5Page - Alpha & Omega Semiconductors AO6604 Datasheet HTML 6Page - Alpha & Omega Semiconductors AO6604 Datasheet HTML 7Page - Alpha & Omega Semiconductors AO6604 Datasheet HTML 8Page - Alpha & Omega Semiconductors AO6604 Datasheet HTML 9Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
AO6604
P-Channel: TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
0
1
2
3
4
5
0
2
4
6
8
10
Q
g (nC)
Figure 7: Gate-Charge Characteristics
0
200
400
600
800
1000
1200
1400
0
5
10
15
20
-V
DS (Volts)
Figure 8: Capacitance Characteristics
C
iss
C
oss
C
rss
V
DS=-10V
I
D=-2.5A
1
10
100
1000
0.00001
0.001
0.1
10
1000
Pulse Width (s)
Figure 10: Single Pulse Power Rating Junction-
to-Ambient (Note F)
T
A=25°C
0.0
0.1
1.0
10.0
100.0
0.01
0.1
1
10
100
-V
DS (Volts)
Figure 9: Maximum Forward Biased Safe
Operating Area (Note F)
10
µs
10s
1ms
DC
R
DS(ON)
limited
T
J(Max)=150°C
T
A=25°C
100
µs
10ms
0
1
2
3
4
5
0
2
4
6
8
10
Q
g (nC)
Figure 7: Gate-Charge Characteristics
0
200
400
600
800
1000
1200
1400
0
5
10
15
20
-V
DS (Volts)
Figure 8: Capacitance Characteristics
C
iss
C
oss
C
rss
V
DS=-10V
I
D=-2.5A
1
10
100
1000
0.00001
0.001
0.1
10
1000
Pulse Width (s)
Figure 10: Single Pulse Power Rating Junction-
to-Ambient (Note F)
T
A=25°C
0.0
0.1
1.0
10.0
100.0
0.01
0.1
1
10
100
-V
DS (Volts)
Figure 9: Maximum Forward Biased Safe
Operating Area (Note F)
10
µs
10s
1ms
DC
R
DS(ON)
limited
T
J(Max)=150°C
T
A=25°C
100
µs
10ms
0.001
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 11: Normalized Maximum Transient Thermal Impedance (Note F)
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
T
on
T
P
D
Single Pulse
D=T
on/T
T
J,PK=TA+PDM.Z
θJA.RθJA
RθJA=150°C/W
Rev 4: Sep 2010
www.aosmd.com
Page 8 of 9


Similar Part No. - AO6604

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AO6604 ETC1-AO6604 Datasheet
196Kb / 7P
   Complementary Enhancement Mode Field Effect Transistor
logo
Guangdong Kexin Industr...
AO6604 KEXIN-AO6604 Datasheet
3Mb / 7P
   Complementary Trench MOSFET
logo
VBsemi Electronics Co.,...
AO6604 VBSEMI-AO6604 Datasheet
1Mb / 10P
   N- and P-Channel V (D-S) MOSFET
logo
Guangdong Youtai Semico...
AO6604 UMW-AO6604 Datasheet
825Kb / 11P
   N P Channel MOSFET
logo
Guangdong Kexin Industr...
AO6604-HF KEXIN-AO6604-HF Datasheet
4Mb / 7P
   Complementary Trench MOSFET
More results

Similar Description - AO6604

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SSF2145CH6 GOOD-ARK-SSF2145CH6 Datasheet
282Kb / 5P
   20V Complementary MOSFET
logo
Alpha & Omega Semicondu...
AO6608 AOSMD-AO6608 Datasheet
387Kb / 9P
   20V Complementary MOSFET
logo
GOOD-ARK Electronics
SSF8421 GOOD-ARK-SSF8421 Datasheet
539Kb / 4P
   20V Complementary MOSFET
SSF2145CH6 GOOD-ARK-SSF2145CH6_15 Datasheet
276Kb / 5P
   20V Complementary MOSFET
logo
Fairchild Semiconductor
FDMA1032CZ FAIRCHILD-FDMA1032CZ Datasheet
163Kb / 9P
   20V Complementary PowerTrench MOSFET
logo
Alpha & Omega Semicondu...
AOTS26108 AOSMD-AOTS26108 Datasheet
518Kb / 9P
   30V/20V Complementary MOSFET
Rev 1.0: April 2021
logo
ON Semiconductor
FDMA1032CZ ONSEMI-FDMA1032CZ Datasheet
515Kb / 10P
   20V Complementary PowerTrench MOSFET
October-2017, Rev. 2
logo
Pan Jit International I...
PJS6602 PANJIT-PJS6602 Datasheet
474Kb / 9P
   20V Complementary Enhancement Mode MOSFET
PJS6601-AU PANJIT-PJS6601-AU Datasheet
540Kb / 9P
   20V Complementary Enhancement Mode MOSFET
January 20,2022 PJS6601-AU-REV.02
PJS6601 PANJIT-PJS6601 Datasheet
559Kb / 9P
   20V Complementary Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com