Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AO6800 Datasheet(PDF) 4 Page - Alpha & Omega Semiconductors

Part # AO6800
Description  30V Dual N-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO6800 Datasheet(HTML) 4 Page - Alpha & Omega Semiconductors

  AO6800 Datasheet HTML 1Page - Alpha & Omega Semiconductors AO6800 Datasheet HTML 2Page - Alpha & Omega Semiconductors AO6800 Datasheet HTML 3Page - Alpha & Omega Semiconductors AO6800 Datasheet HTML 4Page - Alpha & Omega Semiconductors AO6800 Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
AO6800
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
0
2
4
6
8
10
0
3
6
9
12
Qg (nC)
Figure 7: Gate-Charge Characteristics
0
50
100
150
200
250
300
350
400
0
5
10
15
20
25
30
VDS (Volts)
Figure 8: Capacitance Characteristics
Ciss
Coss
Crss
VDS=15V
ID=3.4A
1
10
100
1000
10000
0.00001
0.001
0.1
10
1000
Pulse Width (s)
Figure 10: Single Pulse Power Rating Junction-to-
Ambient (Note F)
TA=25°C
0.0
0.1
1.0
10.0
100.0
0.01
0.1
1
10
100
VDS (Volts)
Figure 9: Maximum Forward Biased Safe
Operating Area (Note F)
10
µs
10s
1ms
DC
RDS(ON)
limited
TJ(Max)=150°C
TA=25°C
100
µs
10ms
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 11: Normalized Maximum Transient Thermal Impedance (Note F)
Single Pulse
D=Ton/T
TJ,PK=TA+PDM.ZθJA.RθJA
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
RθJA=150°C/W
Rev 5: December 2010
www.aosmd.com
Page 4 of 5


Similar Part No. - AO6800

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AO6800 ETC-AO6800 Datasheet
296Kb / 6P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Guangdong Kexin Industr...
AO6800 KEXIN-AO6800 Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO6800 VBSEMI-AO6800 Datasheet
1Mb / 9P
   Dual N-Channel 20 V (D-S) MOSFET
logo
Guangdong Youtai Semico...
AO6800 UMW-AO6800 Datasheet
583Kb / 8P
   Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO6800-HF KEXIN-AO6800-HF Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
More results

Similar Description - AO6800

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4812 AOSMD-AO4812_11 Datasheet
261Kb / 5P
   30V Dual N-Channel MOSFET
AO4800B AOSMD-AO4800B_11 Datasheet
575Kb / 6P
   30V Dual N-Channel MOSFET
AO4948 AOSMD-AO4948 Datasheet
620Kb / 8P
   30V Dual N-Channel MOSFET
AO6810 AOSMD-AO6810_11 Datasheet
523Kb / 5P
   30V Dual N-Channel MOSFET
AO4854 AOSMD-AO4854 Datasheet
206Kb / 6P
   30V Dual N-channel MOSFET
AO4818 AOSMD-AO4818_11 Datasheet
212Kb / 6P
   30V Dual N-channel MOSFET
AO4818B AOSMD-AO4818B Datasheet
304Kb / 6P
   30V Dual N-channel MOSFET
logo
GOOD-ARK Electronics
SSF3620 GOOD-ARK-SSF3620 Datasheet
780Kb / 6P
   30V Dual N-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM4416D TSC-TSM4416D_12 Datasheet
222Kb / 6P
   30V Dual N-Channel MOSFET
logo
Guangdong Youtai Semico...
FDS8978 UMW-FDS8978 Datasheet
450Kb / 7P
   30V Dual N-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com