Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IB048Q120T53P1-BP Datasheet(PDF) 6 Page - Vicor Corporation

Part # IB048Q120T53P1-BP
Description  4:1 Intermediate Bus Converter Module: Up to 650 W Output
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

IB048Q120T53P1-BP Datasheet(HTML) 6 Page - Vicor Corporation

Back Button IB048Q120T53P1-BP Datasheet HTML 2Page - Vicor Corporation IB048Q120T53P1-BP Datasheet HTML 3Page - Vicor Corporation IB048Q120T53P1-BP Datasheet HTML 4Page - Vicor Corporation IB048Q120T53P1-BP Datasheet HTML 5Page - Vicor Corporation IB048Q120T53P1-BP Datasheet HTML 6Page - Vicor Corporation IB048Q120T53P1-BP Datasheet HTML 7Page - Vicor Corporation IB048Q120T53P1-BP Datasheet HTML 8Page - Vicor Corporation IB048Q120T53P1-BP Datasheet HTML 9Page - Vicor Corporation IB048Q120T53P1-BP Datasheet HTML 10Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
IBC MODULE
Rev 2.0
vicorpower.com
Page 6 of 14
11/2012
800 735.6200
IB048Q120T53N1-00
Figure 9 — Overshoot at turn on at nominal line, 15% load
0 load capacitance
Figure 10 — Undershoot at turn off at nominal line, 15% load
0 load capacitance
Figure 11 — Load transient response; nominal line
Load step 75– 100%
Figure 12 — Load transient response; Full load to 75%; nominal line
SPECIFICATIONS (CONT.)
WAVEFORMS (CONT.)
Figure 7 — Turn on delay time; Enable turn on delay at nominal line,
15% load, 0 load capacitance
Figure 8 — Output voltage rise time at nominal line, 10% load
0 load capacitance


Similar Part No. - IB048Q120T53P1-BP

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
IB048Q120T53P1-BP VICOR-IB048Q120T53P1-BP Datasheet
1Mb / 19P
   4:1 Intermediate Bus Converter Module: Up to 650W Output
More results

Similar Description - IB048Q120T53P1-BP

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
IB050Q120T53N1-00 VICOR-IB050Q120T53N1-00 Datasheet
2Mb / 14P
   4:1 Intermediate Bus Converter Module: Up to 650 W Output
IB054Q120T53N1-00 VICOR-IB054Q120T53N1-00 Datasheet
1Mb / 14P
   4:1 Intermediate Bus Converter Module: Up to 650 W Output
IB054Q096T64N1-00 VICOR-IB054Q096T64N1-00 Datasheet
1Mb / 14P
   5:1 Intermediate Bus Converter Module: Up to 650 W Output
IB048Q096T64N1-00 VICOR-IB048Q096T64N1-00 Datasheet
1Mb / 14P
   5:1 Intermediate Bus Converter Module: Up to 650 W Output
IB048E120T40N1-00 VICOR-IB048E120T40N1-00_14 Datasheet
3Mb / 16P
   4:1 Intermediate Bus Converter Module: Up to 500 W Output
IB048E120T32N1-00 VICOR-IB048E120T32N1-00 Datasheet
1Mb / 13P
   4:1 Intermediate Bus Converter Module: Up to 300 W Output
IB050E120T40N1-00 VICOR-IB050E120T40N1-00 Datasheet
1Mb / 13P
   4:1 Intermediate Bus Converter Module: Up to 500 W Output
IB054E120T32N1-00 VICOR-IB054E120T32N1-00 Datasheet
1Mb / 13P
   4:1 Intermediate Bus Converter Module: Up to 300 W Output
IB048E120T40N1-00 VICOR-IB048E120T40N1-00 Datasheet
1Mb / 13P
   4:1 Intermediate Bus Converter Module: Up to 500 W Output
IB054E120T40N1-00 VICOR-IB054E120T40N1-00 Datasheet
1Mb / 13P
   4:1 Intermediate Bus Converter Module: Up to 500 W Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com