Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IB048Q120T53N3-BP Datasheet(PDF) 1 Page - Vicor Corporation

Part # IB048Q120T53N3-BP
Description  4:1 Intermediate Bus Converter Module: Up to 650 W Output
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

IB048Q120T53N3-BP Datasheet(HTML) 1 Page - Vicor Corporation

  IB048Q120T53N3-BP Datasheet HTML 1Page - Vicor Corporation IB048Q120T53N3-BP Datasheet HTML 2Page - Vicor Corporation IB048Q120T53N3-BP Datasheet HTML 3Page - Vicor Corporation IB048Q120T53N3-BP Datasheet HTML 4Page - Vicor Corporation IB048Q120T53N3-BP Datasheet HTML 5Page - Vicor Corporation IB048Q120T53N3-BP Datasheet HTML 6Page - Vicor Corporation IB048Q120T53N3-BP Datasheet HTML 7Page - Vicor Corporation IB048Q120T53N3-BP Datasheet HTML 8Page - Vicor Corporation IB048Q120T53N3-BP Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
IB048Q120T53N1-00
IBC Module
4:1 Intermediate Bus Converter Module: Up to 650 W Output
IBC MODULE
Rev 2.0
vicorpower.com
Page 1 of 14
11/2012
800 735.6200
Product Overview
The Intermediate Bus Converter (IBC) Module is a very efficient, low profile, isolated,
fixed ratio converter for power system applications in enterprise and optical access
networks.
Rated at up to 480 W from 38 Vin and up to 650 W from 50 to 55 Vin, the IBC
conforms to an industry standard quarter-brick footprint while supplying power greatly
exceeding competitive quarter-bricks. Its leading efficiency enables full load operation
at 55 °C with only 200 LFM airflow. Its small cross section facilitates unimpeded
airflow — above and below its thin body — to minimize the temperature rise of
downstream components.
Input: 38 – 55 Vdc
Output: 12 Vdc at 48 Vin
Output current: up to 53 A
Output power: up to 650 W [A]
1,500 Vdc isolation
97.8% peak efficiency
Low profile: 0.42” height above board
Industry standard 1/4 Brick pinout
Sine Amplitude Converter
Low noise 1 MHz ZVS/ZCS
Features
Absolute Maximum Ratings
Min
Max
Unit
Notes
Input voltage (+In to –In)
Operating
38
60
Vdc
Non-operating
75
Vdc
<100 mS
Input voltage slew rate
5
V/
μs
EN to –IN
-0.5
20
Vdc
Output voltage (+Out to –Out)
-0.5
17.2
Vdc
Output current
53
A
Pout ≤ 650 W
Dielectric withstand
(input to output)
1,500
Vdc
1 min.
Temperature
Operating junction
-40
125
°C
Hottest Semiconductor
Storage
-55
125
°C
[A]
For lower power applications see 300 W model IB048E120T32N1-00 or 500 W model IB048E120T40N1-00
Applications
Enterprise networks
Optical access networks
Storage networks
Automated test equipment
Size:
2.30 x 1.45 x 0.42 in
58,4 x 36,8 x 10,6 mm


Similar Part No. - IB048Q120T53N3-BP

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
IB048Q120T53N3-BP VICOR-IB048Q120T53N3-BP Datasheet
1Mb / 19P
   4:1 Intermediate Bus Converter Module: Up to 650W Output
More results

Similar Description - IB048Q120T53N3-BP

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
IB050Q120T53N1-00 VICOR-IB050Q120T53N1-00 Datasheet
2Mb / 14P
   4:1 Intermediate Bus Converter Module: Up to 650 W Output
IB054Q120T53N1-00 VICOR-IB054Q120T53N1-00 Datasheet
1Mb / 14P
   4:1 Intermediate Bus Converter Module: Up to 650 W Output
IB054Q096T64N1-00 VICOR-IB054Q096T64N1-00 Datasheet
1Mb / 14P
   5:1 Intermediate Bus Converter Module: Up to 650 W Output
IB048Q096T64N1-00 VICOR-IB048Q096T64N1-00 Datasheet
1Mb / 14P
   5:1 Intermediate Bus Converter Module: Up to 650 W Output
IB048E120T40N1-00 VICOR-IB048E120T40N1-00_14 Datasheet
3Mb / 16P
   4:1 Intermediate Bus Converter Module: Up to 500 W Output
IB048E120T32N1-00 VICOR-IB048E120T32N1-00 Datasheet
1Mb / 13P
   4:1 Intermediate Bus Converter Module: Up to 300 W Output
IB050E120T40N1-00 VICOR-IB050E120T40N1-00 Datasheet
1Mb / 13P
   4:1 Intermediate Bus Converter Module: Up to 500 W Output
IB054E120T32N1-00 VICOR-IB054E120T32N1-00 Datasheet
1Mb / 13P
   4:1 Intermediate Bus Converter Module: Up to 300 W Output
IB048E120T40N1-00 VICOR-IB048E120T40N1-00 Datasheet
1Mb / 13P
   4:1 Intermediate Bus Converter Module: Up to 500 W Output
IB054E120T40N1-00 VICOR-IB054E120T40N1-00 Datasheet
1Mb / 13P
   4:1 Intermediate Bus Converter Module: Up to 500 W Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com