Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IB054Q096T64P2-BP Datasheet(PDF) 4 Page - Vicor Corporation

Part # IB054Q096T64P2-BP
Description  5:1 Intermediate Bus Converter Module: Up to 650 W Output
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

IB054Q096T64P2-BP Datasheet(HTML) 4 Page - Vicor Corporation

  IB054Q096T64P2-BP Datasheet HTML 1Page - Vicor Corporation IB054Q096T64P2-BP Datasheet HTML 2Page - Vicor Corporation IB054Q096T64P2-BP Datasheet HTML 3Page - Vicor Corporation IB054Q096T64P2-BP Datasheet HTML 4Page - Vicor Corporation IB054Q096T64P2-BP Datasheet HTML 5Page - Vicor Corporation IB054Q096T64P2-BP Datasheet HTML 6Page - Vicor Corporation IB054Q096T64P2-BP Datasheet HTML 7Page - Vicor Corporation IB054Q096T64P2-BP Datasheet HTML 8Page - Vicor Corporation IB054Q096T64P2-BP Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
IB054Q096T64N1-00
IBC MODULE
Rev 1.3
vicorpower.com
Page 4 of 14
11/2012
800 735.6200
Test Description
Test Detail
Quantity Tested
Low Temp
3
High Temp
3
Rapid Thermal Cycling
3
5.2.3 HALT (Highly Accelerated Life testing)
6 DOF Random Vibration Test
3
Input Voltage Test
3
Output Load Test
3
Combined Stresses Test
3
5.2.4 THB (Temp. Humidity Bias)
(72 hr presoak required) 1000 hrs – Continuous Bias
30
Power cycle - On 42 minutes
5.2.5 HTOB (High Temp. Operating Bias)
Off 1 minute, On 1 minute, Off 1 minute, On 1 minute, Off 1 minute,
30
On 1 minute, Off 1 minute, On 1 minute, Off 10 minutes. Alternating
between maximum and minimum operating Voltage every hour.
5.2.6 TC (Temp. Cycling)
700 cycles , 30 minute dwell at each extreme – 20C minimum ramp rate.
30
5.2.7 Power Cycling
Reference IPC-9592A
3
Random Vibration – Operating IEC 60068-2-64 (normal operation vibration)
3
Random Vibration Non-operating (transportation) IEC 60068-2-64
3
5.2.8 – 5.2.13 Shock and Vibration
Shock Operating - normal operation shock IEC 60068-2-27
3
Free fall - IEC 60068-2-32
3
Drop Test 1 full shipping container (box)
12
5.2.14.1 Corrosion Resistance – Not required
N/A
5.2.14 Other Environmental Tests
5.2.14.2 Dust Resistance – Unpotted class II GR-1274-CORE
3
5.2.14.3 SMT Attachment Reliability IPC-9701 - J-STD-002
3
5.2.14.4 Through Hole solderability – J-STD-002
5
ESD Classification Testing
Sample size assumes CDM testing
12
Total Quantity
161
Environmental Qualification
SPECIFICATIONS (CONT.)
IPC-9592A, Based on Class II Category 2 the following detail is applicable. – Pre-conditioning required
Attribute
Symbol
Conditions / Notes
Min
Typ
Max
Unit
Enable (negative logic)
Referenced to –IN
Module enable threshold
0.8
Vdc
Module enable current
VEN = 0.8 V
130
200
µA
Module disable threshold
2.4
Vdc
Module disable current
VEN = 2.4 V
10
µA
Disable hysteresis
500
mV
Enable pin open circuit voltage
2.5
3.0
Vdc
EN to –IN resistance
Open circuit
35
k
Ω
Enable (positive logic)
Referenced to –IN
Module enable threshold
2.0
2.5
3.0
Vdc
Module disable threshold
1.45
Vdc
EN source current (operating)
VEN = 5 V
2
mA
EN voltage (operating)
4.7
5
5.3
Vdc
Control & Interface Specifications


Similar Part No. - IB054Q096T64P2-BP

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
IB054Q096T70N1-00 VICOR-IB054Q096T70N1-00 Datasheet
1Mb / 14P
   5:1 Intermediate Bus Converter Module: Up to 750 W Output
IB054Q096T70N1-00 VICOR-IB054Q096T70N1-00 Datasheet
918Kb / 18P
   5:1 Intermediate Bus Converter Module: Up to 750W Output
IB054Q096T70N1-BP VICOR-IB054Q096T70N1-BP Datasheet
1Mb / 14P
   5:1 Intermediate Bus Converter Module: Up to 750 W Output
IB054Q096T70N1-BP VICOR-IB054Q096T70N1-BP Datasheet
918Kb / 18P
   5:1 Intermediate Bus Converter Module: Up to 750W Output
IB054Q096T70N2-00 VICOR-IB054Q096T70N2-00 Datasheet
1Mb / 14P
   5:1 Intermediate Bus Converter Module: Up to 750 W Output
More results

Similar Description - IB054Q096T64P2-BP

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
IB048Q096T64N1-00 VICOR-IB048Q096T64N1-00 Datasheet
1Mb / 14P
   5:1 Intermediate Bus Converter Module: Up to 650 W Output
IB050Q120T53N1-00 VICOR-IB050Q120T53N1-00 Datasheet
2Mb / 14P
   4:1 Intermediate Bus Converter Module: Up to 650 W Output
IB048Q120T53N1-00 VICOR-IB048Q120T53N1-00 Datasheet
1Mb / 14P
   4:1 Intermediate Bus Converter Module: Up to 650 W Output
IB054Q120T53N1-00 VICOR-IB054Q120T53N1-00 Datasheet
1Mb / 14P
   4:1 Intermediate Bus Converter Module: Up to 650 W Output
IB054E096T40N1-00 VICOR-IB054E096T40N1-00 Datasheet
977Kb / 13P
   5:1 Intermediate Bus Converter Module: Up to 300 W Output
IB050E096T40N1-00 VICOR-IB050E096T40N1-00 Datasheet
1Mb / 13P
   5:1 Intermediate Bus Converter Module: Up to 300 W Output
IB050Q096T70N1-00 VICOR-IB050Q096T70N1-00 Datasheet
2Mb / 14P
   5:1 Intermediate Bus Converter Module: Up to 750 W Output
IB048E096T40N1-00 VICOR-IB048E096T40N1-00 Datasheet
1Mb / 13P
   5:1 Intermediate Bus Converter Module: Up to 300 W Output
IB048E096T48N1-00 VICOR-IB048E096T48N1-00 Datasheet
992Kb / 13P
   5:1 Intermediate Bus Converter Module: Up to 500 W Output
IB050E096T48N1-00 VICOR-IB050E096T48N1-00 Datasheet
1Mb / 13P
   5:1 Intermediate Bus Converter Module: Up to 500 W Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com