Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AO7415 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AO7415
Description  20V P-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO7415 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AO7415 Datasheet HTML 1Page - Alpha & Omega Semiconductors AO7415 Datasheet HTML 2Page - Alpha & Omega Semiconductors AO7415 Datasheet HTML 3Page - Alpha & Omega Semiconductors AO7415 Datasheet HTML 4Page - Alpha & Omega Semiconductors AO7415 Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AO7415
Symbol
Min
Typ
Max
Units
BVDSS
-20
V
VDS=-20V, VGS=0V
-1
TJ=55°C
-5
IGSS
±10
µA
VGS(th)
Gate Threshold Voltage
-0.5
-0.85
-1.2
V
ID(ON)
-13
A
80
100
TJ=125°C
115
98
125
m
130
170
m
gFS
5
S
VSD
-0.76
-1
V
IS
-1
A
Ciss
250
325
400
pF
Coss
40
63
85
pF
Crss
22
37
52
pF
Rg
11.2
17
Qg
3.2
4.5
nC
Qgs
0.6
nC
Qgd
0.9
nC
tD(on)
11
ns
t
5.5
ns
Turn-On Rise Time
Gate Drain Charge
Turn-On DelayTime
Total Gate Charge
VGS=-4.5V, VDS=-10V, ID=-2A
Gate Source Charge
Reverse Transfer Capacitance
VGS=0V, VDS=-10V, f=1MHz
SWITCHING PARAMETERS
Gate resistance
VGS=0V, VDS=0V, f=1MHz
m
Static Drain-Source On-Resistance
Maximum Body-Diode Continuous Current
Input Capacitance
Output Capacitance
DYNAMIC PARAMETERS
RDS(ON)
IDSS
µA
VDS=VGS, ID=-250µΑ
VDS=0V, VGS= ±12V
Zero Gate Voltage Drain Current
Gate-Body leakage current
Drain-Source Breakdown Voltage
On state drain current
IS=-1A,VGS=0V
VDS=-5V, ID=-2A
VGS=-2.5V, ID=-1.0A
ID=-250µA, VGS=0V
V
=-10V, V =-10V, R =5
Ω,
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
Diode Forward Voltage
Forward Transconductance
VGS=-4.5V, VDS=-5V
VGS=-10V, ID=-2A
VGS=-4.5V, ID=-1.3A
tr
5.5
ns
tD(off)
22
ns
tf
8
ns
trr
6.1
ns
Qrr
1.4
nC
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Body Diode Reverse Recovery Charge IF=-2A, dI/dt=100A/µs
Turn-On Rise Time
Turn-Off DelayTime
IF=-2A, dI/dt=100A/µs
Turn-Off Fall Time
Body Diode Reverse Recovery Time
VGS=-10V, VDS=-10V, RL=5Ω,
RGEN=3Ω
A. The value of RθJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C. The
value in any given application depends on the user's specific board design.
B. The power dissipation P
D is based on TJ(MAX)=150°C, using ≤ 10s junction-to-ambient thermal resistance.
C. Repetitive rating, pulse width limited by junction temperature T
J(MAX)=150°C. Ratings are based on low frequency and duty cycles to keep
initialT
J=25°C.
D. The RθJA is the sum of the thermal impedance from junction to lead RθJL and lead to ambient.
E. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
F. These curves are based on the junction-to-ambient thermal impedance which is measured with the device mounted on 1in2 FR-4 board with
2oz. Copper, assuming a maximum junction temperature of T
J(MAX)=150°C. The SOA curve provides a single pulse rating.
Rev 3: Nov 2011
www.aosmd.com
Page 2 of 5


Similar Part No. - AO7415

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO7415 AOSMD-AO7415 Datasheet
113Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
logo
VBsemi Electronics Co.,...
AO7415 VBSEMI-AO7415 Datasheet
1,016Kb / 9P
   P-Channel 20 V (D-S) MOSFET
logo
Alpha & Omega Semicondu...
AO7415L AOSMD-AO7415L Datasheet
113Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - AO7415

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON1611 AOSMD-AON1611 Datasheet
226Kb / 5P
   20V P-Channel MOSFET
AOC2415 AOSMD-AOC2415 Datasheet
248Kb / 5P
   20V P-Channel MOSFET
AO7417 AOSMD-AO7417_13 Datasheet
1Mb / 4P
   20V P-Channel MOSFET
logo
GOOD-ARK Electronics
SSF2301A GOOD-ARK-SSF2301A Datasheet
333Kb / 4P
   20V P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3413 AOSMD-AO3413_10 Datasheet
462Kb / 5P
   20V P-Channel MOSFET
AO7413 AOSMD-AO7413_11 Datasheet
219Kb / 5P
   20V P-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM2305 TSC-TSM2305 Datasheet
384Kb / 6P
   20V P-Channel MOSFET
TSM3441 TSC-TSM3441_08 Datasheet
125Kb / 6P
   20V P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AON7407 AOSMD-AON7407 Datasheet
248Kb / 6P
   20V P-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM9434 TSC-TSM9434 Datasheet
359Kb / 6P
   20V P-Channel MOSFET
TSM2313 TSC-TSM2313 Datasheet
360Kb / 6P
   20V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com