Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI33XX-01 Datasheet(PDF) 4 Page - Vicor Corporation

Part # PI33XX-01
Description  8V to 36Vin, 15A Cool-Power ZVS B uck Regulator Family
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI33XX-01 Datasheet(HTML) 4 Page - Vicor Corporation

  PI33XX-01 Datasheet HTML 1Page - Vicor Corporation PI33XX-01 Datasheet HTML 2Page - Vicor Corporation PI33XX-01 Datasheet HTML 3Page - Vicor Corporation PI33XX-01 Datasheet HTML 4Page - Vicor Corporation PI33XX-01 Datasheet HTML 5Page - Vicor Corporation PI33XX-01 Datasheet HTML 6Page - Vicor Corporation PI33XX-01 Datasheet HTML 7Page - Vicor Corporation PI33XX-01 Datasheet HTML 8Page - Vicor Corporation PI33XX-01 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
vicorpower.com
Rev 1.1
Cool-Power
®
800 735.6200
11/2012
Page 4 of 26
PI33XX-X1
PGD
VS1
Block 4
VIN
Block 3
PGND
Block 2
SGND
ADJ
TRK
SDA
SCL
ADR0
ADR1
K
J
H
G
F
E
D
C
B
A
13
12
5
4
3
1
14
2
10
9
8
7
6
11
SGND
Block 1
VOUT
Block 5
Pin Description
Name
Number
Description
SGND
Block 1
Signal ground: Internal logic ground for EA, TRK, SYNCI, SYNCO, ADJ and I
2C (options)
communication returns. SGND and PGND are star connected within the regulator package.
PGND
Block 2
Power ground: VIN and VOUT power returns
VIN
Block 3
Input voltage: and sense for UVLO, OVLO and feed forward ramp
VOUT
Block 5
Output voltage: and sense for power switches and feed-forward ramp
VS1
Block 4
Switching node: and ZVS sense for power switches
PGD
A1
Parallel Good: Used for parallel timing management intended for lead regulator.
EAO
A2
Error amp output: External connection for additional compensation and current sharing.
EN
A3
Enable Input: Regulator enable control. Asserted high or left floating – regulator enabled;
Asserted low, regulator output disabled. Polarity is programmable via I
2C interface.
REM
A5
Remote Sense: High side connection. Connect to output regulation point.
ADJ
B1
Adjust input: An external resistor may be connected between ADJ pin and SGND or VOUT to trim
the output voltage up or down.
TRK
C1
Soft-start and track input: An external capacitor may be connected between TRK pin and SGND
to decrease the rate of rise during soft-start.
NC
K3, A4
No Connect: Leave pins floating.
SYNCO
K4
Synchronization output: Outputs a low signal for ½ of the minimum period for synchronization of
other converters.
SYNCI
K5
Synchronization input: Synchronize to the falling edge of external clock frequency. SYNCI is a high
impedance digital input node and should always be connected to SGND when not in use.
SDA
D1
Data Line: Connect to SGND for PI33XX-10 and -11. For use with PI33XX-20 and -21 only.
SCL
E1
Clock Line: Connect to SGND for PI33XX-10 and -11. For use with PI33XX-20 and -21 only.
ADR1
H1
Tri-state Address : No connect for PI33XX-10 and -11. For use with PI33XX-20 and -21 only.
ADR0
G1
Tri-state Address : No connect for PI33XX-10 and -11. For use with PI33XX-20 and -21 only.
Package Pin-Out
Block 1: B2-4, C2-4, D2-3, E2-3, F1-3, G2-3,
H2-3, J1-3, K1-2
Block 2: A8-10, B8-10, C8-10, D8-10, E4-10,
F4-10, G4-10, H4-10, J4-10, K6-10
Block 3: G12-14, H12-14, J12-14, K12-14
Block 4: A12-14, B12-14, C12-14, D12-14,
E12-14,
Block 5: A6-7, B6-7, C6-7, D6-7
123-Lead LGA (10mm x 14mm)
Top view


Similar Part No. - PI33XX-01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PI33XX-X0 ETC2-PI33XX-X0 Datasheet
2Mb / 42P
   8V to 36Vin Cool-Power ZVS B uck Regulator Family
logo
Vicor Corporation
PI33XX-X0 VICOR-PI33XX-X0 Datasheet
2Mb / 42P
   8V to 36VIN Cool-Power ZVS Buck Regulator Family
PI33XX-X0 VICOR-PI33XX-X0_18 Datasheet
2Mb / 41P
   8V to 36VIN Cool-Power ZVS Buck Regulator Family
PI33XX-X1 VICOR-PI33XX-X1 Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
More results

Similar Description - PI33XX-01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PI33XX-X0 ETC2-PI33XX-X0 Datasheet
2Mb / 42P
   8V to 36Vin Cool-Power ZVS B uck Regulator Family
logo
Vicor Corporation
PI33XX VICOR-PI33XX Datasheet
2Mb / 42P
   8V to 36Vin Cool-Power ZVS B uck Regulator Family
logo
List of Unclassifed Man...
PI60-04-FPIZ ETC2-PI60-04-FPIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS B uck Regulator
logo
Vicor Corporation
PI3318-21-LGIZ VICOR-PI3318-21-LGIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI3311-01-LGIZ VICOR-PI3311-01-LGIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI3312-01-LGIZ VICOR-PI3312-01-LGIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI33XX-X1 VICOR-PI33XX-X1 Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI3301-01-LGIZ VICOR-PI3301-01-LGIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI3301-21-LGIZ VICOR-PI3301-21-LGIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI3318-01-LGIZ VICOR-PI3318-01-LGIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com