Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3101-00-HVIZ Datasheet(PDF) 9 Page - Vicor Corporation

Part # PI3101-00-HVIZ
Description  36-75V Input, 3.3V / 18A / 60W Output Very High Density Isolated DC-DC Converter (400W/in3)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3101-00-HVIZ Datasheet(HTML) 9 Page - Vicor Corporation

Back Button PI3101-00-HVIZ Datasheet HTML 5Page - Vicor Corporation PI3101-00-HVIZ Datasheet HTML 6Page - Vicor Corporation PI3101-00-HVIZ Datasheet HTML 7Page - Vicor Corporation PI3101-00-HVIZ Datasheet HTML 8Page - Vicor Corporation PI3101-00-HVIZ Datasheet HTML 9Page - Vicor Corporation PI3101-00-HVIZ Datasheet HTML 10Page - Vicor Corporation PI3101-00-HVIZ Datasheet HTML 11Page - Vicor Corporation PI3101-00-HVIZ Datasheet HTML 12Page - Vicor Corporation PI3101-00-HVIZ Datasheet HTML 13Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Picor Corporation • picorpower.com
PI3101-00-HVIZ
Rev 1.1, April 29
th, 2010
Page 9 of 18
Typical Performance Characteristics:
Figure 4 Conversion Efficiency (Tcase = 100
C)
Figure 5 Power Dissipation Vs IO (Tcase = 100C)
Figure 6 Power Dissipation Vs Temp (No Heat Sink)
Figure 7 POUT Vs Temp (No Heat Sink)


Similar Part No. - PI3101-00-HVIZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3101-00-HVIZ VICOR-PI3101-00-HVIZ Datasheet
3Mb / 22P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3101-00-HVIZ VICOR-PI3101-00-HVIZ Datasheet
3Mb / 22P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3101-00-HVIZ VICOR-PI3101-00-HVIZ Datasheet
4Mb / 26P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3101-00-HVIZ VICOR-PI3101-00-HVIZ Datasheet
2Mb / 18P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3101-00-HVIZ VICOR-PI3101-00-HVIZ Datasheet
1Mb / 26P
   28VIN, 3.3 to 15VOUT, ZVS Isolated Converter Module Family
More results

Similar Description - PI3101-00-HVIZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3106 VICOR-PI3106_01 Datasheet
551Kb / 15P
   18-36V Input, 12V / 4.2A / 50W Output Very High Density Isolated DC-DC Converter (334W/in3)
PI3106 VICOR-PI3106_00 Datasheet
552Kb / 15P
   16-50V Input, 12V / 4.2A / 50W Output Very High Density Isolated DC-DC Converter (334W/in3)
logo
Ericsson
PKG4428PI ERICSSON-PKG4428PI Datasheet
1Mb / 20P
   DC/DC converter Input 36-72 Vdc Output up to 15A/60W
logo
Mean Well Enterprises C...
NID60 MEANWELL-NID60 Datasheet
254Kb / 1P
   20 ~ 60W DC-DC Non-isolated Single Output Converter
logo
GAPTEC Electronic GmbH ...
60ACBE GAPTEC-60ACBE Datasheet
3Mb / 5P
   60W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated
60ACMEB GAPTEC-60ACMEB Datasheet
1Mb / 4P
   60W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated
logo
Mean Well Enterprises C...
NID60 MEANWELL-NID60_09 Datasheet
254Kb / 1P
   20 ~ 60W DC-DC Non-isolated Single Output Converter
logo
GAPTEC Electronic GmbH ...
60ACPO GAPTEC-60ACPO Datasheet
822Kb / 3P
   60W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated
logo
Delta Electronics, Inc.
S24SP05012 DELTA-S24SP05012 Datasheet
653Kb / 6P
   60W Single Output DC/DC Converter
S24SP12005PDFA DELTA-S24SP12005PDFA Datasheet
619Kb / 5P
   60W Single Output DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com