Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3106-00-HVMZ Datasheet(PDF) 5 Page - Vicor Corporation

Part # PI3106-00-HVMZ
Description  16-50V Input, 12V / 4.2A / 50W Output Very High Density Isolated DC-DC Converter (334W/in3)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3106-00-HVMZ Datasheet(HTML) 5 Page - Vicor Corporation

  PI3106-00-HVMZ Datasheet HTML 1Page - Vicor Corporation PI3106-00-HVMZ Datasheet HTML 2Page - Vicor Corporation PI3106-00-HVMZ Datasheet HTML 3Page - Vicor Corporation PI3106-00-HVMZ Datasheet HTML 4Page - Vicor Corporation PI3106-00-HVMZ Datasheet HTML 5Page - Vicor Corporation PI3106-00-HVMZ Datasheet HTML 6Page - Vicor Corporation PI3106-00-HVMZ Datasheet HTML 7Page - Vicor Corporation PI3106-00-HVMZ Datasheet HTML 8Page - Vicor Corporation PI3106-00-HVMZ Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Picor Corporation • picorpower.com
Preliminary PI3106-00-HVMZ Rev 1.3, Jan 17
th, 2012 Page 5 of 15
Electrical Specifications (continued)
Unless otherwise specified: 16V < VIN < 50V, 0A < IOUT < 4.2A, -55C < TCASE < 100C
(1)
Parameter
Symbol
Min
Typ
Max
Units
Conditions
Output Specifications (continued)
Output Turn-off Delay Time
tOFFDLY
10
µs
VIN = VUVOFF to ENABLE < 1.8V
Soft-Start Ramp Time
tSS
380
µs
ENABLE = 5V to 90% Vout
CSS = 0
Maximum Load Capacitance
COUT
10000
µF
CSS = 0 COUT= Al Electrolytic
Load Transient Deviation
VODV
360
mV
IOUT = 50% step 0.1A/µS
COUT = 6x2.2µF 16V X7R
Load Transient Recovery Time
tOVR
100
µs
IOUT = 50% step 0.1A/µS
COUT = 6x2.2µF 16V X7R
VOUT - 1%
Maximum Output Power
POUT
50
W
Auxiliary Control Pins
ENABLE
DC Voltage Reference Output
VERO
4.65
4.9
5.15
Vdc
Output Current Limit
(2)
IECL
-3.3
-2.6
-1.9
mAdc
ENABLE = 3.3V
Start Up Current Limit
(2)
IESL
-120
-90
-60
µA
ENABLE = 1V
Module Enable Voltage
VEME
1.95
2.5
3.05
Vdc
Module Disable Voltage
VEMD
1.8
2.35
2.9
Vdc
Disable Hysteresis
VEDH
150
mV
Enable Delay Time
tEE
10
µs
Disable Delay Time
tED
10
µs
Maximum Capacitance
CEC
1500
pF
Maximum External Toggle Rate
fEXT
1
Hz
TRIM/SS
Trim Voltage Reference
VREF
1.22
Vdc
Internal Capacitance
CREFI
10
nF
External Capacitance
CREF
1
µF
Internal Resistance
RREFI
10
k
TM (Temperature Monitor)
Temperature Coefficient
TMTC
10
mV/°K
Temperature Full Range Accuracy
TMACC
-5
5
°K
Drive Capability
ITM
-100
µA
TM Output Setting
VTM
3.00
V
Ambient Temperature = 300°K


Similar Part No. - PI3106-00-HVMZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3106-00-HVMZ VICOR-PI3106-00-HVMZ Datasheet
3Mb / 22P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3106-00-HVMZ VICOR-PI3106-00-HVMZ Datasheet
3Mb / 22P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3106-00-HVMZ VICOR-PI3106-00-HVMZ Datasheet
4Mb / 26P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3106-00-HVMZ VICOR-PI3106-00-HVMZ Datasheet
2Mb / 18P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3106-00-HVMZ VICOR-PI3106-00-HVMZ Datasheet
1Mb / 26P
   28VIN, 3.3 to 15VOUT, ZVS Isolated Converter Module Family
More results

Similar Description - PI3106-00-HVMZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3106 VICOR-PI3106_01 Datasheet
551Kb / 15P
   18-36V Input, 12V / 4.2A / 50W Output Very High Density Isolated DC-DC Converter (334W/in3)
PI3101 VICOR-PI3101 Datasheet
1Mb / 18P
   36-75V Input, 3.3V / 18A / 60W Output Very High Density Isolated DC-DC Converter (400W/in3)
logo
MORNSUN Science& Techno...
URF1D03QB-50W MORNSUN-URF1D03QB-50W Datasheet
1Mb / 8P
   50W, wide input voltage, isolated & regulated single output DC-DC converter
logo
Bel Fuse Inc.
V7PF-15A1AC BEL-V7PF-15A1AC Datasheet
287Kb / 8P
   NON-ISOLATED DC/DC CONVERTER 12V Input 1.2V-5.0V/15A Output
logo
GAPTEC Electronic GmbH ...
50-75-100QBR GAPTEC-50-75-100QBR Datasheet
2Mb / 6P
   50W/75W/100W - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
logo
Minmax Technology Co., ...
MKW50 MINMAX-MKW50 Datasheet
452Kb / 9P
   DC/DC CONVERTER 50W, Highest Power Density
logo
GAPTEC Electronic GmbH ...
50ACP GAPTEC-50ACP Datasheet
936Kb / 3P
   50W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated
logo
Minmax Technology Co., ...
MKWI50 MINMAX-MKWI50 Datasheet
379Kb / 8P
   DC/DC CONVERTER 50W Highest Power Density Smallest encapsulated 50W Converter
MKW50 MINMAX-MKW50_15 Datasheet
777Kb / 10P
   DC/DC CONVERTER 50W, Highest Power Density
MKWI50 MINMAX-MKWI50_15 Datasheet
842Kb / 10P
   DC/DC CONVERTER 50W, Highest Power Density
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com