Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRM48AF480M400A00 Datasheet(PDF) 8 Page - Vicor Corporation

Part # PRM48AF480M400A00
Description  PRM??Regulator
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PRM48AF480M400A00 Datasheet(HTML) 8 Page - Vicor Corporation

Back Button PRM48AF480M400A00 Datasheet HTML 4Page - Vicor Corporation PRM48AF480M400A00 Datasheet HTML 5Page - Vicor Corporation PRM48AF480M400A00 Datasheet HTML 6Page - Vicor Corporation PRM48AF480M400A00 Datasheet HTML 7Page - Vicor Corporation PRM48AF480M400A00 Datasheet HTML 8Page - Vicor Corporation PRM48AF480M400A00 Datasheet HTML 9Page - Vicor Corporation PRM48AF480M400A00 Datasheet HTML 10Page - Vicor Corporation PRM48AF480M400A00 Datasheet HTML 11Page - Vicor Corporation PRM48AF480M400A00 Datasheet HTML 12Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
- 8 -
PRM48A x 480 y 400A00
Rev. 1.0
11/2012
ELECTRICAL CHARACTERISTICS
Specifications apply over all line and load conditions, and trim from 20 V to 55 V, unless otherwise noted;
Boldface specifications apply over the temperature range of -40ºC < TINT < 125ºC; All Other specifications are at TINT = 25ºC unless otherwise noted.
POWERTRAIN PROTECTIONS
Input Undervoltage Turn-ON
VIN_UVLO+
30.9
33.0
V
Input Undervoltage Turn-OFF
VIN_UVLO-
Instantaneous powertrain shutdown, detected after tBLNK
26.0
28.8
V
Input Undervoltage Hysteresis
VUVLO_HYST
(VIN_UVLO+) - (VIN_UVLO-)
1.9
2.2
2.4
V
Input Overvoltage Turn-ON
VIN_OVLO+
79.6
82.9
V
Input Overvoltage Turn-OFF
VIN_OVLO-
Instantaneous powertrain shutdown, detected after tBLNK
84.6
88.8
V
Input Overvoltage Hysteresis
VOVLO_HYST
(VIN_OVLO+) - (VIN_OVLO-)
1.6
2.0
2.4
V
Output Overvoltage Threshold
VOUT_OVP+
Instantaneous powertrain shutdown, detected after tBLNK
56.0
58.3
60.1
V
Minimum Current Limited Vout
VOUT_UVP
12
V
Overtemperature Shutdown Setpoint
TINT_OTP
Instantaneous powertrain shutdown, detected after tBLNK
125
ºC
Output Power Limit
PPROT
400
W
Short Circuit Vout Threshold
VSC_VOUT
8.8
V
Short Circuit Vout Recovery
Threshold
VSC_VOUTR
9.5
V
Short Circuit CONTROL NODE
Threshold
VSC_VCN
7.2
V
Short Circuit CONTROL NODE
Recovery Threshold
VSC_VCN
6.9
V
Short Circuit Timeout
tSC
Short circuit fault detected after VSC_VOUT and VSC_VCN thresholds persist for this time
5
ms
Short Circuit Recovery Time
tSCR
Excludes tOFF
75
ms
Overcurrent (IFB ), and Input
Over/Undervoltage Blanking Time
tBLNK
50
120
150
s
Overtemperature, Output
Overvoltage and ENABLE Shutdown
Response Time (Hardware)
tPROT
2
s
POWERTRAIN SUPERVISORY LIMITS
Input Undervoltage Turn-ON
(Supervisory)
VIN_UVLO+_SUPV
Powertrain shutdown, after supervisory detection tLIM_SUPV
33.8
34.9
V
Input Undervoltage Turn-OFF
(Supervisory)
VIN_UVLO-_SUPV
Powertrain shutdown, after supervisory detection tLIM_SUPV
30.5
31.8
V
Input Undervoltage Hysteresis
(Supervisory)
VUVLO_HYST_SUPV
(VIN_UVLO+_SUPV) - (VIN_UVLO-_SVPV)
1.6
2.0
2.1
V
Input Overvoltage Turn-ON
(Supervisory)
VIN_OVLO+_SUPV
Powertrain shutdown after supervisory detection tLIM_SUPV
75.6
78.8
V
Input Overvoltage Turn-OFF
(Supervisory)
VIN_OVLO-_SUPV
Powertrain shutdown after supervisory detection tLIM_SUPV
80.3
82.7
V
Input Overvoltage Hysteresis
(Supervisory)
VOVLO_HYST_SUPV
(VIN_OVLO+_SUPV) - (VIN_OVLO-_SUPV)
1.2
1.5
1.8
V
Undertemperature Shutdown
Setpoint (Supervisory)
TINT_UTP
T Grade
-40
ºC
M Grade
-55
ºC
Supervisory Limit Response Time
tLIM_SUPV
150
s


Similar Part No. - PRM48AF480M400A00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PRM48AF480M400A00 VICOR-PRM48AF480M400A00 Datasheet
3Mb / 44P
   High Efficiency Converter
PRM48AF480M400A00 VICOR-PRM48AF480M400A00 Datasheet
3Mb / 44P
   High Efficiency Converter
More results

Similar Description - PRM48AF480M400A00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PR045A480T032FP VICOR-PR045A480T032FP Datasheet
791Kb / 13P
   PRM??Regulator
P048F048T12AL VICOR-P048F048T12AL_1 Datasheet
1Mb / 14P
   PRM Regulator
P048F048T24AL VICOR-P048F048T24AL_1 Datasheet
1Mb / 14P
   PRM Regulator
P036F048T12AL VICOR-P036F048T12AL Datasheet
1Mb / 14P
   PRM Regulator
PRM48BF480T500A00 VICOR-PRM48BF480T500A00 Datasheet
1Mb / 45P
   PRM??Regulator
PR024A480T012FP VICOR-PR024A480T012FP Datasheet
1Mb / 13P
   PRM??Regulator
PR045A480T017FP VICOR-PR045A480T017FP Datasheet
939Kb / 13P
   PRM??Regulator
PRM48BH480T250A00 VICOR-PRM48BH480T250A00 Datasheet
1Mb / 44P
   PRM??Regulator
P024F048T12AL VICOR-P024F048T12AL Datasheet
1Mb / 14P
   PRM Regulator
PR048A480T024FP VICOR-PR048A480T024FP Datasheet
692Kb / 13P
   PRM??Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com