Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

32785 Datasheet(PDF) 7 Page - Vicor Corporation

Part # 32785
Description  18-36V Input, 12V / 4.2A / 50W Output Very High Density Isolated DC-DC Converter (334W/in3)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

32785 Datasheet(HTML) 7 Page - Vicor Corporation

Back Button 32785 Datasheet HTML 3Page - Vicor Corporation 32785 Datasheet HTML 4Page - Vicor Corporation 32785 Datasheet HTML 5Page - Vicor Corporation 32785 Datasheet HTML 6Page - Vicor Corporation 32785 Datasheet HTML 7Page - Vicor Corporation 32785 Datasheet HTML 8Page - Vicor Corporation 32785 Datasheet HTML 9Page - Vicor Corporation 32785 Datasheet HTML 10Page - Vicor Corporation 32785 Datasheet HTML 11Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Picor Corporation • picorpower.com
Preliminary PI3106-01-HVIZ
Rev 1.3, Jan 17
th, 2012 Page 7 of 15
Functional Description
:
Input Power Pins IN(+) and IN(-):
The input power pins on the PI3106-01-HVIZ are
connected to the input power source which can
range from 18V to 36V DC. Under surge conditions,
the PI3106-01-HVIZ can withstand up to 45V DC for
100 ms without incurring damage. The user should
take care to avoid driving the input rails above the
specified ratings. Since the PI3106-01-HVIZ is
designed with high reliability in mind, the input pins
are continuously monitored. If the applied voltage
exceeds the input over-voltage trip point (typically
41V) the conversion process shall be terminated
immediately.
The
converter
initiates
soft-start
automatically within 80ms after the input voltage is
reduced back to the appropriate value. The input
pins do not have reverse polarity protection. If the
PI3106 is operated in an environment where reverse
polarity is a concern, the user should consider using
a polarity protection device such as a suitably rated
diode. To avoid the high losses of using a diode, the
user should consider the much higher efficiency
Picor family of intelligent Cool-ORing
® solutions that
can
be
used
in
reverse
polarity
applications.
Information is available at picorpower.com.
The PI3106-01-HVIZ will draw nearly zero current
until the input voltage reaches the internal start up
threshold. If the ENABLE pin is not pulled low by
external circuitry, the output voltage will begin rising
to its final value of 12V about 80ms after the input
UV lockout releases. This will occur automatically
even if the ENABLE pin is floating.
To help keep the source impedance low, the input to
the PI3106-01-HVIZ should be bypassed with (2)
4.7uF 50V ceramic capacitors of X7R dielectric in
parallel with a low Q 100uF 50V electrolytic
capacitor. To reduce EMI and reflected ripple
current, a series inductor of 0.2 to 0.47uH can be
added. The input traces to the module should be low
impedance configured in such a manner as to keep
stray inductance minimized.
ENABLE Pin:
The ENABLE pin serves as a multi-function pin for
the PI3106-01-HVIZ. During normal operation, it
outputs the on-board 4.9V regulator which can be
used for trimming the module up. The ENABLE pin
can also be used as a remote enable pin either from
the secondary via an optocoupler and some external
isolated bias supply or from the primary side through
a small signal transistor, FET or any device that
sinks 3.3mA, minimum. If the ENABLE pin is lower
than 2.35V typical, the converter will be held off or
shut down if already operating. A third feature is
offered in that during a fault condition such as output
OVP, input UV or OV, or output current limit, the
ENABLE pin is pulled low internally. This can be
used as a signal to the user that a fault has
occurred. Whenever the ENABLE pin is pulled low,
the TRIM/SS pin follows, resetting the internal and
external
soft-start
circuitry.
All
faults
will
pull
ENABLE
low
including
over
temperature.
If
increased turn on delay is desired, the ENABLE pin
can be bypassed with a small capacitor up to a
maximum of 1500pF.
TRIM/SS Pin:
The TRIM/SS pin serves as another multi-purpose
pin. First, it is used as the reference for the internal
error amplifier. Connecting a resistor from TRIM/SS
to SGND allows the reference to be margined down
by as much as -20%. Connecting a resistor from
TRIM/SS to ENABLE will allow the reference and
output voltage to be margined up by 10%. If the user
wishes a longer start up time, a small ceramic
capacitor can be added to TRIM/SS to increase it. It
is critical to connect any device between TRIM/SS
and SGND and not -IN, otherwise high frequency
noise will be introduced to the reference and
possibly cause erratic operation.
TM Pin:
The TM pin serves as an output indicator of the
internal
package
temperature
which
is
within
approximately +/- 5
K of the hottest junction
temperature. Because of this, it is a good indicator of
a thermal overload condition. The output is a scaled,
buffered analog voltage which indicates the internal
temperature in degrees Kelvin. Upon a thermal
overload, the TM pin is pulled low, indicating a
thermal fault has occurred. Upon restart of the
converter, the TM pin reverts back to a buffered
monitor. The thermal shutdown function of the
PI3106-01-HVIZ is a fault feature which interrupts
power processing if a certain maximum temperature
is exceeded. TM can be monitored by an external
microcontroller or circuit configured as an adaptive
fan speed controller so that air flow in the system
can be conveniently regulated.
SGND Pin:
The PI3106-01-HVIZ SGND pin is the “quiet” control
circuitry return. It is basically an extension of the
internal signal ground. To avoid contamination and
potential ground loops, this ground should NOT be
connected to -IN since it is already star connected
inside the package. Connect signal logic to SGND,
not -IN.


Similar Part No. - 32785

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
32785 VICOR-32785 Datasheet
552Kb / 15P
   16-50V Input, 12V / 4.2A / 50W Output Very High Density Isolated DC-DC Converter (334W/in3)
More results

Similar Description - 32785

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3106 VICOR-PI3106_00 Datasheet
552Kb / 15P
   16-50V Input, 12V / 4.2A / 50W Output Very High Density Isolated DC-DC Converter (334W/in3)
PI3101 VICOR-PI3101 Datasheet
1Mb / 18P
   36-75V Input, 3.3V / 18A / 60W Output Very High Density Isolated DC-DC Converter (400W/in3)
logo
MORNSUN Science& Techno...
URF1D03QB-50W MORNSUN-URF1D03QB-50W Datasheet
1Mb / 8P
   50W, wide input voltage, isolated & regulated single output DC-DC converter
logo
Bel Fuse Inc.
V7PF-15A1AC BEL-V7PF-15A1AC Datasheet
287Kb / 8P
   NON-ISOLATED DC/DC CONVERTER 12V Input 1.2V-5.0V/15A Output
logo
GAPTEC Electronic GmbH ...
50-75-100QBR GAPTEC-50-75-100QBR Datasheet
2Mb / 6P
   50W/75W/100W - Single Output DC-DC Converter - Wide Input - Isolated & Regulated
logo
Minmax Technology Co., ...
MKW50 MINMAX-MKW50 Datasheet
452Kb / 9P
   DC/DC CONVERTER 50W, Highest Power Density
logo
GAPTEC Electronic GmbH ...
50ACP GAPTEC-50ACP Datasheet
936Kb / 3P
   50W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated
logo
Minmax Technology Co., ...
MKWI50 MINMAX-MKWI50 Datasheet
379Kb / 8P
   DC/DC CONVERTER 50W Highest Power Density Smallest encapsulated 50W Converter
MKW50 MINMAX-MKW50_15 Datasheet
777Kb / 10P
   DC/DC CONVERTER 50W, Highest Power Density
MKWI50 MINMAX-MKWI50_15 Datasheet
842Kb / 10P
   DC/DC CONVERTER 50W, Highest Power Density
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com