Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VTM48E_120_025A00 Datasheet(PDF) 6 Page - Vicor Corporation

Part # VTM48E_120_025A00
Description  VTM Current Multiplier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VTM48E_120_025A00 Datasheet(HTML) 6 Page - Vicor Corporation

Back Button VTM48E_120_025A00 Datasheet HTML 2Page - Vicor Corporation VTM48E_120_025A00 Datasheet HTML 3Page - Vicor Corporation VTM48E_120_025A00 Datasheet HTML 4Page - Vicor Corporation VTM48E_120_025A00 Datasheet HTML 5Page - Vicor Corporation VTM48E_120_025A00 Datasheet HTML 6Page - Vicor Corporation VTM48E_120_025A00 Datasheet HTML 7Page - Vicor Corporation VTM48E_120_025A00 Datasheet HTML 8Page - Vicor Corporation VTM48E_120_025A00 Datasheet HTML 9Page - Vicor Corporation VTM48E_120_025A00 Datasheet HTML 10Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Rev. 3.1
2/2011
Page 6 of 18
V•I CHIP CORP. (A VICOR COMPANY) 25 FRONTAGE RD. ANDOVER, MA 01810 800-735-6200
vicorpower.com
x 120
025A00
y
E
48
VTM
Figure 10 –Start up from application of VIN; VC pre-applied
COUT = 1000 µF
0
5
10
15
20
25
30
35
40
45
0
2
4
6
8
10
12
14
16
Safe Operating Area
Output Voltage (V)
10 ms Max
Continuous
Figure 8 – Safe operating area
Figure 9 – Full load ripple, 100 µF CIN; No external COUT.
Board mounted module, scope setting : 20 MHz analog BW
50
75
100
125
150
175
200
225
250
0.0
2.5
5.0
7.5
10.0 12.5 15.0 17.5 20.0 22.5 25.0
Load Current (A)
26 V
48 V
55 V
V :
IN
Output Voltage Ripple vs. Load
Figure 7 – VRIPPLE vs. IOUT ; No external COUT.
Board mounted module, scope setting : 20 MHz analog BW
η
PD
0
4
8
12
16
20
24
28
32
68
72
76
80
84
88
92
96
100
0.0
2.5
5.0
7.5
10.0
12.5
15.0
17.5
20.0
22.5
25.0
Efficiency & Power Dissipation 100°C Case
Load Current (A)
26 V
48 V
55 V
V :
IN
26 V
48 V
55 V
4
6
8
10
12
14
-40
-20
0
20
40
60
80
100
ROUT vs. TCASE at VIN = 48 V
Case Temperature (°C)
I
:
OUT
12.5 A
25 A
Figure 5 – Efficiency and power dissipation at 100°C
Figure 6 – ROUT vs. temperature


Similar Part No. - VTM48E_120_025A00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VTM48EF120M025A00 VICOR-VTM48EF120M025A00 Datasheet
1Mb / 18P
   VTM Current Multiplier
VTM48EF120M025A00 VICOR-VTM48EF120M025A00 Datasheet
2Mb / 18P
   High Efficiency, Sine Amplitude Converter
VTM48EF120T025A00 VICOR-VTM48EF120T025A00 Datasheet
1Mb / 18P
   VTM Current Multiplier
VTM48EF120T025A00 VICOR-VTM48EF120T025A00 Datasheet
2Mb / 18P
   High Efficiency, Sine Amplitude Converter
VTM48ET120M025A00 VICOR-VTM48ET120M025A00 Datasheet
1Mb / 18P
   VTM Current Multiplier
More results

Similar Description - VTM48E_120_025A00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V048F480T006 VICOR-V048F480T006 Datasheet
1Mb / 11P
   VTM Current Multiplier
V048F080T030 VICOR-V048F080T030 Datasheet
773Kb / 11P
   VTM Current Multiplier
VTD48EF120T025A00 VICOR-VTD48EF120T025A00 Datasheet
2Mb / 18P
   VTM Current Multiplier
VT048A160T015FP VICOR-VT048A160T015FP Datasheet
881Kb / 11P
   VTM??Current Multiplier
V048F015T100 VICOR-V048F015T100 Datasheet
1,013Kb / 11P
   VTM Current Multiplier
V048F030T070 VICOR-V048F030T070 Datasheet
892Kb / 11P
   VTM Current Multiplier
V048F120T025 VICOR-V048F120T025 Datasheet
1,022Kb / 11P
   VTM Current Multiplier
VT048A240T012FP VICOR-VT048A240T012FP Datasheet
747Kb / 11P
   VTM??Current Multiplier
VTM48E_040_050A00 VICOR-VTM48E_040_050A00 Datasheet
1Mb / 18P
   VTM Current Multiplier
VTM48EF012T130A01 VICOR-VTM48EF012T130A01 Datasheet
1Mb / 17P
   VTM Current Multiplier
VTM48EF120M025A00 VICOR-VTM48EF120M025A00 Datasheet
1Mb / 18P
   VTM Current Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com