Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VTM48E120025A00TM Datasheet(PDF) 2 Page - Vicor Corporation

Part # VTM48E120025A00TM
Description  VTM Current Multiplier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VTM48E120025A00TM Datasheet(HTML) 2 Page - Vicor Corporation

  VTM48E120025A00TM Datasheet HTML 1Page - Vicor Corporation VTM48E120025A00TM Datasheet HTML 2Page - Vicor Corporation VTM48E120025A00TM Datasheet HTML 3Page - Vicor Corporation VTM48E120025A00TM Datasheet HTML 4Page - Vicor Corporation VTM48E120025A00TM Datasheet HTML 5Page - Vicor Corporation VTM48E120025A00TM Datasheet HTML 6Page - Vicor Corporation VTM48E120025A00TM Datasheet HTML 7Page - Vicor Corporation VTM48E120025A00TM Datasheet HTML 8Page - Vicor Corporation VTM48E120025A00TM Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Rev. 3.1
2/2011
Page 2 of 18
V•I CHIP CORP. (A VICOR COMPANY) 25 FRONTAGE RD. ANDOVER, MA 01810 800-735-6200
vicorpower.com
x 120
025A00
y
E
48
VTM
ATTRIBUTE
SYMBOL
CONDITIONS / NOTES
MIN
TYP
MAX
UNIT
Input voltage range
VIN
No external VC applied
26
55
VDC
VC applied
055
VIN slew rate
dVIN /dt
1
V/µs
VIN UV turn off
VIN_UV
Module latched shutdown,
24
26
V
No external VC applied, IOUT = 25A
No Load power dissipation
PNL
VIN = 48 V
315
W
VIN = 26 V to 55 V
17
VIN = 48 V, TC = 25ºC
5.3
6.5
VIN = 26 V to 55 V, TC = 25ºC
9
Inrush current peak
IINRP
VC enable, VIN = 48 V, COUT = 1000 µF,
10
20
A
RLOAD = 471 m
Ω
DC input current
IIN_DC
7
A
Transfer ratio
K
K = VOUT/VIN, IOUT = 0 A
1/4
V/ V
Output voltage
VOUT
VOUT = VIN K - IOUT ROUT, Section 11
V
Output current (average)
IOUT_AVG
25
A
Output current (peak)
IOUT_PK
TPEAK < 10 ms, IOUT_AVG ≤ 25 A
37.5
A
Output power (average)
POUT_AVG
IOUT_AVG ≤ 25 A
300
W
VIN = 48 V, IOUT = 25 A
95.0
96.0
Efficiency (ambient)
ηAMB
VIN = 26 V to 55 V, IOUT = 25 A
93.5
%
VIN = 48 V, IOUT = 12.5 A
94.5
95.5
Efficiency (hot)
η
HOT
VIN = 48 V, TC = 100°C, IOUT = 25 A
94.5
95.6
%
Efficiency (over load range)
η
20%
5 A < IOUT < 25 A
80
%
Output resistance (cold)
ROUT_COLD
TC = -40°C, IOUT = 25 A
4.9
6.7
9.0
m
Ω
Output resistance (ambient)
ROUT_AMB
TC = 25°C, IOUT = 25 A
6.3
9.0
13.4
m
Ω
Output resistance (hot)
ROUT_HOT
TC = 100°C, IOUT = 25 A
8.8
11.5
14.0
m
Ω
Switching frequency
FSW
1.85
1.95
2.05
MHz
Output ripple frequency
FSW_RP
3.70
3.90
4.10
MHz
Output voltage ripple
VOUT_PP
COUT = 0 F, IOUT = 25 A, VIN = 48 V,
150
285
mV
20 MHz BW, Section 12
Output inductance (parasitic)
LOUT_PAR
Frequency up to 30 MHz,
600
pH
Simulated J-lead model
Output capacitance (internal)
COUT_INT
Effective Value at 12 VOUT
47
µF
Output capacitance (external)
COUT_EXT
VTM Standalone Operation.
1000
µF
VIN pre-applied, VC enable
PROTECTION
Overvoltage lockout
VIN_OVLO+
Module latched shutdown
55.1
58.5
60
V
Overvoltage lockout
TOVLO
Effective internal RC filter
8
µs
response time constant
Output overcurrent trip
IOCP
26
39
55
A
Short circuit protection trip current
ISCP
26
A
Output overcurrent
TOCP
Effective internal RC filter (Integrative).
5.3
ms
response time constant
Short circuit protection response time
TSCP
From detection to cessation
1µs
of switching (Instantaneous)
Thermal shutdown setpoint
TJ_OTP
125
130
135
ºC
Reverse inrush current protection
Reverse Inrush protection disabled for this product
1.0 ABSOLUTE MAXIMUM VOLTAGE RATINGS
The absolute maximum ratings below are stress ratings only. Operation at or beyond these maximum ratings can cause permanent
damage to the device.
2.0 ELECTRICAL CHARACTERISTICS
Specifications apply over all line and load conditions unless otherwise noted; Boldface specifications apply over the temperature
range of -40°C < TJ < 125°C (T-Grade); All other specifications are at TJ = 25ºC unless otherwise noted.
MIN
MAX
UNIT
+ IN to - IN . . . . . . . . . . . . . . . . . . . . . . .
-1.0
60
VDC
PC to - IN . . . . . . . . . . . . . . . . . . . . . . . .
-0.3
20
VDC
TM to -IN . . . . . . . . . . . . . . . . . . . . . . . .
-0.3
7
VDC
VC to - IN . . . . . . . . . . . . . . . . . . . . . . . .
-0.3
20
VDC
MIN
MAX
UNIT
+ IN / - IN to + OUT / - OUT (hipot)........
2250
VDC
+ IN / - IN to + OUT / - OUT (working)...
60
VDC
+ OUT to - OUT.......................................
-1.0
16
VDC


Similar Part No. - VTM48E120025A00TM

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VTM48EF012T130A00 VICOR-VTM48EF012T130A00 Datasheet
1Mb / 17P
   Transformer
VTM48EF012T130A00 VICOR-VTM48EF012T130A00 Datasheet
539Kb / 17P
   High Efficiency, Sine Amplitude Converter
VTM48EF012T130A01 VICOR-VTM48EF012T130A01 Datasheet
1Mb / 17P
   VTM Current Multiplier
logo
Powerbox
VTM48EF012T130B01 POWERBOX-VTM48EF012T130B01 Datasheet
105Kb / 1P
   D C / D C C U R R E N T M U LT I P L I E R M O D U L E
logo
Vicor Corporation
VTM48EF015T115A00 VICOR-VTM48EF015T115A00 Datasheet
1Mb / 17P
   VTM Transformer
More results

Similar Description - VTM48E120025A00TM

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V048F480T006 VICOR-V048F480T006 Datasheet
1Mb / 11P
   VTM Current Multiplier
V048F080T030 VICOR-V048F080T030 Datasheet
773Kb / 11P
   VTM Current Multiplier
VTD48EF120T025A00 VICOR-VTD48EF120T025A00 Datasheet
2Mb / 18P
   VTM Current Multiplier
VT048A160T015FP VICOR-VT048A160T015FP Datasheet
881Kb / 11P
   VTM??Current Multiplier
V048F015T100 VICOR-V048F015T100 Datasheet
1,013Kb / 11P
   VTM Current Multiplier
V048F030T070 VICOR-V048F030T070 Datasheet
892Kb / 11P
   VTM Current Multiplier
V048F120T025 VICOR-V048F120T025 Datasheet
1,022Kb / 11P
   VTM Current Multiplier
VT048A240T012FP VICOR-VT048A240T012FP Datasheet
747Kb / 11P
   VTM??Current Multiplier
VTM48E_040_050A00 VICOR-VTM48E_040_050A00 Datasheet
1Mb / 18P
   VTM Current Multiplier
VTM48EF012T130A01 VICOR-VTM48EF012T130A01 Datasheet
1Mb / 17P
   VTM Current Multiplier
VTM48EF120M025A00 VICOR-VTM48EF120M025A00 Datasheet
1Mb / 18P
   VTM Current Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com