Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOT210L Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AOT210L
Description  30V N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOT210L Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AOT210L Datasheet HTML 1Page - Alpha & Omega Semiconductors AOT210L Datasheet HTML 2Page - Alpha & Omega Semiconductors AOT210L Datasheet HTML 3Page - Alpha & Omega Semiconductors AOT210L Datasheet HTML 4Page - Alpha & Omega Semiconductors AOT210L Datasheet HTML 5Page - Alpha & Omega Semiconductors AOT210L Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AOT210L/AOB210L
30V N-Channel MOSFET
General Description
Product Summary
VDS
ID (at VGS=10V)
105A
RDS(ON) (at VGS=10V)
< 2.9m
Ω (< 2.6mΩ)
RDS(ON) (at VGS = 4.5V)
< 3.7m
Ω (< 3.5mΩ)
100% UIS Tested
100% Rg Tested
Symbol
VDS
VGS
IDM
IAS, IAR
EAS, EAR
TJ, TSTG
Symbol
t ≤ 10s
Steady-State
Steady-State
RθJC
* Surface mount package TO263
400
Pulsed Drain Current
C
Continuous Drain
Current
G
Parameter
Typ
Max
TC=25°C
1.9
88
TC=100°C
Maximum Junction-to-Ambient
A
°C/W
RθJA
12
54
15
V
±20
Gate-Source Voltage
Drain-Source Voltage
30
Units
Junction and Storage Temperature Range
-55 to 175
°C
Thermal Characteristics
The AOT210L/AOB210L uses Trench MOSFET
technology that is uniquely optimized to provide the most
efficient high frequency switching performance. Power
losses are minimized due to an extremely low combination
of RDS(ON) and Crss.
V
Maximum
Units
Parameter
Absolute Maximum Ratings TA=25°C unless otherwise noted
30V
Avalanche energy L=0.1mH
C
mJ
Avalanche Current
C
16
Continuous Drain
Current
231
20
A
68
A
TA=25°C
IDSM
A
TA=70°C
ID
105
82
TC=25°C
TC=100°C
Power Dissipation
B
PD
W
Power Dissipation
A
PDSM
W
TA=70°C
176
1.2
TA=25°C
Maximum Junction-to-Case
°C/W
°C/W
Maximum Junction-to-Ambient
A D
0.7
65
0.85
G
D
S
TO220
Top View
Bottom View
G
G
S
D
D
S
D
D
TO-263
D
2PAK
Top View
Bottom View
D
D
S
G
G
S
Rev0 : Sep 2010
www.aosmd.com
Page 1 of 6


Similar Part No. - AOT210L

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOT210L ISC-AOT210L Datasheet
339Kb / 2P
   isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
AOT210L VBSEMI-AOT210L Datasheet
1Mb / 7P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - AOT210L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4304 AOSMD-AO4304 Datasheet
537Kb / 6P
   30V N-Channel MOSFET
AO4772 AOSMD-AO4772 Datasheet
294Kb / 6P
   30V N-Channel MOSFET
AO4476A AOSMD-AO4476A Datasheet
371Kb / 6P
   30V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com