Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOB264L Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AOB264L
Description  60V N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOB264L Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AOB264L Datasheet HTML 1Page - Alpha & Omega Semiconductors AOB264L Datasheet HTML 2Page - Alpha & Omega Semiconductors AOB264L Datasheet HTML 3Page - Alpha & Omega Semiconductors AOB264L Datasheet HTML 4Page - Alpha & Omega Semiconductors AOB264L Datasheet HTML 5Page - Alpha & Omega Semiconductors AOB264L Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AOT264L/AOB264L
60V N-Channel MOSFET
General Description
Product Summary
VDS
ID (at VGS=10V)
140A
RDS(ON) (at VGS=10V)
< 3.2m
Ω (< 3.0mΩ)
RDS(ON) (at VGS = 6V)
< 3.5m
Ω (< 3.3mΩ)
100% UIS Tested
100% Rg Tested
Symbol
VDS
VGS
IDM
IAS, IAR
EAS, EAR
TJ, TSTG
Symbol
t ≤ 10s
Steady-State
Steady-State
RθJC
* Surface mount package TO263
Maximum Junction-to-Case
°C/W
°C/W
Maximum Junction-to-Ambient
A D
0.35
60
0.45
Power Dissipation
B
PD
W
Power Dissipation
A
PDSM
W
TA=70°C
333
1.3
TA=25°C
A
TA=25°C
IDSM
A
TA=70°C
ID
140
110
TC=25°C
TC=100°C
Avalanche energy L=0.1mH
C
mJ
Avalanche Current
C
15
Continuous Drain
Current
500
19
A
100
The AOT264L/AOB264L combines advanced trench
MOSFET technology with a low resistance package to
provide extremely low RDS(ON).This device is ideal for boost
converters and synchronous rectifiers for consumer,
telecom, industrial power supplies and LED backlighting.
V
Maximum
Units
Parameter
Absolute Maximum Ratings TA=25°C unless otherwise noted
60V
Units
Junction and Storage Temperature Range
-55 to 175
°C
Thermal Characteristics
V
±20
Gate-Source Voltage
Drain-Source Voltage
60
Maximum Junction-to-Ambient
A
°C/W
RθJA
12
48
15
480
Pulsed Drain Current
C
Continuous Drain
Current
G
Parameter
Typ
Max
TC=25°C
2.1
167
TC=100°C
G
D
S
TO220
Top View
Bottom View
G
G
S
D
D
S
D
D
TO-263
D
2PAK
Top View
Bottom View
D
D
S
G
G
S
Rev0 : Dec 2010
www.aosmd.com
Page 1 of 6


Similar Part No. - AOB264L

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOB264L ISC-AOB264L Datasheet
282Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - AOB264L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP65N06 FAIRCHILD-FDP65N06 Datasheet
598Kb / 8P
   60V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3460 AOSMD-AO3460_10 Datasheet
168Kb / 4P
   60V N-Channel MOSFET
AOB462L AOSMD-AOB462L Datasheet
445Kb / 6P
   60V N-Channel MOSFET
AOB2606L AOSMD-AOB2606L Datasheet
354Kb / 7P
   60V N-Channel MOSFET
AON6444 AOSMD-AON6444 Datasheet
270Kb / 7P
   60V N-Channel MOSFET
logo
Chip Integration Techno...
2N7002D CITC-2N7002D Datasheet
502Kb / 6P
   60V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF6010A GOOD-ARK-SSF6010A Datasheet
996Kb / 5P
   60V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP50N06A SEMIHOW-HFP50N06A_16 Datasheet
374Kb / 9P
   60V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF6010 GOOD-ARK-SSF6010 Datasheet
953Kb / 5P
   60V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO4440 AOSMD-AO4440_10 Datasheet
172Kb / 4P
   60V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com