Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOT264L Datasheet(PDF) 5 Page - Alpha & Omega Semiconductors

Part # AOT264L
Description  60V N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOT264L Datasheet(HTML) 5 Page - Alpha & Omega Semiconductors

  AOT264L Datasheet HTML 1Page - Alpha & Omega Semiconductors AOT264L Datasheet HTML 2Page - Alpha & Omega Semiconductors AOT264L Datasheet HTML 3Page - Alpha & Omega Semiconductors AOT264L Datasheet HTML 4Page - Alpha & Omega Semiconductors AOT264L Datasheet HTML 5Page - Alpha & Omega Semiconductors AOT264L Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
AOT264L/AOB264L
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
17
5
2
10
0
18
40
1
10
100
1000
0.001
0.1
10
1000
Pulse Width (s)
Figure 15: Single Pulse Power Rating Junction-to-
Ambient (Note H)
0.001
0.01
0.1
1
10
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 16: Normalized Maximum Transient Thermal Impedance (Note H)
Single Pulse
D=Ton/T
TJ,PK=TA+PDM.ZθJA.RθJA
Ton
T
PD
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
0
100
200
300
400
0
25
50
75
100
125
150
175
TCASE (°C)
Figure 13: Power De-rating (Note F)
0
30
60
90
120
150
0
25
50
75
100
125
150
175
TCASE (°C)
Figure 14: Current De-rating (Note F)
TA=25°C
RθJA=60°C/W
10
100
1000
1
10
100
1000
Time in avalanche, tA
µµµs)
Figure 12: Single Pulse Avalanche capability (Note
C)
TA=25°C
TA=150°C
TA=100°C
TA=125°C
Rev0 : Dec 2010
www.aosmd.com
Page 5 of 6


Similar Part No. - AOT264L

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOT264L ISC-AOT264L Datasheet
289Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - AOT264L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP65N06 FAIRCHILD-FDP65N06 Datasheet
598Kb / 8P
   60V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3460 AOSMD-AO3460_10 Datasheet
168Kb / 4P
   60V N-Channel MOSFET
AOB462L AOSMD-AOB462L Datasheet
445Kb / 6P
   60V N-Channel MOSFET
AOB2606L AOSMD-AOB2606L Datasheet
354Kb / 7P
   60V N-Channel MOSFET
AON6444 AOSMD-AON6444 Datasheet
270Kb / 7P
   60V N-Channel MOSFET
logo
Chip Integration Techno...
2N7002D CITC-2N7002D Datasheet
502Kb / 6P
   60V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF6010A GOOD-ARK-SSF6010A Datasheet
996Kb / 5P
   60V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP50N06A SEMIHOW-HFP50N06A_16 Datasheet
374Kb / 9P
   60V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF6010 GOOD-ARK-SSF6010 Datasheet
953Kb / 5P
   60V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO4440 AOSMD-AO4440_10 Datasheet
172Kb / 4P
   60V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com