Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IB050Q096T80P1-OO Datasheet(PDF) 4 Page - Vicor Corporation

Part # IB050Q096T80P1-OO
Description  5:1 Intermediate Bus Converter Module: Up to 850 W Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

IB050Q096T80P1-OO Datasheet(HTML) 4 Page - Vicor Corporation

  IB050Q096T80P1-OO Datasheet HTML 1Page - Vicor Corporation IB050Q096T80P1-OO Datasheet HTML 2Page - Vicor Corporation IB050Q096T80P1-OO Datasheet HTML 3Page - Vicor Corporation IB050Q096T80P1-OO Datasheet HTML 4Page - Vicor Corporation IB050Q096T80P1-OO Datasheet HTML 5Page - Vicor Corporation IB050Q096T80P1-OO Datasheet HTML 6Page - Vicor Corporation IB050Q096T80P1-OO Datasheet HTML 7Page - Vicor Corporation IB050Q096T80P1-OO Datasheet HTML 8Page - Vicor Corporation IB050Q096T80P1-OO Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
IBC MODULE
Rev 1.2
vicorpower.com
Page 4 of 15
1/2013
800 735.6200
IB0xxQ096T80xx-xx
Electrical Characteristics (Continued)
SPECIFICATIONS (CONT.)
All specifications valid at 48 VIN , 100% rated load and 25 °C ambient, unless otherwise indicated.
Attribute
Symbol
Conditions / Notes
Min
Typ
Max
Unit
INPUT RANGE SPECIFIC CHARACTERISTICS CONT.
IB050Q096T80xx-xx
Operating input voltage
36
48
60
Vdc
Non-operating input surge withstand
<100 ms
75
Vdc
Undervoltage protection
Turn-on
31
36
Vdc
Turn-off
29
34
Vdc
Turn-on/ Turn-off hysteresis
2
Vdc
Time constant
7
µs
Undervoltage blanking time
UV blanking time is enabled after start up
50
100
200
µs
Overvoltage protection
Turn-off
65
69
Vdc
Turn-on
60
69
Vdc
Time constant
4
µs
DC Output voltage band
No load, over Vin range
7.2
9.6
12.0
Vdc
Output OVP set point
Module will shut down
13
13.8
Vdc
Dielectric withstand
Input to output and input to baseplate,
2,250
Vdc
1 min
Output to baseplate
707
Vdc
IB054Q096T80xx-xx
Operating input voltage
36
48
60
Vdc
Operating input surge withstand
<100 ms
75
Vdc
Undervoltage protection
Turn-on
31
36
Vdc
Turn-off
29
34
Vdc
Turn-on/ Turn-off hysteresis
2
Vdc
Time constant
7
µs
Undervoltage blanking time
UV blanking time is enabled after start up
50
100
200
µs
Overvoltage protection
Turn-off
76
79.5
Vdc
Turn-on
75
78
Vdc
Time constant
4
µs
DC Output voltage band
No load, over Vin range
7.2
9.6
12.0
Vdc
Output OVP set point
Module will shut down
15.2
15.9
Vdc
Dielectric withstand
Input to output and input to baseplate,
2,250
Vdc
1 min
Output to baseplate, 1 min
707
Vdc
OUTPUT
Output power [a] see Figure 3
Output current
P
≤ 850 W
80
A
Output start up load
of Iout max, maximum output capacitance
15
%
Effective output resistance
2.4
m
Ω
[a] Does not exceed IPC-9592 derating guidelines. At 70 °C ambient, full power operation may exceed IPC-9592 guidelines, but does not exceed
component ratings, does not activate OTP and does not compromise reliability.


Similar Part No. - IB050Q096T80P1-OO

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
IB050Q096T64N1-CB VICOR-IB050Q096T64N1-CB Datasheet
1Mb / 5P
   VI BRICK짰 IBC Customer Evaluation Board
IB050Q096T70N1-00 VICOR-IB050Q096T70N1-00 Datasheet
2Mb / 14P
   5:1 Intermediate Bus Converter Module: Up to 750 W Output
IB050Q096T70N1-00 VICOR-IB050Q096T70N1-00 Datasheet
918Kb / 18P
   5:1 Intermediate Bus Converter Module: Up to 750W Output
IB050Q096T70N1-BP VICOR-IB050Q096T70N1-BP Datasheet
918Kb / 18P
   5:1 Intermediate Bus Converter Module: Up to 750W Output
IB050Q096T70N1-CB VICOR-IB050Q096T70N1-CB Datasheet
1Mb / 5P
   VI BRICK짰 IBC Customer Evaluation Board
More results

Similar Description - IB050Q096T80P1-OO

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
IB054E096T40N1-00 VICOR-IB054E096T40N1-00 Datasheet
977Kb / 13P
   5:1 Intermediate Bus Converter Module: Up to 300 W Output
IB050E096T40N1-00 VICOR-IB050E096T40N1-00 Datasheet
1Mb / 13P
   5:1 Intermediate Bus Converter Module: Up to 300 W Output
IB054Q096T64N1-00 VICOR-IB054Q096T64N1-00 Datasheet
1Mb / 14P
   5:1 Intermediate Bus Converter Module: Up to 650 W Output
IB050Q096T70N1-00 VICOR-IB050Q096T70N1-00 Datasheet
2Mb / 14P
   5:1 Intermediate Bus Converter Module: Up to 750 W Output
IB048E096T40N1-00 VICOR-IB048E096T40N1-00 Datasheet
1Mb / 13P
   5:1 Intermediate Bus Converter Module: Up to 300 W Output
IB048E096T48N1-00 VICOR-IB048E096T48N1-00 Datasheet
992Kb / 13P
   5:1 Intermediate Bus Converter Module: Up to 500 W Output
IB050E096T48N1-00 VICOR-IB050E096T48N1-00 Datasheet
1Mb / 13P
   5:1 Intermediate Bus Converter Module: Up to 500 W Output
IB048E096T40N1-00 VICOR-IB048E096T40N1-00_14 Datasheet
1Mb / 16P
   5:1 Intermediate Bus Converter Module: Up to 300 W Output
IB048Q096T64N1-00 VICOR-IB048Q096T64N1-00 Datasheet
1Mb / 14P
   5:1 Intermediate Bus Converter Module: Up to 650 W Output
IB048Q096T70N1-00 VICOR-IB048Q096T70N1-00 Datasheet
1Mb / 14P
   5:1 Intermediate Bus Converter Module: Up to 750 W Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com