Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTA90N03ZN3 Datasheet(PDF) 7 Page - Cystech Electonics Corp.

Part # MTA90N03ZN3
Description  30V N-Channel Enhancement Mode MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTA90N03ZN3 Datasheet(HTML) 7 Page - Cystech Electonics Corp.

  MTA90N03ZN3 Datasheet HTML 1Page - Cystech Electonics Corp. MTA90N03ZN3 Datasheet HTML 2Page - Cystech Electonics Corp. MTA90N03ZN3 Datasheet HTML 3Page - Cystech Electonics Corp. MTA90N03ZN3 Datasheet HTML 4Page - Cystech Electonics Corp. MTA90N03ZN3 Datasheet HTML 5Page - Cystech Electonics Corp. MTA90N03ZN3 Datasheet HTML 6Page - Cystech Electonics Corp. MTA90N03ZN3 Datasheet HTML 7Page - Cystech Electonics Corp. MTA90N03ZN3 Datasheet HTML 8Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
CYStech Electronics Corp.
Spec. No. : C831N3
Issued Date : 2012.07.04
Revised Date : 2012.12.28
Page No. : 7/8
MTA90N03ZN3
CYStek Product Specification
Recommended wave soldering condition
Product
Peak Temperature
Soldering Time
Pb-free devices
260 +0/-5
°C
5 +1/-1 seconds
Recommended temperature profile for IR reflow
Profile feature
Sn-Pb eutectic Assembly
Pb-free Assembly
Average ramp-up rate
(Tsmax to Tp)
3
°C/second max.
3
°C/second max.
Preheat
−Temperature Min(TS min)
−Temperature Max(TS max)
−Time(ts min to ts max)
100
°C
150
°C
60-120 seconds
150
°C
200
°C
60-180 seconds
Time maintained above:
−Temperature (TL)
− Time (tL)
183
°C
60-150 seconds
217
°C
60-150 seconds
Peak Temperature(TP)
240 +0/-5
°C
260 +0/-5
°C
Time within 5
°C of actual peak
temperature(tp)
10-30 seconds
20-40 seconds
Ramp down rate
6
°C/second max.
6
°C/second max.
Time 25
°C to peak temperature
6 minutes max.
8 minutes max.
Note : All temperatures refer to topside of the package, measured on the package body surface.


Similar Part No. - MTA90N03ZN3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTA9D0B03Q8 CYSTEKEC-MTA9D0B03Q8 Datasheet
295Kb / 9P
   Dual P-Channel Enhancement Mode Power MOSFET
MTA9D0B03Q8-0-T3-G CYSTEKEC-MTA9D0B03Q8-0-T3-G Datasheet
295Kb / 9P
   Dual P-Channel Enhancement Mode Power MOSFET
MTA9D0P03Q8 CYSTEKEC-MTA9D0P03Q8 Datasheet
692Kb / 9P
   P-Channel Enhancement Mode MOSFET
MTA9D0P03Q8-0-T3-G CYSTEKEC-MTA9D0P03Q8-0-T3-G Datasheet
692Kb / 9P
   P-Channel Enhancement Mode MOSFET
MTA9D0P03V8 CYSTEKEC-MTA9D0P03V8 Datasheet
762Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
More results

Similar Description - MTA90N03ZN3

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN3A01F ZETEX-ZXMN3A01F Datasheet
1Mb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A14F ZETEX-ZXMN3A14F Datasheet
209Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A01E6 ZETEX-ZXMN3A01E6 Datasheet
1Mb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
WILLAS ELECTRONIC CORP
SE4812LT1 WILLAS-SE4812LT1 Datasheet
428Kb / 4P
   30V N-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
ZXM64N03X DIODES-ZXM64N03X Datasheet
337Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LN2306LT1G LRC-LN2306LT1G_15 Datasheet
825Kb / 4P
   30V N-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMG6402LVT DIODES-DMG6402LVT_15 Datasheet
220Kb / 6P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTNK8S3 CYSTEKEC-MTNK8S3 Datasheet
488Kb / 9P
   30V N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJS50N03 PANJIT-PJS50N03 Datasheet
227Kb / 6P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3K01N3 CYSTEKEC-MTN3K01N3 Datasheet
319Kb / 8P
   30V N-CHANNEL Enhancement Mode MOSFET
logo
Pan Jit International I...
PJ4812 PANJIT-PJ4812_09 Datasheet
379Kb / 5P
   30V N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com