Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTEE2N20J3 Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part # MTEE2N20J3
Description  N-Channel Enhancement Mode Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTEE2N20J3 Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  MTEE2N20J3 Datasheet HTML 1Page - Cystech Electonics Corp. MTEE2N20J3 Datasheet HTML 2Page - Cystech Electonics Corp. MTEE2N20J3 Datasheet HTML 3Page - Cystech Electonics Corp. MTEE2N20J3 Datasheet HTML 4Page - Cystech Electonics Corp. MTEE2N20J3 Datasheet HTML 5Page - Cystech Electonics Corp. MTEE2N20J3 Datasheet HTML 6Page - Cystech Electonics Corp. MTEE2N20J3 Datasheet HTML 7Page - Cystech Electonics Corp. MTEE2N20J3 Datasheet HTML 8Page - Cystech Electonics Corp. MTEE2N20J3 Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CYStech Electronics Corp.
Spec. No. : C881J3
Issued Date : 2012.12.14
Revised Date :
Page No. : 3/ 10
MTEE2N20J3
CYStek Product Specification
Characteristics (Tj=25
°C, unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Static
BVDSS
200
-
-
V
VGS=0V, ID=250μA
∆BVDSS/∆Tj
-
0.2
-
V/
°C
Reference to 25
°C, ID=250μA
VGS(th)
2.5
3.5
4.5
V
VDS = VGS, ID=250μA
*GFS
-
1
-
S
VDS =40V, ID=1A
IGSS
-
-
±
100
nA
VGS=±30V
IDSS
-
-
10
VDS =200V, VGS =0V
IDSS
-
-
100
μA
VDS =160V, VGS =0V, Tj=125
°C
-
650
800
VGS =10V, ID=2.9A
*RDS(ON)
-
590
730
VGS =7V, ID=1A
Dynamic
*Qg
-
6.5
-
*Qgs
-
1.3
-
*Qgd
-
3.3
-
nC
VDD=160V, ID=4A,VGS=10V
*td(ON)
-
9
-
*tr
-
16
-
*td(OFF)
-
15
-
*tf
-
13
-
ns
VDD=100V, ID=4A, VGS=10V, RG=25Ω
Ciss
-
232
-
Coss
-
25
-
Crss
-
9.1
-
pF
VGS=0V, VDS=25V, f=1MHz
Source-Drain Diode
*IS
-
-
2
*ISM
-
-
8
A
*VSD
-
0.77
1.2
V
IS=1A, VGS=0V
*trr
-
120
-
ns
*Qrr
-
500
-
nC
VGS=0, IF=2A, dI/dt=100A/μs
*Pulse Test : Pulse Width
≤300μs, Duty Cycle≤2%
Ordering Information
Device
Package
Shipping
MTEE2N20J3-0-T3-G
TO-252
(RoHS compliant and halogen-free package)
2500 pcs / tape& reel


Similar Part No. - MTEE2N20J3

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
MTEE2N20J3 DOINGTER-MTEE2N20J3 Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
More results

Similar Description - MTEE2N20J3

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com