Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8131-EVAL Datasheet(PDF) 8 Page - Analog Devices

Part # AD8131-EVAL
Description  Low-Cost, High-Speed Differential Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8131-EVAL Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8131-EVAL Datasheet HTML 4Page - Analog Devices AD8131-EVAL Datasheet HTML 5Page - Analog Devices AD8131-EVAL Datasheet HTML 6Page - Analog Devices AD8131-EVAL Datasheet HTML 7Page - Analog Devices AD8131-EVAL Datasheet HTML 8Page - Analog Devices AD8131-EVAL Datasheet HTML 9Page - Analog Devices AD8131-EVAL Datasheet HTML 10Page - Analog Devices AD8131-EVAL Datasheet HTML 11Page - Analog Devices AD8131-EVAL Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
REV. 0
AD8131
–8–
AD8131
1500
1500
750
750
24.9
49.9
100
100
Figure 29. Output Balance Error Test
Circuit
TEMPERATURE – C
15
7
–50
90
–30
50
13
11
9
5
–10
10
30
70
VS = 5V
VS = 5V
VS = 3V
Figure 32. Quiescent Current vs.
Temperature
FREQUENCY – MHz
1
1000
–40
10
100
–20
–30
–50
–70
VS = 5V
–60
VOUT,dm
VOCM
VOCM = 2V p-p
VOCM = 600mV p-p
–80
–90
Figure 35. VOCM CMRR vs. Frequency
FREQUENCY – MHz
–80
1
1000
–40
10
100
–20
–30
–50
–60
–70
VOUT,dm = 2V p-p
VOUT,cm/ VOUT,dm
VS = 5V
VS = 5V
Figure 30. Output Balance Error vs.
Frequency
FREQUENCY – Hz
0.1k
100k
70
1k
10k
110
90
50
10
30
1M
10M
100M
VS = 5V
Figure 33. Voltage Noise vs.
Frequency
400mV
5ns
VS = 5V
VOCM = –1V TO +1V
VOUT,cm
Figure 36. VOCM Transient Response
TEMPERATURE – C
4
0
–50
90
–30
50
3
2
1
–1
–10
10
30
70
VS = 5V
VS = 5V
VS = +3V(VOCM = 0V)
Figure 31. Output Offset Voltage vs.
Temperature
FREQUENCY – MHz
100
0
110
6
3
–3
–9
VS = 5V
–6
VOUT,cm
VOCM
VOCM = 2V p-p
VOCM = 600mV p-p
1000
Figure 34. VOCM Gain Response


Similar Part No. - AD8131-EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8131AR AD-AD8131AR Datasheet
378Kb / 20P
   Low Cost, High Speed Differential Driver
REV. B
AD8131AR-REEL AD-AD8131AR-REEL Datasheet
378Kb / 20P
   Low Cost, High Speed Differential Driver
REV. B
AD8131AR-REEL7 AD-AD8131AR-REEL7 Datasheet
378Kb / 20P
   Low Cost, High Speed Differential Driver
REV. B
AD8131ARM AD-AD8131ARM Datasheet
378Kb / 20P
   Low Cost, High Speed Differential Driver
REV. B
AD8131ARM-REEL AD-AD8131ARM-REEL Datasheet
378Kb / 20P
   Low Cost, High Speed Differential Driver
REV. B
More results

Similar Description - AD8131-EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8131 AD-AD8131_05 Datasheet
378Kb / 20P
   Low Cost, High Speed Differential Driver
REV. B
AD8131 AD-AD8131_15 Datasheet
479Kb / 21P
   Low Cost, High Speed Differential Driver
REV. B
AD8132 AD-AD8132 Datasheet
391Kb / 20P
   Low-Cost, High-Speed Differential Amplifier
REV. 0
AD8132 AD-AD8132_16 Datasheet
524Kb / 33P
   Low Cost, High Speed Differential Amplifier
AD8132ARZ-REEL7 AD-AD8132ARZ-REEL7 Datasheet
703Kb / 33P
   Low Cost, High Speed Differential Amplifier
Rev. I
AD8132 AD-AD8132_06 Datasheet
441Kb / 32P
   Low Cost, High Speed Differential Amplifier
Rev. F
AD8132 AD-AD8132_09 Datasheet
621Kb / 32P
   Low Cost, High Speed Differential Amplifier
Rev. I
AD8132 AD-AD8132_15 Datasheet
703Kb / 33P
   Low Cost, High Speed Differential Amplifier
Rev. I
AD8137 AD-AD8137_15 Datasheet
797Kb / 33P
   Low Cost, Low Power, Differential ADC Driver
Rev. E
logo
Aavid, Thermal Division...
AD8137 AAVID-AD8137_12 Datasheet
588Kb / 32P
   Low Cost, Low Power, Differential ADC Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com