Selected language     English  ▼


CX-1-03AT Datasheet(PDF) 1 Page - EUROQUARTZ limited

Part No. CX-1-03AT
Description  Low profile, hermetically sealed ceramic package
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EUROQUARTZ [EUROQUARTZ limited]
Homepage  http://www.euroquartz.co.uk
Logo 

   
 1 page
background image
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001
info@euroquartz.co.uk
www.euroquartz.co.uk
EURO QUARTZ
DESCRIPTION
CX-1-03 AT crystals are designed in a rugged, ceramic package. Due
to its robust design this crystal has gained wide acceptance in the
industry.
FEATURES
Low profile, hermetically sealed ceramic package
Excellent ageing characteristics
High shock resistance
Full military testing available
Available with glass or ceramic lid
Custom designs available
CX-1-03 AT CRYSTAL
Miniature AT-Cut Quartz Crystal
8MHz to 160MHz
OUTLINE & DIMENSIONS
SPECIFICATION
Fundamental Frequency:
10.0MHz
32.0MHz
155.52MHz
Motional Resistance R (Ω):
50
20
50
Motional Capacitance C1 (fF):
5.5
7.8
0.5
QualityFactor Q (k):
80
306
41
Shunt Capacitance C0 (pF):
2.2
2.6
3.2
Calibration Tolerance1:
A = ±0.01% (±100ppm)
B = ±0.1%
C = ±1%
Load Capacitance:
20pF (Unless specified by
customer)
Drive Level:
500µW maximum
Temperature Stability2
Commercial -10 ~ +60°C:
from ±10ppm
Industrial -40 to +85°C:
from ±20ppm
Military -55 to +125°C:
from ±30ppm
Ageing, first year:
5ppm maximum
Shock, survival3:
3,000g, 0.3ms, ½ sine
Vibration, survival:
20g, 10~2000Hz swept sine
Operating Temperature Range
Commercial:
-10° to +70°C
Industrial:
-40° to +85°C
Military:
-55 to +125°C
Storage Temperature Range:
-55° to +125°C
Maximum Process Temperature:
See package handling notes
Specifications stated are typical at 25°C unless otherwise indicated.
Specifications may change without notice.
Note: The characteristics of the frequency temperature stability follow
that of AT-Cut Thickness Shear mode.
1.
Tighter tolerances available.
2.
Does not include calibration tolerance.
3.
Higher shock version
HOW TO ORDER CX-1-03 CRYSTALS
CX-1 - S
-
OT
-
C
-03
- 32M,
A
/
25 /
I
'S' if special,
custom design.
Otherwise leave
blank
Blank = glass lid
C = ceramic lid
Side Leads
Frequency
K = kHz
M = MHz
Calibration
Tolerance
@25°C
A
B
C
Temp. Range
C = -10° ~ +70°C
I = -40° ~ +85°C
M = -55° ~ +125°C
S = Customer specified
OT = 3rd
Overtone
Mode.
Blank =
Fundamental
Mode
Frequency
Stability
over temp.
(in ppm)
PACKAGE HANDLING
The CX crystal is hermetically sealed in a ceramic package. Normal
handling and soldering precautions for small, low thermal mass parts
are adequate when installing or testing CX crystals. CX crystals may
be wave soldered with proper precaution taken to avoid desoldering
the leads. A slow machine rate or too high a pre-heat temperature or
solder bath temperature may damage the crystals. Lead to package
solder interface temperature should not exceed 175°C, glass lid
to package seal rim temperature should not exceed 210°C. If
the seal rim reaches temperatures above the maximum specified, the
package may lose its hermeticity. Loss of hermeticity results in a
frequency decrease and motional resistance increase.
STANDARD FREQUENCIES
10.0, 11.0592, 12.0, 16.0, 19.66080, 20.0, 24.0,
24.576, 30.0, 32.0, 35.2512, 36.0 and 40.0MHz




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl