Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MVR25D330MO-S Datasheet(PDF) 4 Page - MERITEK ELECTRONICS CORPORATION

Part # MVR25D330MO-S
Description  Metal Oxide Varistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MVR25D330MO-S Datasheet(HTML) 4 Page - MERITEK ELECTRONICS CORPORATION

  MVR25D330MO-S Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MVR25D330MO-S Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION MVR25D330MO-S Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION MVR25D330MO-S Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION MVR25D330MO-S Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION MVR25D330MO-S Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION MVR25D330MO-S Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION MVR25D330MO-S Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION MVR25D330MO-S Datasheet HTML 9Page - MERITEK ELECTRONICS CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
10D 180K
11
14
18(15~21)
36
5
500
1000
2.1
3.0
0.05
5600
10D 220K
14
18
22(20~24)
43
2.5
5.0
4500
10D 270K
17
22
27(24~30)
53
3.0
6.0
3700
10D 330K
20
26
33(30~36)
65
4.0
7.0
3000
10D 390K
25
31
39(35~43)
77
4.6
9.0
2400
10D 470K
30
38
47(42~52)
93
5.5
11.0
2100
10D 560K
35
45
56(50~62)
110
7.0
13.0
1800
10D 680K
40
56
68(61~75)
135
8.2
15.0
1500
10D 820K
50
65
82(74~90)
135
25
2500
3500
12.0
17.0
0.4
1200
10D 101K
60
85
100(90~110)
165
15.0
18.0
1000
10D 121K
75
100
120(108~132)
200
18.0
21.0
830
10D 151K
95
125
150(135~165)
250
22.0
25.0
670
10D 181K
115
150
180(162~198)
300
27.0
30.0
560
10D 201K
130
170
200(185~225)
340
30.0
35.0
500
10D 221K
140
180
220(198~242)
360
32.0
39.0
450
10D 241K
150
200
240(216~264)
395
35.0
42.0
420
10D 271K
175
225
270(243~297)
455
40.0
49.0
370
10D 301K
190
250
300(270~330)
500
40.0
54.0
330
10D 331K
210
275
330(297~363)
550
43.0
58.0
300
10D 361K
230
300
360(324~396)
595
47.0
65.0
280
10D 391K
250
320
390(351~429)
650
60.0
70.0
260
10D 431K
275
350
430(387~473)
710
65.0
80.0
230
10D 471K
300
385
470(423~517)
775
70.0
85.0
210
10D 511K
320
415
510(459~561)
845
70.0
90.0
200
10D 561K
350
460
560(504~616)
925
70.0
92.0
180
10D 621K
385
505
620(558~682)
1025
70.0
95.0
160
10D 681K
420
560
680(612~748)
1120
70.0
98.0
150
10D 751K
460
615
750(675~825)
1240
75.0
100.0
130
10D 781K
485
640
780(702~858)
1290
80.0
105.0
130
10D 821K
510
670
820(738~902)
1355
85.0
110.0
120
10D 911K
550
745
910(819~1001)
1500
93.0
130.0
110
10D 102K
625
825
1000(900~1100)
1650
102.0
140.0
100
10D 112K
680
895
1100(990~1210)
1815
115.0
155.0
90
Part No.
Maximum
Allowable
Voltage
Varistor
Voltage
Clamping
Voltage
(Max.)
Maximum
Peak Current
(8/20
μs)(A)
Maximum
Energy
(10/1000 s J)
Rated
Power
Typical
Capacitance
Acrms
(V)
DC
(V)
V@1ma
(V)
VC
(V)
Ip
(A)
standard
high
surge
standard
high
surge
(w)
@1KHz
(pF)
MERITEK
Metal Oxide Varistors
MVRSeries
10D SPECIFICATION


Similar Part No. - MVR25D330MO-S

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MVR2035CT MICROSEMI-MVR2035CT Datasheet
151Kb / 2P
   20 AMP SCHOTTKY BARRIER RECTIFIERS
MVR2040CT MICROSEMI-MVR2040CT Datasheet
151Kb / 2P
   20 AMP SCHOTTKY BARRIER RECTIFIERS
MVR2045CT MICROSEMI-MVR2045CT Datasheet
151Kb / 2P
   20 AMP SCHOTTKY BARRIER RECTIFIERS
MVR2045CTP MICROSEMI-MVR2045CTP Datasheet
151Kb / 2P
   20 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Rohm
MVR21 ROHM-MVR21 Datasheet
160Kb / 4P
   Chip trimmer potentiometers
More results

Similar Description - MVR25D330MO-S

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
   METAL OXIDE VARISTORS
logo
Ruilongyuan Electronics...
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
   Metal Oxide Varistors
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
   Metal Oxide Varistors
logo
Shanghai Yint Electroni...
7DSERIES YINT-7DSERIES Datasheet
670Kb / 4P
   Metal Oxide Varistors
logo
Shanghai Leiditech Elec...
20D180 LEIDITECH-20D180 Datasheet
871Kb / 4P
   Metal Oxide Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com