Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD822 Datasheet(PDF) 2 Page - Analog Devices

Part # AD822
Description  Single Supply, Rail-to-Rail Low Power FET-Input Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD822 Datasheet(HTML) 2 Page - Analog Devices

  AD822 Datasheet HTML 1Page - Analog Devices AD822 Datasheet HTML 2Page - Analog Devices AD822 Datasheet HTML 3Page - Analog Devices AD822 Datasheet HTML 4Page - Analog Devices AD822 Datasheet HTML 5Page - Analog Devices AD822 Datasheet HTML 6Page - Analog Devices AD822 Datasheet HTML 7Page - Analog Devices AD822 Datasheet HTML 8Page - Analog Devices AD822 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REV. A
–2–
AD822–SPECIFICATIONS (V
S = 0, 5 volts @ TA = +25 C, VCM = 0 V, VOUT = 0.2 V unless otherwise noted)
AD822A
AD822B
AD822S1
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
DC PERFORMANCE
Initial Offset
0.1
0.8
0.1
0.4
0.1
0.8
mV
Max Offset over Temperature
0.5
1.2
0.5
0.9
0.5
mV
Offset Drift
2
2
2
µV/°C
Input Bias Current
VCM = 0 V to 4 V
2
25
2
10
2
25
pA
at TMAX
0.5
5
0.5
2.5
0.5
nA
Input Offset Current
2
20
2
10
2
20
pA
at TMAX
0.5
0.5
1.5
nA
Open-Loop Gain
VO = 0.2 V to 4 V
RL = 100 k
500
1000
500
1000
500
1000
V/mV
TMIN to TMAX
400
400
V/mV
RL = 10 k
80
150
80
150
80
150
V/mV
TMIN to TMAX
80
80
V/mV
RL = 1 k
15
30
15
30
15
30
V/mV
TMIN to TMAX
10
10
V/mV
NOISE/HARMONIC PERFORMANCE
Input Voltage Noise
0.1 Hz to 10 Hz
2
2
2
µV p-p
f = 10 Hz
25
25
25
nV/
√Hz
f = 100 Hz
21
21
21
nV/
√Hz
f = 1 kHz
16
16
16
nV/
√Hz
f = 10 kHz
13
13
13
nV/
√Hz
Input Current Noise
0.1 Hz to 10 Hz
18
18
18
fA p-p
f = 1 kHz
0.8
0.8
0.8
fA/
√Hz
Harmonic Distortion
RL = 10 k to 2.5 V
f = 10 kHz
VO = 0.25 V to 4.75 V
–93
–93
–93
dB
DYNAMIC PERFORMANCE
Unity Gain Frequency
1.8
1.8
1.8
MHz
Full Power Response
VO p-p = 4.5 V
210
210
210
kHz
Slew Rate
3
3
3
V/
µs
Settling Time
to 0.1%
VO = 0.2 V to 4.5 V
1.4
1.4
1.4
µs
to 0.01%
1.8
1.8
1.8
µs
MATCHING CHARACTERISTICS
Initial Offset
1.0
0.5
1.6
mV
Max Offset Over Temperature
1.6
1.3
mV
Offset Drift
3
3
µV/°C
Input Bias Current
20
10
20
pA
Crosstalk @ f = 1 kHz
RL = 5 kΩ
–130
–130
–130
dB
f = 100 kHz
–93
–93
–93
dB
INPUT CHARACTERISTICS
Common-Mode Voltage Range
2
–0.2
4
–0.2
4
–0.2
4
V
TMIN to TMAX
–0.2
4
–0.2
4
V
CMRR
VCM = 0 V to +2 V
66
80
69
80
66
80
dB
TMIN to TMAX
66
66
dB
Input Impedance
Differential
10
13
||0.5
10
13
||0.5
10
13
||0.5
Ω||pF
Common Mode
10
13
||2.8
10
13
||2.8
10
13
||2.8
Ω||pF
OUTPUT CHARACTERISTICS
Output Saturation Voltage
3
VOL–VEE
ISINK = 20 µA
5
75
75
7
mV
TMIN to TMAX
10
10
mV
VCC–VOH
ISOURCE = 20 µA
1014
1014
1014mV
TMIN to TMAX
20
20
mV
VOL–VEE
ISINK = 2 mA
40
55
40
55
40
55
mV
TMIN to TMAX
80
80
mV
VCC–VOH
ISOURCE = 2 mA
80
110
80
110
80
110
mV
TMIN to TMAX
160
160
mV
VOL–VEE
ISINK = 15 mA
300
500
300
500
300
500
mV
TMIN to TMAX
1000
1000
mV
VCC–VOH
ISOURCE = 15 mA
800
1500
800
1500
800
1500
mV
TMIN to TMAX
1900
1900
mV
Operating Output Current
15
15
15
mA
TMIN to TMAX
12
12
mA
Capacitive Load Drive
350
350
350
pF
POWER SUPPLY
Quiescent Current TMIN to TMAX
1.24
1.6
1.24
1.6
1.24
mA
Power Supply Rejection
VS+ = 5 V to 15 V
70
80
66
80
70
80
dB
TMIN to TMAX
70
66
dB


Similar Part No. - AD822

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD822 AD-AD822 Datasheet
595Kb / 28P
   Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
Rev. G
AD822 AD-AD822 Datasheet
908Kb / 88P
   MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
REV. 0
logo
List of Unclassifed Man...
AD822-00 ETC2-AD822-00 Datasheet
159Kb / 12P
   Package Drawings and Specifications
logo
Analog Devices
AD822-EP AD-AD822-EP Datasheet
320Kb / 20P
   Sinle-Supply, Rail-to-Rail Low Power FET-Input Op Amp
REV. 0
AD8220 AD-AD8220 Datasheet
361Kb / 20P
   Low Noise, Low Gain Drift, G = 2000
REV. A
More results

Similar Description - AD822

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD820 AD-AD820_07 Datasheet
588Kb / 24P
   Single-Supply, Rail-to-Rail, Low Power FET-Input Op Amp
Rev. E
AD822ARMZ AD-AD822ARMZ Datasheet
296Kb / 24P
   Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
Rev. I
AD824ARZ-14 AD-AD824ARZ-14 Datasheet
1Mb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. C
AD824 AD-AD824_V01 Datasheet
344Kb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
Rev. E
AD824 AD-AD824_03 Datasheet
552Kb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. C
AD824 AD-AD824_15 Datasheet
436Kb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. D
AD824ARZ-14-REEL7 AD-AD824ARZ-14-REEL7 Datasheet
1Mb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. C
AD824 AD-AD824 Datasheet
551Kb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. A
AD820ARMZ AD-AD820ARMZ Datasheet
428Kb / 24P
   Single-Supply, Rail-to-Rail, Low Power, FET Input Op Amp
Rev. H
AD822AN AD-AD822AN Datasheet
296Kb / 24P
   Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com