Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC-10-06B Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TC-10-06B
Description  Through Hole Transformers Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TC-10-06B Datasheet(HTML) 3 Page - Vishay Siliconix

  TC-10-06B Datasheet HTML 1Page - Vishay Siliconix TC-10-06B Datasheet HTML 2Page - Vishay Siliconix TC-10-06B Datasheet HTML 3Page - Vishay Siliconix TC-10-06B Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TC
www.vishay.com
Vishay Dale
Revision: 02-Mar-12
3
Document Number: 34077
For technical questions, contact: magnetics@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Omit high voltage winding for TC-10-06.
Note
(1) Shows typical pin spacing, pin 10 is omitted on all models except -05, -06, -12.
SCHEMATICS
DIMENSIONS in inches [millimeters]
PART MARKING
- Model
- Date code
ORDERING INFORMATION
TC-10
-01B
EB
e2
MODEL
DASH NUMBER
PACKAGE CODE
JEDEC LEAD (Pb)-FREE STANDARD
GLOBAL PART NUMBER
T
C
10
E
B
01
B
MODEL
PACKAGE
CODE
INDUCTANCE
VALUE
5
4
3
2
6
1
9
8
7
Primary
Feedback
Secondary
1.
2.
8
9
4
5
6
1
2
3
Primary
Low Voltage
Secondary
High Voltage
Secondary
3.
5
4
3
9
2
18
Secondary
Primary
6
Feedback
4.
3
9
1
2
Primary
8
Secondary
5.
9
2
High Voltage
(1)
1
3
4
5
610
Feedback
Primary
8
7
Low Voltage
Secondary
0.130 [3.30]
Min.
0.430 [10.92]
Max.
0.750 [19.05]
Max. Dia.
8
3
4
7
1
10
9
2
65
0.025 [0.635]
(1)
Sqare Pin
18° ± 2°
0.660 [16.76]
36° ± 2°
Typ.
72° ± 2°
Bottom View


Similar Part No. - TC-10-06B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC-1000PL ETC2-TC-1000PL Datasheet
187Kb / 4P
   AC Input Voltage: 90~264V
TC-101 ETC2-TC-101 Datasheet
98Kb / 1P
   LAMINATED TAPE
logo
PREMO CORPORATION S.L
TC-1012505 PREMO-TC-1012505 Datasheet
231Kb / 2P
   50/60 Hz industrial Current Transformer up to 600A
TC-1015005 PREMO-TC-1015005 Datasheet
231Kb / 2P
   50/60 Hz industrial Current Transformer up to 600A
logo
List of Unclassifed Man...
TC-102 ETC2-TC-102 Datasheet
98Kb / 1P
   LAMINATED TAPE
More results

Similar Description - TC-10-06B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TC VISHAY-TC Datasheet
477Kb / 4P
   Through Hole Transformers Converter
Revision: 02-Mar-12
logo
Bel Fuse Inc.
2718AF2 BEL-2718AF2 Datasheet
42Kb / 2P
   ADSL MAGNETICS Through Hole Transformers
logo
Pulse A Technitrol Comp...
PE-67200NL PULSE-PE-67200NL Datasheet
302Kb / 2P
   Through Hole Current Sense Transformers
logo
Vishay Siliconix
MTPL2516 VISHAY-MTPL2516 Datasheet
75Kb / 3P
   Versatile Through-Hole Planar Transformers
logo
Pulse A Technitrol Comp...
PE-67100NL PULSE-PE-67100NL Datasheet
59Kb / 1P
   THROUGH HOLE CURRENT SENSE TRANSFORMERS
logo
Bel Fuse Inc.
0559-6200-00 BEL-0559-6200-00 Datasheet
43Kb / 1P
   ISDN TRANSFORMERS Through Hole - Dual Package
logo
Vishay Siliconix
PT50 VISHAY-PT50 Datasheet
198Kb / 3P
   Through Hole Transformers Trigger, SCR Isolation
Revision: 16-Dec-09
PT1020 VISHAY-PT1020 Datasheet
98Kb / 4P
   Through-Hole Transformers Pulse, Trigger Type
Revision: 06-Dec-11
TA VISHAY-TA Datasheet
153Kb / 5P
   Through-Hole Transformers Audio, Telephone Coupling
Revision: 06-Dec-11
TA-10-08 VISHAY-TA-10-08 Datasheet
153Kb / 5P
   Through-Hole Transformers Audio, Telephone Coupling
Revision: 06-Dec-11
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com