Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCR20-100JV Datasheet(PDF) 1 Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD

Part # FCR20-100JV
Description  Flat Type Chip Fuse Resistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOKURIKU [HOKURIKU ELECTRIC INDUSTRY CO.,LTD]
Direct Link  http://www.hdk.co.jp/english/index_e.htm
Logo HOKURIKU - HOKURIKU ELECTRIC INDUSTRY CO.,LTD

FCR20-100JV Datasheet(HTML) 1 Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD

  FCR20-100JV Datasheet HTML 1Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD FCR20-100JV Datasheet HTML 2Page - HOKURIKU ELECTRIC INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
【Model Number】
【Model Number】
【Model Number】
【Model Number】
FCR**
FCR**
FCR**
FCR**
【Features】
【Features】
【Features】
【Features】
【Dimensions】
【Dimensions】
【Dimensions】
【Dimensions】
【Designation】
【Designation】
【Designation】
【Designation】
【Specification】
【Specification】
【Specification】
【Specification】
* Design・specification are subject to change without prior notice. Please check before purchase and use.
FCR50
FCR50
FCR50
FCR50
10~100
10~100
10~100
10~100
4.50
4.50
4.50
4.50
FCR35
FCR35
FCR35
FCR35
5.1~27
5.1~27
5.1~27
5.1~27
FCR16
FCR16
FCR16
FCR16
5.6~33
5.6~33
5.6~33
5.6~33
2.00
2.00
2.00
2.00
1sec.<t≦60sec.
1sec.<t≦60sec.
1sec.<t≦60sec.
1sec.<t≦60sec.
FCR20
FCR20
FCR20
FCR20
10~100
10~100
10~100
10~100
2.50
2.50
2.50
2.50
FCR32
FCR32
FCR32
FCR32
10~100
10~100
10~100
10~100
2.50
2.50
2.50
2.50
5.00
5.00
5.00
5.00
30~300
30~300
30~300
30~300
4.50
4.50
4.50
4.50
200V
200V
200V
200V
400V
400V
400V
400V
Model No.
Fusing characteristic
Resistance (Ω)
Fusing power (W)
Fusing time
J (±5.0%)
J (±5.0%)
J (±5.0%)
J (±5.0%)
10~300
10~300
10~300
10~300
±500
±500
±500
±500
FCR50
FCR50
FCR50
FCR50
0.500
0.500
0.500
0.500
J (±5.0%)
J (±5.0%)
J (±5.0%)
J (±5.0%)
10~100
10~100
10~100
10~100
±500
±500
±500
±500
200V
200V
200V
200V
FCR32
FCR32
FCR32
FCR32
0.125
0.125
0.125
0.125
J (±5.0%)
J (±5.0%)
J (±5.0%)
J (±5.0%)
10~100
10~100
10~100
10~100
±500
±500
±500
±500
200V
200V
200V
200V
400V
400V
400V
400V
FCR35
FCR35
FCR35
FCR35
0.250
0.250
0.250
0.250
FCR20
FCR20
FCR20
FCR20
0.100
0.100
0.100
0.100
J (±5.0%)
J (±5.0%)
J (±5.0%)
J (±5.0%)
10~100
10~100
10~100
10~100
±500
±500
±500
±500
100V
100V
100V
100V
Max.Overload Voltage
FCR16
FCR16
FCR16
FCR16
0.063
0.063
0.063
0.063
J (±5.0%)
J (±5.0%)
J (±5.0%)
J (±5.0%)
5.6~33
5.6~33
5.6~33
5.6~33
±500
±500
±500
±500
50V
50V
50V
50V
100V
100V
100V
100V
Model No.
Rated power (W)
Tolerance
Range (Ω)
TCR (ppm/℃) Max.Working Voltage
FCR50
FCR50
FCR50
FCR50
5.00±0.15
2.50±0.15
0.56 +0.15/-0.05
0.60±0.25
0.60±0.25
FCR35
FCR35
FCR35
FCR35
3.20 +0.10/-0.15 2.60 +0.10/-0.15 0.55 +0.15/-0.05
FCR32
FCR32
FCR32
FCR32
3.20 +0.10/-0.15 1.60 +0.10/-0.15 0.55 +0.15/-0.05
0.50±0.20
0.50±0.20
0.50±0.20
0.50±0.20
0.40±0.20
0.40±0.20
0.80 +0.20/-0.10 0.50 +0.15/-0.05
0.25±0.20
0.25±0.20
1.25 +0.20/-0.10 0.50 +0.15/-0.05
FCR20
FCR20
FCR20
FCR20
2.00 +0.20/-0.10
(Unit: mm)
Model No.
L
W
t
c
d
FCR16
FCR16
FCR16
FCR16
1.60±0.15
Hokuriku Electric Industry Co.,Ltd
HOKURIKU
■While it works as resistor at normal use,
While it works as resistor at normal use,
While it works as resistor at normal use,
While it works as resistor at normal use,
fuses rapidly and protects circuit.
fuses rapidly and protects circuit.
fuses rapidly and protects circuit.
fuses rapidly and protects circuit.
this resistor
this resistor
this resistor
this resistor
when overpower applied,
when overpower applied,
when overpower applied,
when overpower applied,
solderings are applicable.
solderings are applicable.
solderings are applicable.
solderings are applicable.
Reflow, Flow
Reflow, Flow
Reflow, Flow
Reflow, Flow
■Europe RoHS compliant
Europe RoHS compliant
Europe RoHS compliant
Europe RoHS compliant product.
product.
product.
product.
Flat Type Chip Fuse Resistor
100
100
100
100
-
--
-
16
16
16
16
FCR
FCR
FCR
FCR
Model No.
Size
Marking
Resistance
Symbol
Tolerance
Symbol
Form
FCR16
1608
100
10Ω
J
±5.0%
V
Paper tape
FCR20
2012
Emboss tape
FCR32
3216
B
Bulk
FCR35
3225
FCR50
5025
100=10×10
0
=10Ω
①Model No.
②Resistance Value
③Resistance Tolerance
③Packing Form


Similar Part No. - FCR20-100JV

ManufacturerPart #DatasheetDescription
logo
HOKURIKU ELECTRIC INDUS...
FCR20 HOKURIKU-FCR20 Datasheet
249Kb / 2P
   Flat Type Chip Fuse Resistor
logo
Stackpole Electronics, ...
FCR2010 SEI-FCR2010 Datasheet
321Kb / 4P
   Trimmable Thick Film Chip Resistor
11/18/2020
FCR2010KT10K0 SEI-FCR2010KT10K0 Datasheet
321Kb / 4P
   Trimmable Thick Film Chip Resistor
11/18/2020
FCR2010KT10R0 SEI-FCR2010KT10R0 Datasheet
321Kb / 4P
   Trimmable Thick Film Chip Resistor
11/18/2020
FCR2010KT1M00 SEI-FCR2010KT1M00 Datasheet
321Kb / 4P
   Trimmable Thick Film Chip Resistor
11/18/2020
More results

Similar Description - FCR20-100JV

ManufacturerPart #DatasheetDescription
logo
HOKURIKU ELECTRIC INDUS...
FCR16 HOKURIKU-FCR16 Datasheet
249Kb / 2P
   Flat Type Chip Fuse Resistor
FCL10-201V HOKURIKU-FCL10-201V Datasheet
181Kb / 2P
   Flat Type Chip Fuse
FCL10-201 HOKURIKU-FCL10-201 Datasheet
997Kb / 5P
   Flat Type Chip Fuse
E011401 HOKURIKU-E011401 Datasheet
170Kb / 1P
   Flat Type Low Resistance Chip Resistor
logo
KOA Speer Electronics, ...
RK73G-RT KOA-RK73G-RT Datasheet
212Kb / 2P
   flat chip resistor
logo
HOKURIKU ELECTRIC INDUS...
ECR20 HOKURIKU-ECR20 Datasheet
150Kb / 1P
   Flat Type Extremely-Low Resistance Chip Resistor
UCR16-10GMV HOKURIKU-UCR16-10GMV Datasheet
62Kb / 1P
   Flat Type Ultra-High Resistance Chip Resistor
E011402 HOKURIKU-E011402 Datasheet
150Kb / 1P
   Flat Type Extremely-Low Resistance Chip Resistor
logo
KOA Speer Electronics, ...
RF732BTTD100J KOA-RF732BTTD100J Datasheet
266Kb / 2P
   fusing flat chip resistor
CN1H2N KOA-CN1H2N Datasheet
133Kb / 4P
   Flat Chip Resistor Array
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com