Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

42R02-8221 Datasheet(PDF) 1 Page - PowerDynamics, Inc

Part # 42R02-8221
Description  IEC 60320 C14 APPL. INLET; QUICK CONNECT TERMINALS; SIDE FLANGE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

42R02-8221 Datasheet(HTML) 1 Page - PowerDynamics, Inc

  42R02-8221 Datasheet HTML 1Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
6
B
5
4
C
D
6
54
DIMENSIONS ARE IN MILLIMETERS
ALL DIMENSIONS FOR REFERENCE ONLY
Phone: 973 560-0019
Whippany, New Jersey
Fax: 973 560-0076
3
DRAWN
CHECK
APPR
BY
BY
BY
DATE:
DATE:
DATE:
2
NTS
SCALE:
SIZE:
PART #:
A
PART:
A
1
REV:
B
3
2
C
D
1
TOLERANCE
UNLESS OTHERWISE SPECIFIED
X
±
1
X.X
±
0.4
X.XX
±
0.20
1 of 1
SHEET
IEC 60320 C14 APPL. INLET; QUICK CONNECT
TERMINALS; SIDE FLANGE
42R02-8XXX
GQ
8/7/01
TD
8/13/01
PB
8/13/01
MATERIAL AND FINISH:
Insulator: Polycarbonate, UL-94V-0 rated
Contacts: Brass, Nickel plated
ELECTRICAL SPECIFICATIONS:
Current rating: 10 A
Voltage rating: 250 VAC
Current rating: 15 A
Voltage rating: 250 VAC
ORDERING CODE:
42R02-8 __ __ __
1 2 3
1 = TERMINAL OPTIONS
1 = .187(4.8)
2 = .250(6.3)
2 = COLOR
1 = BLACK
2 = GRAY
3 = ELECTRICAL CIRCUIT
CONFIGURATION
1 = 15A 250V 120°C
2+GROUND
2 = 15A 250V 70°C
2+GROUND
4 = 15A 250V 70°C
2 POLE
D E
2X Ø3.3±0.2
V
50.0
+0.5
19.4
22.5
+0.3
45°
-3
SEE OPTION 1
40.0±0.2
27.0±0.2
0.80
19
10.0±0.5
3.00
2.00
Ø1.65
4.00
2.00±0.05
16.0
+0.5
29.5
4.0±0.1
14.0±0.2
24.0
+0.5
2X Ø3.6
45°
+2
27.5
+0.5
20.0
+0.5
PANEL CUT-OUT
RECOMMENDED
40.0±0.1
13.0
+0.5
27.5
+0.5
40.0±0.1
20.0
+0.5
2X Ø3.6
R4.0 TYP.
4X R1.5±0.2
2X R4.0±0.2
RoHS
COMPLIANT


Similar Part No. - 42R02-8221

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
42R02-8XXX ETC1-42R02-8XXX Datasheet
382Kb / 8P
   42R02-1XXX
More results

Similar Description - 42R02-8221

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
42R02-7XXX POWERDYNAMICS-42R02-7XXX Datasheet
44Kb / 1P
   IEC 60320 C14 APPL. INLET; QUICK CONNECT TERMINALS; SIDE FLANGE
42R02-2XXX POWERDYNAMICS-42R02-2XXX Datasheet
44Kb / 1P
   IEC 60320 C14 APPL. INLET; QUICK CONNECT TERMINALS; CROSS FLANGE
42R02-5XXX POWERDYNAMICS-42R02-5XXX Datasheet
44Kb / 1P
   IEC 60320 C14 APPL. INLET; QUICK CONNECT TERMINALS; BOTTOM FLANGE
42R02-6XXX POWERDYNAMICS-42R02-6XXX Datasheet
44Kb / 1P
   IEC 60320 C14 APPL. INLET; QUICK CONNECT TERMINALS; BOTTOM FLANGE
42R02-4XXX POWERDYNAMICS-42R02-4XXX Datasheet
45Kb / 1P
   IEC 60320 C14 APPL. INLET; QUICK CONNECT TERMINALS; SIDE FLANGE, PANEL MOUNT
42R01-4X2X POWERDYNAMICS-42R01-4X2X Datasheet
50Kb / 1P
   IEC 60320 C14 APPL. INLET; SCREW TERMINALS; SIDE FLANGE
42R01-7X2X POWERDYNAMICS-42R01-7X2X Datasheet
50Kb / 1P
   IEC 60320 C14 APPL. INLET; SCREW TERMINALS; SIDE FLANGE
42R02-1XXX POWERDYNAMICS-42R02-1XXX Datasheet
52Kb / 1P
   IEC 60320 C14 APPL. INLET; QUICK CONNECT TERMINALS; SIDE FLANGED, PANEL MOUNT
42R01-8X2X POWERDYNAMICS-42R01-8X2X Datasheet
52Kb / 1P
   IEC 60320 C14 APPL. INLET; SCREW TERMINALS; SIDE FLANGE
42R03-4X5X POWERDYNAMICS-42R03-4X5X Datasheet
41Kb / 1P
   IEC 60320 C14 APPL. INLET; SOLDER TERMINALS; SIDE FLANGE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com