Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

42R02-3122-250 Datasheet(PDF) 1 Page - PowerDynamics, Inc

Part # 42R02-3122-250
Description  IEC 60320 CONNECTOR; QUICK CONNECT INLET; SNAP-IN
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERDYNAMICS [PowerDynamics, Inc]
Direct Link  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

42R02-3122-250 Datasheet(HTML) 1 Page - PowerDynamics, Inc

  42R02-3122-250 Datasheet HTML 1Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
6
B
5
4
C
D
6
54
DIMENSIONS ARE IN MILLIMETERS
ALL DIMENSIONS FOR REFERENCE ONLY
Phone: 973 560-0019
Whippany, New Jersey
Fax: 973 560-0076
3
DRAWN
CHECK
APPR
BY
BY
BY
DATE:
DATE:
DATE:
2
NTS
SCALE:
SIZE:
PART #:
A
PART:
A
1
REV:
B
3
2
C
D
1
TOLERANCE
UNLESS OTHERWISE SPECIFIED
X
±
1
X.X
±
0.4
X.XX
±
0.20
1 of 1
SHEET
IEC 60320 CONNECTOR; QUICK
CONNECT INLET; SNAP-IN
42R02-3XXX-XXX
B
GQ
8/2/01
TD
08/14/01
PB
08/14/01
MATERIAL AND FINISH:
Insulator: Polycarbonate, UL-94V-0 rated
Contacts: Brass, Nickel plated
ELECTRICAL SPECIFICATIONS:
Current rating: 10 A
Voltage rating: 250 VAC
Current rating: 15 A
Voltage rating: 250 VAC
D E
V
ORDERING CODE:
42R02-3 __ __ __ - __ __ __
1 2 3
4
1 = TERMINAL OPTIONS
1 = .187(4.8) (NOT TOOLED)
2 = .250(6.3)
2 = COLOR
1 = BLACK
2 = GRAY
3 = ELECTRICAL CIRCUIT
CONFIGURATION
1 = 15A 250V 120°C
2+GROUND
2 = 15A 250V 70°C
2+GROUND
4 = 15A 250V 70°C
2 POLE
4 = PANEL THICKNESS
2.0±0.05
24
+0.5
14±0.2
4.0±0.1
16
+0.5
REPLACE WITH
CORRESPONDING
PANEL THICKNESS
4.00
A
10A250V~
D E
V
A
30
SEE OPTION 1
19.0
3.0
0.80
A
+0.2
31.0±0.2
19.5
27.0
+0.2
24.0
PANEL CUTOUT
RECOMMENDED
27.5
+0.2
20.0
+0.2
3.0
SECTION A-A
17.0
15
12
19.0
AVAILABLE ON REQUEST
ADDITIONAL PANEL THICKNESS
42R02-3XXX-250
42R02-3XXX-200
42R02-3XXX-100
P/N
2.5
2.0
1.0
A
2.5
2.0
1.0
R4.0 TYP.
RoHS
COMPLIANT
42R02-3XXX-150
1.5
1.5


Similar Part No. - 42R02-3122-250

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
42R02-3212-150 POWERINT-42R02-3212-150 Datasheet
430Kb / 8P
   SIDE FLANGED, PANEL MOUNT
logo
List of Unclassifed Man...
42R02-3XXX ETC1-42R02-3XXX Datasheet
382Kb / 8P
   42R02-1XXX
More results

Similar Description - 42R02-3122-250

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
42R32-3XXX-XXX POWERDYNAMICS-42R32-3XXX-XXX Datasheet
42Kb / 1P
   IEC 60320 SINGLE FUSE HOLDER APPL. INLET; QUICK CONNECT TERMINALS; SNAP-IN
42R02-7XXX POWERDYNAMICS-42R02-7XXX Datasheet
44Kb / 1P
   IEC 60320 C14 APPL. INLET; QUICK CONNECT TERMINALS; SIDE FLANGE
42R02-2XXX POWERDYNAMICS-42R02-2XXX Datasheet
44Kb / 1P
   IEC 60320 C14 APPL. INLET; QUICK CONNECT TERMINALS; CROSS FLANGE
42R02-5XXX POWERDYNAMICS-42R02-5XXX Datasheet
44Kb / 1P
   IEC 60320 C14 APPL. INLET; QUICK CONNECT TERMINALS; BOTTOM FLANGE
42R02-8XXX POWERDYNAMICS-42R02-8XXX Datasheet
41Kb / 1P
   IEC 60320 C14 APPL. INLET; QUICK CONNECT TERMINALS; SIDE FLANGE
42R02-6XXX POWERDYNAMICS-42R02-6XXX Datasheet
44Kb / 1P
   IEC 60320 C14 APPL. INLET; QUICK CONNECT TERMINALS; BOTTOM FLANGE
HGN-336 POWERDYNAMICS-HGN-336 Datasheet
216Kb / 2P
   IEC 60320 INLET SOCKET WITH SWITCH, SNAP-IN
42R32-1XXX POWERDYNAMICS-42R32-1XXX Datasheet
43Kb / 1P
   IEC 60320 SINGLE FUSE HOLDER APPL. INLET; QUICK CONNECT TERMINALS; SIDE FLANGE
42R02-4XXX POWERDYNAMICS-42R02-4XXX Datasheet
45Kb / 1P
   IEC 60320 C14 APPL. INLET; QUICK CONNECT TERMINALS; SIDE FLANGE, PANEL MOUNT
42R03-3X5X-XXX POWERDYNAMICS-42R03-3X5X-XXX Datasheet
41Kb / 1P
   IEC 60320 C14 APPL. INLET; SOLDER TERMINALS; SNAP-IN
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com